Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4772EUK Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4772EUK
Description  200mA/500mA Selectable Current-Limit Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4772EUK Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4772EUK Datasheet HTML 2Page - Maxim Integrated Products MAX4772EUK Datasheet HTML 3Page - Maxim Integrated Products MAX4772EUK Datasheet HTML 4Page - Maxim Integrated Products MAX4772EUK Datasheet HTML 5Page - Maxim Integrated Products MAX4772EUK Datasheet HTML 6Page - Maxim Integrated Products MAX4772EUK Datasheet HTML 7Page - Maxim Integrated Products MAX4772EUK Datasheet HTML 8Page - Maxim Integrated Products MAX4772EUK Datasheet HTML 9Page - Maxim Integrated Products MAX4772EUK Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
200mA/500mA Selectable
Current-Limit Switches
_______________________________________________________________________________________
9
reduce the voltage drop at the input and are recom-
mended for lower voltage applications.
Output Capacitance
Connect a 0.1µF capacitor from OUT to GND. This
capacitor helps prevent inductive parasitics from
pulling OUT negative during turn-off, thus preventing
the MAX4772/MAX4773 from tripping erroneously. If the
load capacitance is too large, then current may not
have enough time to charge the capacitance and the
device assumes that there is a faulty load condition.
The maximum capacitive load value that can be driven
from OUT is obtained by the following formula:
Layout and Thermal Dissipation
To optimize the switch response time to output short-
circuit conditions, it is very important to keep all traces
as short as possible to reduce the effect of undesirable
parasitic inductance. Place input and output capacitors
as close as possible to the device (no more than 5mm).
IN and OUT pins must be connected with short traces
to the power bus.
During normal operation, the power dissipation is small
and the package temperature change is minimal. If the
output is continuously shorted to ground at the maxi-
mum supply voltage, the operation of the switches with
the autoretry option does not cause problems because
the total power dissipated during the short is scaled by
the duty cycle:
where VIN = 4.5V, IOUT = 750mA, tBLANK = 14ms, and
tRETRY = 210ms.
Attention must be given to the MAX4772 where the
latch-off condition must be manually reset by toggling
ON from high to low. If the latch-off time duration is not
sufficiently high, it is possible for the device to reach
the thermal-shutdown threshold and never be able to
turn the device on until it cools down.
Chip Information
TRANSISTOR COUNT: 2539
PROCESS: BiCMOS
P
VI
t
tt
mW
MAX
IN MAX
OUT MAX
BLANK
RETRY
BLANK
=
××
+
=
__
211
C
It
V
MAX
FWD MIN
BLANK MIN
IN
<
×
__


Similar Part No. - MAX4772EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EPA MAXIM-MAX477EPA Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477ESA MAXIM-MAX477ESA Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EUA MAXIM-MAX477EUA Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EUK-T MAXIM-MAX477EUK-T Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
More results

Similar Description - MAX4772EUK

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4795 MAXIM-MAX4795 Datasheet
234Kb / 9P
   450mA/500mA Current-Limit Switches
Rev 0; 8/03
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
   500mA to 6A Adjustable Current-Limit Switches
2019
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com