Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5903ABEUT Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5903ABEUT
Description  72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5903ABEUT Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5903ABEUT Datasheet HTML 4Page - Maxim Integrated Products MAX5903ABEUT Datasheet HTML 5Page - Maxim Integrated Products MAX5903ABEUT Datasheet HTML 6Page - Maxim Integrated Products MAX5903ABEUT Datasheet HTML 7Page - Maxim Integrated Products MAX5903ABEUT Datasheet HTML 8Page - Maxim Integrated Products MAX5903ABEUT Datasheet HTML 9Page - Maxim Integrated Products MAX5903ABEUT Datasheet HTML 10Page - Maxim Integrated Products MAX5903ABEUT Datasheet HTML 11Page - Maxim Integrated Products MAX5903ABEUT Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Turn-On and Turn-Off Delays
After power is applied, or ON/OFF is released, there is
a 150ms delay (tON) before the gate ramp is started.
This delay is also the automatic restart time delay.
In the event of a circuit-breaker condition or an over-
temperature fault condition, the turn-off delay is less
than 4µs. An undervoltage condition must exist for at
least 10ms (tOFF) before the MAX5902/MAX5903 turns
off the external MOSFET. ON/OFF must be held low for
at least 10ms (tOFF) before the MAX5902/MAX5903
turns off the external MOSFET. Turn-off delay minimizes
spurious shutdowns due to noisy signals or momentary
voltage spikes, as well as preventing accidental reset-
ting of the circuit-breaker latch (MAX5902L/MAX5903L).
Thermal Shutdown
A thermal shutdown feature helps protect the external
MOSFET. If the die temperature of the MAX5902/
MAX5903 exceeds +125°C, the MOSFET is turned off.
For accurate performance the MAX5902/MAX5903
must be in close thermal contact with the external MOS-
FET. See the Layout Guidelines section for information.
Due
to
the
low
power
dissipation
of
the
MAX5902/MAX5903, its junction temperature will typi-
cally be within a few degrees of the MOSFET. All ver-
sions of the MAX5902/MAX5903 automatically restart
from a temperature fault when the junction temperature
drops below +110°C.
Undervoltage Lockout
The MAX5902/MAX5903 turns off the external MOSFET
if the magnitude of the input voltage is below the level
set by ON/OFF for longer than 10ms (tOFF). If ON/OFF
is left unconnected, the lockout voltage (VUVLO)
defaults to 31.5V. VUVLO may also be set to any value
within the power-supply range by using external resis-
tors. To set the lockout voltage to a value between +9V
and +72V use a resistor divider connected between VS
and GND, with the center node of the divider connect-
ed to ON/OFF. For example, use a 3kΩ resistor (R1 in
Figure 3) from ON/OFF to GND and calculate the other
resistor, R2, using:
where VUVLO is the desired lockout voltage, and
VON/OFF is the ON/OFF reference threshold specified in
the Electrical Characteristics table (typically 1.26V).
Figure 3 shows an example circuit with VUVLO set for
+18V. To defeat the UVLO simply connect a single
100kΩ resistor between ON/OFF and VS, as shown in
Figure 6.
The Power-Good Output
The power-good output, PGOOD (PGOOD), is open-
drain and asserts when the external MOSFET is fully
enhanced and VSD is less than the circuit-breaker
threshold (VCB). For versions without the circuit-breaker
function (MAX5902N/MAX5903N), PGOOD (PGOOD)
asserts when the external MOSFET is fully enhanced.
PGOOD (PGOOD) deasserts within 4µs when a circuit-
breaker event occurs or if the die temperature exceeds
+125°C. PGOOD (PGOOD) deasserts if VS < VUVLO for
longer than 10ms or ON/OFF is held low for longer than
10ms.
The MAX5902 PGOOD is active-low and the MAX5903
PGOOD is active-high. Both are open-drain n-channel
MOSFETs with their sources connected to GND, and
can withstand up to +72V.
RR
V
V
UVLO
ON OFF
21
1
/
+72V, SOT23/TDFN, Simple Swapper Hot-Swap
Controllers
8
_______________________________________________________________________________________
HOT-SWAP CONTROLLER
+9V TO +72V
VS
GND
100kΩ
MAX5902
GND
ON/OFF
Figure 6. Defeating Undervoltage Lockout
HOT-SWAP CONTROLLER
5V LOGIC
GND
LOGIC CONTROL OF 3.3V OR LESS MAY BE CONNECTED
DIRECTLY TO THE MAX5902/MAX5903. FOR 5V LOGIC
CONTROL INSERT A SERIES 47kΩ RESISTOR AS SHOWN.
47kΩ
MAX5902
MAX5903
GND
ON/OFF
Figure 5. Logic Control


Similar Part No. - MAX5903ABEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5903 MAXIM-MAX5903 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
More results

Similar Description - MAX5903ABEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
   60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com