Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4883CETB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4883CETB
Description  Overvoltage Protection Controllers with Current Limit in TDFN
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4883CETB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4883CETB Datasheet HTML 1Page - Maxim Integrated Products MAX4883CETB Datasheet HTML 2Page - Maxim Integrated Products MAX4883CETB Datasheet HTML 3Page - Maxim Integrated Products MAX4883CETB Datasheet HTML 4Page - Maxim Integrated Products MAX4883CETB Datasheet HTML 5Page - Maxim Integrated Products MAX4883CETB Datasheet HTML 6Page - Maxim Integrated Products MAX4883CETB Datasheet HTML 7Page - Maxim Integrated Products MAX4883CETB Datasheet HTML 8Page - Maxim Integrated Products MAX4883CETB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX4881–MAX4884/MAX4893B overvoltage pro-
tection (OVP) controllers with built-in current-limited
switch, protect low-voltage systems against voltages of
up to 28V. When the input voltage exceeds the overvolt-
age trip level of 5.6V (MAX4881/MAX4883/MAX4893B) or
4.5V (MAX4882/MAX4884), the external n-channel MOS-
FET is turned off to prevent damage to the protected
components. An undervoltage/overvoltage flag indicator
(OV) notifies the processor that an undervoltage/overvolt-
age fault condition is present.
The MAX4881/MAX4882 feature an internal 1.1A
current-limited switch, while the MAX4883B/MAX4883C/
MAX4884B/MAX4884C include an internal 0.7A current-
limited switch. The MAX4893B includes a 0.9A current-
limited switch. When the load current is at the current
limit for longer than the blanking time, the switch of the
MAX4881/MAX4882/MAX4883B/MAX4884B/
MAX4893B latches off and does not turn back on until
EN, CB, or IN is cycled. A current-limit flag (FLAGI)
asserts to indicate a current fault condition.
The MAX4883C/MAX4884C limit the current to 0.7A
indefinitely until the thermal protection trips. An overcur-
rent flag output asserts to indicate a current fault condi-
tion after the blanking time has elapsed.
The MAX4881–MAX4884/MAX4893B have a control
input (CB) that is used to turn on and off the internal cur-
rent-limited switch. Other features include a shutdown
function (EN) to disable the external n-channel MOSFET,
and a built-in startup delay to allow the adapter voltage
to settle down before turning on the MOSFET.
The MAX4881–MAX4884/MAX4893B are offered in a
space-saving 10-pin TDFN package and operate over
the extended -40°C to +85°C temperature range.
Applications
Features
o Overvoltage Protection Up to 28V
o Preset Overvoltage Trip Level
5.6V (MAX4881/MAX4883/MAX4893B)
4.5V (MAX4882/MAX4884)
o Internal Current-Limited Switch
1.1A (MAX4881/MAX4882)
0.7A (MAX4883/MAX4884)
0.9A (MAX4893B)
o Drives Low-Cost n-Channel MOSFET
o Internal 50ms Startup Delay
o Overvoltage Fault OV Indicator
o Current-Limit Fault FLAGI Indicator
o Undervoltage Lockout
o Thermal Shutdown Protection
o Tiny 10-Pin TDFN Package
Overvoltage Protection Controllers with
Current Limit in TDFN
________________________________________________________________ Maxim Integrated Products
1
MAX4881
MAX4882
MAX4883
MAX4884
MAX4893B
3mm x 3mm TDFN
TOP VIEW
13
4
10
*EP
*CONNECT EXPOSED PAD TO GND.
87
2
9
5
6
+
Pin Configuration
Ordering Information
19-3777; Rev 2; 10/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
OV TRIP
LEVEL (V)
CURRENT
LIMIT (A)
CURRENT-LIMIT
MODE
TOP
MARK
PKG
CODE
MAX4881ETB
-40°C to +85°C
10 TDFN-EP*
5.6
1.1
LATCHOFF
APK
T1033-1
MAX4882ETB
-40°C to +85°C
10 TDFN-EP*
4.5
1.1
LATCHOFF
APL
T1033-1
MAX4883BETB
-40°C to +85°C
10 TDFN-EP*
5.6
0.7
LATCHOFF
APM
T1033-1
MAX4883CETB
-40°C to +85°C
10 TDFN-EP*
5.6
0.7
CONTINUOUS
APN
T1033-1
MAX4884BETB**
-40°C to +85°C
10 TDFN-EP*
4.5
0.7
LATCHOFF
APO
T1033-1
MAX4884CETB**
-40°C to +85°C
10 TDFN-EP*
4.5
0.7
CONTINUOUS
APP
T1033-1
MAX4893BETB
-40°C to +85°C
10 TDFN-EP*
5.6
0.9
LATCHOFF
ATF
T1033-1
Cell Phones
Digital Still Cameras
PDAs and Palmtop Devices
MP3 Players
* EP = Exposed pad.
**Future product—contact factory for availability.


Similar Part No. - MAX4883CETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX488 MAXIM-MAX488 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX488 MAXIM-MAX488 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX488 MAXIM-MAX488 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX488 MAXIM-MAX488 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
ARTSCHIP ELECTRONICS CO...
MAX488 ARTSCHIP-MAX488 Datasheet
6Mb / 16P
   Low-Power, Slew-Rate-Limited Transceivers
More results

Similar Description - MAX4883CETB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4843 MAXIM-MAX4843_V01 Datasheet
198Kb / 10P
   Overvoltage Protection Controllers with Low Standby Current
2009
MAX4843 MAXIM-MAX4843 Datasheet
296Kb / 9P
   Overvoltage Protection Controllers with Low Standby Current
Rev 0; 4/05
MAX4864L MAXIM-MAX4864L_10 Datasheet
197Kb / 11P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 2; 5/10
MAX4864L MAXIM-MAX4864L Datasheet
346Kb / 12P
   Overvoltage Protection Controllers with Reverse Polarity Protection
Rev 1; 5/06
MAX4838 MAXIM-MAX4838 Datasheet
227Kb / 10P
   Overvoltage Protection Controllers with Status FLAG
Rev 0; 10/03
MAX4838A MAXIM-MAX4838A Datasheet
503Kb / 11P
   Overvoltage-Protection Controllers with Status FLAG
Rev 0; 2/06
MAX4978 MAXIM-MAX4978 Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
MAX1807 MAXIM-MAX1807 Datasheet
240Kb / 10P
   Micropower Adjustable Overvoltage Protection Controllers
Rev 0; 10/00
logo
Advanced Monolithic Sys...
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
   Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
   Current Limit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com