Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5903AAEUT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5903AAEUT
Description  72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5903AAEUT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5903AAEUT Datasheet HTML 1Page - Maxim Integrated Products MAX5903AAEUT Datasheet HTML 2Page - Maxim Integrated Products MAX5903AAEUT Datasheet HTML 3Page - Maxim Integrated Products MAX5903AAEUT Datasheet HTML 4Page - Maxim Integrated Products MAX5903AAEUT Datasheet HTML 5Page - Maxim Integrated Products MAX5903AAEUT Datasheet HTML 6Page - Maxim Integrated Products MAX5903AAEUT Datasheet HTML 7Page - Maxim Integrated Products MAX5903AAEUT Datasheet HTML 8Page - Maxim Integrated Products MAX5903AAEUT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
+72V, SOT23/TDFN, Simple Swapper Hot-Swap
Controllers
________________________________________________________________ Maxim Integrated Products
1
19-1988; Rev 3; 1/07
General Description
The MAX5902/MAX5903 are hot-swap controllers that
allow a circuit card to be safely hot plugged into a live
backplane without causing a glitch on the power-sup-
ply rail. These devices operate from +9V to +72V and
provide the simplest hot-swap solution by eliminating all
external components except the external p-channel
MOSFET.
The MAX5902/MAX5903 limit the inrush current to the
load and provide a circuit-breaker function for overcurrent
protection. During startup the circuit-breaker function is
disabled and the MAX5902/MAX5903 limit the inrush cur-
rent by gradually turning on the external MOSFET. Once
the external MOSFET is fully enhanced, the circuit-break-
er function is enabled and the MAX5902/MAX5903 pro-
vide overcurrent protection by monitoring the voltage
drop across the external MOSFET’s on-resistance.
The MAX5902/MAX5903 include an undervoltage lock-
out (UVLO) function, ON/OFF control input, and a
power-good status output, PGOOD (MAX5902) or
PGOOD (MAX5903). A built-in thermal shutdown fea-
ture is also included to protect the external MOSFET in
case of overheating.
The MAX5902/MAX5903 offer latched or autoretry fault
management and are available with 300mV, 400mV or
500mV circuit-breaker thresholds. Both the MAX5902 and
MAX5903 are available in small SOT23 and TDFN pack-
ages, and are specified for the extended -40°C to +85°C
temperature range. For specific ordering information, see
the Selector Guide at the end of the data sheet.
Applications
Network Routers
Servers
Network Switches
RAID
Base Station Line
Industrial Systems
Cards
Features
♦ Wide +9V to +72V Operation
♦ Requires No External Sense Resistor
♦ Drives External p-Channel MOSFET
♦ Limits Inrush Current
♦ Circuit-Breaker Function
♦ Less than 2mA Quiescent Current
♦ ON/OFF Input Permits Load Power-Supply
Control and Sequencing
♦ Adjustable Undervoltage Lockout
♦ Power-Good Output with +72V Rating
♦ Latching or Automatic Retry Fault Management
♦ Thermal Shutdown Helps Protect the External
MOSFET
♦ Available in Two Small Packages
6-Pin TDFN and SOT23
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX5902_ _EUT-T+* -40°C to +85°C
6 SOT23-6
U6F+6
MAX5902_ _ETT-T+*
-40°C to +85°C
6 TDFN-6
T633+2
MAX5903_ _EUT-T+* -40°C to +85°C
6 SOT23-6
U6F+6
MAX5903_ _ETT-T+*
-40°C to +85°C
6 TDFN-6
T633+2
*For specific part numbers see the Selector Guide at end of
data sheet.
+Denotes lead-free package.
GND
16
ON/OFF
5
PGOOD (PGOOD)
VS
MAX5902
MAX5903
SOT23-6
TOP VIEW
( ) ARE FOR MAX5903 ONLY.
2
34
DRAIN
GATE
Pin Configurations
Typical Operating Circuits
GND
ON/OFF
HOT-SWAP CONTROLLER
VS
GND
50W ISOLATED
POWER SUPPLY
VIN (-)
ON/OFF
LUCENT
JW050A1
VIN (+)
GATE
DRAIN
PGOOD
+48V
BACKPLANE
CIRCUIT CARD
IRFR5410
MAX5902
Simple Swapper is a trademark of Maxim Integrated Products, Inc.
Pin Configurations continued at end of data sheet.
Typical Operating Circuits continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX5903AAEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5903 MAXIM-MAX5903 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
More results

Similar Description - MAX5903AAEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
   60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com