Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4717EBC Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4717EBC
Description  4.5OHM/20OHM, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4717EBC Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4717EBC Datasheet HTML 1Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 2Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 3Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 4Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 5Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 6Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 7Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 8Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4.5
/20, 300MHz Bandwidth, Dual SPDT
Analog Switches in UCSP
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +2.7V to +3.6V, VIH = +1.4V, VIL = +0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +3.0V,
TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Switch On-Capacitance
C(ON)
f = 1MHz, Figure 6
+25°C
15
pF
DIGITAL I/O
Input Logic High Voltage
VIH
TMIN to
TMAX
1.4
V
Input Logic Low Voltage
VIL
TMIN to
TMAX
0.5
V
Input Leakage Current
IIN
V+ = +3.6V, VIN_ = 0 or 5.5V
TMIN to
TMAX
-100
+100
nA
POWER SUPPLY
Power-Supply Range
V+
TMIN to
TMAX
1.8
5.5
V
Supply Current
I+
V+ = +5.5V, VIN_ = 0V or V+
TMIN to
TMAX
1µA
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.2V to +5.5V, VIH = +2.0V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +5.0V,
TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
Analog Signal Range
VCOM_,
VNO_, VNC_
TMIN to
TMAX
0V+
V
ANALOG SWITCH (Low RON—MAX4717/MAX4718 SPDT 1)
+25°C
1.7
3
On-Resistance (Note 4)
RON
V+ = 4.2V, ICOM_ = 10mA;
VNO_ or VNC_ = 3.5V
TMIN to
TMAX
3.5
+25°C
0.1
0.3
On-Resistance Match Between
Channels (Notes 4, 5)
∆RON
V+ = 4.2V, ICOM_ = 10mA;
VNO_ or VNC_ = 3.5V
TMIN to
TMAX
0.4
+25°C
0.4
1.2
On-Resistance Flatness
(Note 6)
RFLAT(ON)
V+ = 4.2V, ICOM_ = 10mA;
VNO_ or VNC_ = 1.0V, 2.0V, 3.5V
TMIN to
TMAX
1.5
+25°C
-0.5
+0.01
+0.5
NO_, NC_ Off-Leakage Current
(Note 7)
INO_(OFF),
INC_(OFF)
V+ = 5.5V; VCOM_ = 1.0V, 4.5V;
VNO_ or VNC_ = 1.0V, 4.5V
TMIN to
TMAX
-1
+1
nA
+25°C
-1
+0.01
+1
COM_ On-Leakage Current
(Note 7)
ICOM_(ON)
V+ = 5.5V; VCOM_ = 1.0V, 4.5V;
VNO_ or VNC_ = 1.0V, 4.5V, or
floating
TMIN to
TMAX
-2
+2
nA


Similar Part No. - MAX4717EBC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4717EUB MAXIM-MAX4717EUB Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
More results

Similar Description - MAX4717EBC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4719 MAXIM-MAX4719 Datasheet
282Kb / 11P
   300MHz Bandwidth, Dual SPDT Analog Switch in UCSP
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Maxim Integrated Produc...
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4684 MAXIM-MAX4684_09 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com