Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4717EBC Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4717EBC
Description  4.5OHM/20OHM, 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4717EBC Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4717EBC Datasheet HTML 6Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 7Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 8Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 9Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 10Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 11Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 12Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 13Page - Maxim Integrated Products MAX4717EBC Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Detailed Description
The MAX4717/MAX4718 high-speed, low-voltage, low on-
resistance (RON), dual SPDT analog switches operate
from a single +1.8V to +5.5V supply. The switches feature
break-before-make switching operation and fast switch-
ing speeds (tON = 80ns (max), tOFF = 40ns (max)).
These switches have low 15pF on-channel capaci-
tance, which allows for 12Mbps switching of the data
signals for USB 1.0/1.1 applications. The MAX4717 is
designed to switch D+ and D- USB signals with a guar-
anteed skew of less than 2ns (see Figure 4) as mea-
sured from 50% of the input signal to 50% of the output
signal.
Applications Information
Digital Control Inputs
The MAX4717/MAX4718 logic inputs accept up to
+5.5V regardless of supply voltage. For example, with
a +3.3V supply, IN_ can be driven low to GND and high
to +5.5V allowing for mixing of logic levels in a system.
Driving the control logic inputs rail-to-rail minimizes
power consumption. For a +3V supply voltage, the
logic thresholds are 0.5V (low) and 1.4V (high); for a
+5V supply voltage, the logic thresholds are 0.8V (low)
and 2.0V (high).
Analog Signal Levels
The on-resistance of the MAX4717/MAX4718 changes
very little for analog input signals across the entire supply
voltage range (see the Typical Operating Characteristics).
The switches are bidirectional, so the NO_, NC_, and
COM_ pins can be either inputs or outputs.
Power-Supply Sequencing and
Overvoltage Protection
Caution: Do not exceed the absolute maximum rat-
ings because stresses beyond the listed ratings
may cause permanent damage to the device.
Proper power-supply sequencing is recommended for
all CMOS devices. Always apply V+ before applying
analog signals, especially if the analog signal is not
current-limited.
UCSP Application Information
For the latest application details on UCSP construction,
dimensions, tape carrier information, printed circuit
board techniques, bump-pad layout, and recommend-
ed reflow temperature profile as well as the latest infor-
mation on reliability testing results, go to the Maxim
web site at www.maxim-ic.com/ucsp to find the
Application Note: USCP—A Wafer-Level Chip-Scale
Package.
Chip Information
TRANSISTOR COUNT: 235
PROCESS: BiCMOS
4.5
/20, 300MHz Bandwidth, Dual SPDT
Analog Switches in UCSP
10
______________________________________________________________________________________
PIN
UCSP
µMAX/
TDFN
NAME
FUNCTION
A1
7
NC2
Analog Switch 2—Normally Closed
Terminal
A2
8
IN2
Analog Switch 2—Digital Control
Input
A3
9
COM2
Analog Switch 2—Common
Terminal
A4
10
NO2
Analog Switch 2—Normally Open
Terminal
B1
6
GND
Ground. Connection.
B4
1
V+
Positive-Supply Voltage
C1
5
NC1
Analog Switch 1—Normally Closed
Terminal
C2
4
IN1
Analog Switch 1—Digital Control
Input
C3
3
COM1
Analog Switch 1—Common
Terminal
C4
2
NO1
Analog Switch 1—Normally Open
Terminal
——
EP
Exposed Pad (for TDFN package
only). Connect to ground.
Pin Description


Similar Part No. - MAX4717EBC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4717EUB MAXIM-MAX4717EUB Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
More results

Similar Description - MAX4717EBC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4717 MAXIM-MAX4717 Datasheet
349Kb / 15P
   4.5 ??20 ?? 300MHz Bandwidth, Dual SPDT Analog Switches in UCSP
Rev 0; 10/02
MAX4719 MAXIM-MAX4719 Datasheet
282Kb / 11P
   300MHz Bandwidth, Dual SPDT Analog Switch in UCSP
logo
AiT Semiconductor Inc.
A4715 AITSEMI-A4715 Datasheet
809Kb / 12P
   DUAL SPDT ANALOG SWITCH 300MHz BANDWIDTH
REV1.0
logo
Maxim Integrated Produc...
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
MAX4684 MAXIM-MAX4684_09 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
logo
Union Semiconductor, In...
UM4258Q UNIONSEMI-UM4258Q_16 Datasheet
446Kb / 14P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
UM4717 UNIONSEMI-UM4717_16 Datasheet
477Kb / 16P
   4.5(OHM) 300MHz Bandwidth Dual SPDT Analog Switch
logo
SG Micro Corp
SGM4717 SGMICRO-SGM4717 Datasheet
535Kb / 11P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
SGM4717EP SGMICRO-SGM4717EP Datasheet
434Kb / 10P
   4.5廓, 300MHz Bandwidth, Dual, SPDT Analog Switch
logo
Union Semiconductor, In...
UM4717 UNIONSEMI-UM4717 Datasheet
433Kb / 16P
   4.5廓 300MHz Bandwidth Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com