Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9064EUK Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX9064EUK
Description  Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9064EUK Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX9064EUK Datasheet HTML 4Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 5Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 6Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 7Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 8Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 9Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 10Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 11Page - Maxim Integrated Products MAX9064EUK Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Ultra-Small, Low-Power Single
Comparators in 4-Bump UCSP and 5-SOT23
8
_______________________________________________________________________________________
Applications Information
Bypassing REF/VCC
Place a 0.1µF capacitor between REF or VCC and
GND as close as possible to the device. During a
switching event, all comparators draw a current spike
from their power-supply rails. This current spike is
minimized by the use of an internal break-before-make
design.
Hysteresis Operation
The MAX9060–MAX9064 feature internal hysteresis for
noise immunity and glitch-free operation. If additional
hysteresis is needed, an external positive feedback net-
work can be easily implemented on the MAX9060,
MAX9062, and MAX9064 noninverting input devices.
Additional external hysteresis is not recommended for
the MAX9061 due to possible crossover current-related
noise problems. Additional external hysteresis is not
possible on the MAX9063 because the noninverting
input of the comparator is not externally accessible.
Adaptive Signal Level Detector
The MAX9060 and MAX9061 can be used as an adap-
tive signal-level detector. Feed a DAC output voltage
to REF and connect the input to a variable signal level.
As the DAC output voltage is varied from 0.9V to 5.5V,
a corresponding signal level threshold-detector circuit
is implemented. See Figure 1.
PART
INPUT VOLTAGE CONDITIONS
ACTION AT OUTPUT
VIN > VREF
External pullup resistor pulls output high.
MAX9060
VIN < VREF
Output asserts low.
VIN > VREF
Output asserts low.
MAX9061
VIN < VREF
External pullup resistor pulls output high.
VIN > 0.2V
External pullup resistor pulls output high.
MAX9062
VIN < 0.2V
Output asserts low.
VIN > 0.2V
Output asserts low.
MAX9063
VIN < 0.2V
External pullup resistor pulls output high.
VIN > 0.2V
Output asserts high.
MAX9064
VIN < 0.2V
Output asserts low.
Figure 1. Adaptive Signal Level Detector
MAX9060
DAC
REF
IN
MICROCONTROLLER
INTERNAL
PULLUP
VDD
I/O
OUT
Table 1. How Devices Behave Under Various Input Voltage Conditions


Similar Part No. - MAX9064EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9064EUK MAXIM-MAX9064EUK Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
MAX9064EUK++ MAXIM-MAX9064EUK+ Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
More results

Similar Description - MAX9064EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9060 MAXIM-MAX9060 Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
MAX9060 MAXIM-MAX9060_11 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
MAX9065 MAXIM-MAX9065_11 Datasheet
384Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 2; 1/11
MAX9065 MAXIM-MAX9065 Datasheet
226Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 1; 10/08
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com