Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5902ABEUT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX5902ABEUT
Description  72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5902ABEUT Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX5902ABEUT Datasheet HTML 5Page - Maxim Integrated Products MAX5902ABEUT Datasheet HTML 6Page - Maxim Integrated Products MAX5902ABEUT Datasheet HTML 7Page - Maxim Integrated Products MAX5902ABEUT Datasheet HTML 8Page - Maxim Integrated Products MAX5902ABEUT Datasheet HTML 9Page - Maxim Integrated Products MAX5902ABEUT Datasheet HTML 10Page - Maxim Integrated Products MAX5902ABEUT Datasheet HTML 11Page - Maxim Integrated Products MAX5902ABEUT Datasheet HTML 12Page - Maxim Integrated Products MAX5902ABEUT Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
+72V, SOT23/TDFN, Simple Swapper Hot-Swap
Controllers
_______________________________________________________________________________________
9
Selecting a Circuit-Breaker Threshold
The MAX5902A/MAX5903A and the MAX5902L/
MAX5903L offer a circuit-breaker function to protect the
external MOSFET and the load from the potentially
damaging effects of excessive current. As load current
flows through the external MOSFET, a voltage, VSD, is
generated from source to drain due to the MOSFET’s
on-resistance, RDS(ON). The MAX5902A/MAX5903A
and MAX5902L/MAX5903L monitor VSD when the exter-
nal MOSFET is fully enhanced. If VSD exceeds the
circuit-breaker threshold the external MOSFET is turned
off, and PGOOD (PGOOD) is deasserted. To accom-
modate different MOSFETs and different load currents
the MAX5902/MAX5903 are available with circuit-break-
er threshold voltages of 300mV, 400mV, and 500mV. To
determine the proper circuit-breaker threshold for an
application use:
VCB > (RDS(ON)) (IOUT(MAX))
where RDS(ON) is the on-resistance of the MOSFET and
IOUT(MAX) is the maximum expected output current.
The MAX5902N/MAX5903N have no circuit-breaker
function. For these parts choose an external MOSFET
which meets the load requirements.
The circuit-breaker function is intended to protect
against gross overcurrent or short-circuit conditions.
During a gross overcurrent or short-circuit condition,
the MAX5902/MAX5903 disconnect the load by dis-
abling the external MOSFET. For calculating the circuit-
breaker threshold use the MOSFET’s RON at the worst
possible operating condition, and add a 20% overcur-
rent margin to the maximum circuit current. For
instance, if a MOSFET has an RON of 0.06Ω at TA =
+25°C, and a normalized on-resistance factor of 1.75 at
TA = +130°C (from the MOSFET data sheet), the RON
used for calculation is the product of these two num-
bers, or (0.06Ω) x (1.75) = 0.105Ω. Then, if the maxi-
mum current is expected to be 2A, using a 20%
margin, the current for calculation is (2A) x (1.2) = 2.4A.
The resulting minimum circuit-breaker threshold is then
a product of these two results, or (0.105Ω) x (2.4A) =
0.252V. The next highest minimum available threshold
is 0.280V of the MAX5902ABEUT, which is an ideal
choice given these parameters. Using this method to
choose a circuit-breaker threshold allows the circuit to
operate under worst case conditions without causing a
circuit-breaker fault, but the circuit-breaker function will
still operate if a short circuit, or a gross overcurrent
condition exists.
Determining Inrush Current
Determining a circuit’s inrush current is necessary to
help choose the proper MOSFET. The MAX5902/
MAX5903 regulate the inrush current by means of con-
trolling the load voltage slew rate, but inrush current is
also a function of load capacitance. Determine inrush
current using:
where C is the load capacitance, and SR is the
MAX5902/MAX5903
Load
Voltage
Slew-Rate
Magnitude from the Electrical Characteristics table. For
example, assuming a load capacitance of 100µF, and
using the typical value of 9V/ms for the slew rate, the
inrush current is 0.9A typical.
If the maximum possible Load Voltage Slew Rate is
used, the maximum inrush current calculates to 1.8A.
Choose a MOSFET with a maximum pulsed current
specification that exceeds the maximum inrush current.
IC
dV
dt
CSR
==
×
GROUND
POWER IN
POWER
OUT
M1
SOT-223
SDG
U1
SOT23-6
MAX5902/MAX5903
Figure 7. Circuit Board Layout Example.
MAXIMUM
ILOAD (A)
SUGGESTED
EXTERNAL
MOSFET
SUGGESTED MAXIM
PART
0.5
IRF9540NS
MAX5902AAEUT
1
IRF9540NS
MAX5902ABEUT
2
IRF5210S
MAX5902ABEUT
3
IRF5210S
MAX5902ACEUT
VIN = +9V to +72V


Similar Part No. - MAX5902ABEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
More results

Similar Description - MAX5902ABEUT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5902AAETT-T MAXIM-MAX5902AAETT-T Datasheet
339Kb / 14P
   72V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 3; 1/07
MAX5902 MAXIM-MAX5902 Datasheet
279Kb / 11P
   72V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 1; 9/02
MAX5901ABEUT-T MAXIM-MAX5901ABEUT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5901LAETT-T MAXIM-MAX5901LAETT-T Datasheet
295Kb / 14P
   -100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900_07 Datasheet
295Kb / 14P
   100V, SOT23/TDFN, Simple Swapper Hot-Swap Controllers
Rev 5; 1/07
MAX5900 MAXIM-MAX5900 Datasheet
260Kb / 11P
   -100V SOT23 Simple Swapper Hot-Swap Controllers
19-1988; Rev 3; 8/03
MAX5911 MAXIM-MAX5911 Datasheet
417Kb / 8P
   -48V Simple Swapper Hot-Swap Switches
19-1832; Rev 0a; 1/01
MAX5910 MAXIM-MAX5910 Datasheet
273Kb / 11P
   65V Simple Swapper Hot-Swap Switches
19-1706; Rev 0; 7/01
MAX5923 MAXIM-MAX5923 Datasheet
444Kb / 12P
   60V Simple Swapper Hot-Swap Switch
Rev 0; 4/03
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com