Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15018 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15018
Description  125V/3A, High-Speed, Half-Bridge MOSFET Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15018 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15018 Datasheet HTML 1Page - Maxim Integrated Products MAX15018 Datasheet HTML 2Page - Maxim Integrated Products MAX15018 Datasheet HTML 3Page - Maxim Integrated Products MAX15018 Datasheet HTML 4Page - Maxim Integrated Products MAX15018 Datasheet HTML 5Page - Maxim Integrated Products MAX15018 Datasheet HTML 6Page - Maxim Integrated Products MAX15018 Datasheet HTML 7Page - Maxim Integrated Products MAX15018 Datasheet HTML 8Page - Maxim Integrated Products MAX15018 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
125V/3A, High-Speed,
Half-Bridge MOSFET Drivers
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN_H = IN_L = GND
(MAX15018A/MAX15019A)
Logic-Input Current
IIN_
IN_H = GND, IN_L = VDD
(MAX15018B/MAX15019B)
-1
+1
µA
IN_L to GND (MAX15018A/MAX15019A)
IN_L to VDD (MAX15018B/MAX15019B)
Input Resistance
RIN_
IN_H to GND
5001
k
Input Capacitance
CIN_
8pF
HIGH-SIDE GATE DRIVER
HS Maximum Voltage
VHS_MAX
125
V
BST Maximum Voltage
VBST_MAX
140
V
TA = +25°C
1.75
2.4
RON_HP
(VBST - VHS) = 12V,
IDH = 100mA (sourcing)
TA = +125°C
2.3
3.0
TA = +25°C
1.1
1.75
Driver Output Resistance
RON_HN
(VBST - VHS) = 12V, IDH =
100mA (sinking)
TA = +125°C
1.6
2.25
Power-Off Pulldown Clamp
Voltage
VBST = 0V or unconnected, IDH = 1mA
(sinking)
0.88
1.2
V
IPK_HP
VDH = 0V
3
Peak Output Current
IPK_HN
VDH = 12V
3
A
LOW-SIDE GATE DRIVER
TA = +25°C
1.75
2.4
RON_LP
VDD = 12V,
IDL = 100mA (sourcing)
TA = +125°C
2.3
3.0
TA = +25°C
1.1
1.75
Driver Output Resistance
RON_LN
VDD = 12V,
IDL = 100mA (sinking)
TA = +125°C
1.6
2.25
Power-Off Pulldown Clamp
Voltage
VDD = 0V or unconnected, IDL = 1mA
(sinking)
0.88
1.2
V
IPK_LP
VDL = 0V
3
Peak Output Current
IPK_LN
VDL = 12V
3
A
INTERNAL BOOTSTRAP DIODE
Forward Voltage Drop
VF
IBST = 100mA
0.9
1.1
V
Turn-On and Turn-Off Time
tRR
IBST = 100mA
40
ns
ELECTRICAL CHARACTERISTICS (continued)
(VDD = VBST = 8V to 12.6V, VHS = VGND = 0V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at VDD = VBST
= 12V and TA = +25°C.) (Note 1)


Similar Part No. - MAX15018

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1501 MAXIM-MAX1501 Datasheet
367Kb / 15P
   Highly Integrated, Linear Battery Charger with Thermal Regulation for Portable Applications
Rev 0; 4/03
MAX1501 MAXIM-MAX1501 Datasheet
230Kb / 16P
   Highly Integrated, Linear Battery Charger with Thermal Regulation for Portable Applications
2014
MAX15010 MAXIM-MAX15010 Datasheet
469Kb / 23P
   Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Rev 0; 9/07
MAX15010ATJ++ MAXIM-MAX15010ATJ+ Datasheet
469Kb / 23P
   Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Rev 0; 9/07
MAX15011 MAXIM-MAX15011 Datasheet
469Kb / 23P
   Automotive 300mA LDO Regulators with Switched Output and Overvoltage Protector
Rev 0; 8/07
More results

Similar Description - MAX15018

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
   3A High-Speed MOSFET Drivers
01/27/15
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
   3A High-Speed MOSFET Drivers
2003
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
TC1413 MICROCHIP-TC1413_13 Datasheet
262Kb / 18P
   3A High-Speed MOSFET Drivers
2001-2012 11/27/12
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com