Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5558ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5558ESA
Description  Low-Cost Stereo Audio DACs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5558ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5558ESA Datasheet HTML 1Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 2Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 3Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 4Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 5Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 6Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 7Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 8Page - Maxim Integrated Products MAX5558ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Low-Cost Stereo Audio DACs
_______________________________________________________________________________________
5
(VDD = +5V, GND = 0V, ROUT_ = 10kΩ, COUT_ = 10pF, TA = +25°C, unless otherwise noted.)
Typical Operating Characteristics
-0.25
-0.15
-0.20
-0.05
-0.10
0.05
0
0.10
0.20
0.15
0.25
0
0.1
0.2
0.3
0.4
0.5
PASSBAND RIPPLE
FREQUENCY (NORMALIZED TO fS)
-100
-110
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-130
-120
-140
0
2
4
6
8
1012 1416 1820
FREQUENCY (kHz)
0dBFS FFT
16,000-SAMPLE FFT USING 1kHz INPUT
-100
-110
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-130
-120
-140
0
2
4
6
8
1012 1416 1820
FREQUENCY (kHz)
-60dBFS FFT
16,000-SAMPLE FFT USING 1kHz INPUT
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0
0.2 0.3 0.4
0.1
0.5 0.6 0.7
0.9
0.8
1.0
STOPBAND REJECTION
FREQUENCY (NORMALIZED TO fS)
-100
-80
-90
-60
-70
-40
-50
-30
-10
-20
0
0.40
0.44
0.48
0.52
0.56
0.60
TRANSITION BAND
FREQUENCY (NORMALIZED TO fS)
-10
-7
-8
-9
-6
-5
-4
-3
-2
-1
0
0.40
0.44
0.42
0.46
0.48
0.50
0.52
TRANSITION BAND DETAIL
FREQUENCY (NORMALIZED TO fS)
-100
-110
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-130
-120
-140
0
2
4
6
8
1012 1416 1820
FREQUENCY (kHz)
IDLE-CHANNEL NOISE FFT
16,000-SAMPLE FFT WITH NO INPUT
-100
-110
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-130
-120
-140
0
2
4
6
8
1012 1416 1820
FREQUENCY (kHz)
TWIN-TONE IMD FFT
16,000-SAMPLE FFT
WITH 13kHz AND
14kHz INPUT SIGNALS
-110
-100
-80
-90
-70
-60
-60
-40
-50
-30
-20
-10
0
THD+N vs. AMPLITUDE
AMPLITUDE (dBFS)
UNWEIGHTED
A-WEIGHTED
INPUT = 1kHz 18-BIT SIGNAL
INTEGRATION BANDWIDTH = 20Hz TO 20kHz


Similar Part No. - MAX5558ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX555 MAXIM-MAX555 Datasheet
98Kb / 12P
   300Msps, 12-Bit DAC with Complementary Voltage Outputs
Rev 1; 9/95
MAX5550 MAXIM-MAX5550 Datasheet
397Kb / 15P
   Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
MAX5550 MAXIM-MAX5550 Datasheet
493Kb / 14P
   MAX5550 Evaluation Kit
Rev 0; 3/08
MAX5550ETE MAXIM-MAX5550ETE Datasheet
397Kb / 15P
   Dual, 10-Bit, Programmable, 30mA High-Output-Current DAC
Rev 0; 10/05
MAX5550EVKIT MAXIM-MAX5550EVKIT Datasheet
493Kb / 14P
   MAX5550 Evaluation Kit
Rev 0; 3/08
More results

Similar Description - MAX5558ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
   Low-Cost Stereo Audio DAC
Rev 1; 2/11
logo
MOSA ELECTRONICS
MS6310 MOSA-MS6310 Datasheet
185Kb / 6P
   Low Cost 16-Bit Stereo Audio DAC
MS6309 MOSA-MS6309_10 Datasheet
1,007Kb / 9P
   Low Cost 16-Bit Stereo Audio DAC
logo
Analog Devices
AD74322 AD-AD74322 Datasheet
123Kb / 20P
   Low Cost, Low Power Stereo Audio Analog Front End
REV. Pr D 03/00
logo
Maxim Integrated Produc...
MAX9718 MAXIM-MAX9718 Datasheet
569Kb / 23P
   Low-Cost, Mono/Stereo,1.4W Differential Audio Power Amplifiers
Rev 0; 10/03
MAX9718 MAXIM-MAX9718_09 Datasheet
603Kb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 6; 3/09
MAX9718 MAXIM-MAX9718_10 Datasheet
1Mb / 26P
   Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers
Rev 7; 4/10
logo
Cirrus Logic
CS4327 CIRRUS-CS4327 Datasheet
1Mb / 36P
   Low Cost, 20-Bit, Stereo, Audio D/A Converter
logo
NXP Semiconductors
UDA1330ATS PHILIPS-UDA1330ATS Datasheet
110Kb / 24P
   Low-cost stereo filter DAC
2000 Apr 18
logo
MOSA ELECTRONICS
MS6331 MOSA-MS6331_1 Datasheet
217Kb / 9P
   16-bit Stereo Audio DAC & Headphone Driver Component Less, Low Cost
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com