Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9062EBS Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9062EBS
Description  Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9062EBS Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9062EBS Datasheet HTML 1Page - Maxim Integrated Products MAX9062EBS Datasheet HTML 2Page - Maxim Integrated Products MAX9062EBS Datasheet HTML 3Page - Maxim Integrated Products MAX9062EBS Datasheet HTML 4Page - Maxim Integrated Products MAX9062EBS Datasheet HTML 5Page - Maxim Integrated Products MAX9062EBS Datasheet HTML 6Page - Maxim Integrated Products MAX9062EBS Datasheet HTML 7Page - Maxim Integrated Products MAX9062EBS Datasheet HTML 8Page - Maxim Integrated Products MAX9062EBS Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Ultra-Small, Low-Power Single
Comparators in 4-Bump UCSP and 5-SOT23
_______________________________________________________________________________________
3
Note 1: All devices are 100% production tested at TA = +25°C. Temperature limits are guaranteed by design.
Note 2: Guaranteed by ATE and/or bench characterization over temperature. VOS is the average of the trip points minus VREF.
Note 3: Hysteresis is half the input voltage difference between the two switching points.
Note 4: Too small to be measured in an ATE test environment. Only gross test to catch failures is implemented.
Note 5: Overdrive is defined as the voltage above or below the switching points.
Note 6: Guaranteed by ATE and/or bench characterization over temperature. VREF is the average of the trip points minus 200mV.
Note 7: Includes reference error along with comparator offset voltage error.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Input Voltage Range
VIN
Guaranteed by IIN test
-0.3
+5.5
V
Input Bias Current
IIN
VIN = 0.2V to 5.5V (Note 4)
0.06
15
nA
Input Leakage Current
IIN_SHDN
VCC = 0, VIN = 5.5V (Note 4)
< 0.1
15
nA
ISINK = 50µA, VCC = 1.0V
0.03
0.2
ISINK = 200µA, VCC = 1.2V
0.08
0.20
ISINK = 500µA, VCC = 1.8V
0.13
0.23
ISINK = 0.75mA, VCC = 3.3V
0.14
0.3
Output Voltage Low
VOL
ISINK = 1.2mA, VCC = 5.5V
0.19
0.5
V
ISOURCE = 15µA, VCC = 1.0V
VCC - 0.08V
VCC - 0.2V
ISOURCE = 40µA, VCC = 1.2V
VCC - 0.08V
VCC - 0.20V
ISOURCE = 180µA, VCC = 1.8V
VCC - 0.15V
VCC - 0.23V
ISOURCE = 0.3mA, VCC = 3.3V
VCC - 0.13V
VCC - 0.3V
Output Voltage High
(MAX9064 Only)
VOH
ISOURCE = 0.75mA, VCC = 5.5V
VCC - 0.24V
VCC - 0.5V
V
Output Leakage Current
(MAX9062/MAX9063 Only)
IOUT_LEAKAGE
OUT = high, VPULLUP = 5.5V
(Note 4)
< 0.1
15
nA
AC CHARACTERISTICS
Propagation Delay
tPD
VOVERDRIVE = ±100mV (Note 5)
15
µs
Fall Time
tF
CL = 10pF
14
ns
Rise Time
tR
CL = 10pF, MAX9064 only
30
ns
REFERENCE VOLTAGE
TA = +25°C
188
200
212
Input Threshold (Note 6)
VREF
TA = -40°C to +85°C
185
200
215
mV
Input Threshold Hysteresis
VHYS
TA = -40°C to +85°C (Note 3)
±0.9
mV
REF Tempco
VREF_TEMPCO
(Note 7)
6
µV/°C
Power-Supply Rejection
Ratio
PSRR
VCC = 1.0V to 5.5V
40
53
dB
POWER SUPPLY
Supply Voltage
VCC
Guaranteed by VOL/VOH tests
1.0
5.5
V
VCC = 1.0V
0.4
0.7
Supply Current
ICC
VCC = 5.5V
0.6
1.1
µA
Power-Up Time
tON
3ms
MAX9062/MAX9063/MAX9064 ELECTRICAL CHARACTERISTICS
(VCC = 3.3V, RPULLUP = 10kΩ to VPULLUP = 3.3V for MAX9062/MAX9063, TA = -40°C to +85°C. Typical values at TA = +25°C, unless
otherwise noted.) (Note 1)


Similar Part No. - MAX9062EBS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9062EBS++ MAXIM-MAX9062EBS+ Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
MAX9062EBSG45 MAXIM-MAX9062EBSG45 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
More results

Similar Description - MAX9062EBS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9060 MAXIM-MAX9060 Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
MAX9060 MAXIM-MAX9060_11 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
MAX9065 MAXIM-MAX9065_11 Datasheet
384Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 2; 1/11
MAX9065 MAXIM-MAX9065 Datasheet
226Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 1; 10/08
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com