Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX9061EBS Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9061EBS
Description  Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9061EBS Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9061EBS Datasheet HTML 4Page - Maxim Integrated Products MAX9061EBS Datasheet HTML 5Page - Maxim Integrated Products MAX9061EBS Datasheet HTML 6Page - Maxim Integrated Products MAX9061EBS Datasheet HTML 7Page - Maxim Integrated Products MAX9061EBS Datasheet HTML 8Page - Maxim Integrated Products MAX9061EBS Datasheet HTML 9Page - Maxim Integrated Products MAX9061EBS Datasheet HTML 10Page - Maxim Integrated Products MAX9061EBS Datasheet HTML 11Page - Maxim Integrated Products MAX9061EBS Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Ultra-Small, Low-Power Single
Comparators in 4-Bump UCSP and 5-SOT23
_______________________________________________________________________________________
9
Selector Guide
Chip Information
PROCESS: BiCMOS
Typical Operating Circuits
MAX9060
REF
IN
MICROCONTROLLER
INTERNAL
PULLUP
VDD
I/O
OUT
0.9V
TO 5.5V
MAX9062
IN
MICROCONTROLLER
INTERNAL
PULLUP
VDD
VCC = 1.0V TO 5.5V
I/O
OUT
0.2V REF
MAX9064
IN
MICROCONTROLLER
VDD
VCC = 1.0V TO 5.5V
I/O
OUT
0.2V REF
MAX9061
REF
IN
MICROCONTROLLER
INTERNAL
PULLUP
VDD
I/O
OUT
0.9V
TO 5.5V
MAX9063
IN
MICROCONTROLLER
INTERNAL
PULLUP
VDD
VCC = 1.0V TO 5.5V
I/O
OUT
0.2V REF
PART
REFERENCE
VOLTAGE
INPUT
OUTPUT
MAX9060
External
Noninverting
Open drain
MAX9061
External
Inverting
Open drain
MAX9062
0.2V
Noninverting
Open drain
MAX9063
0.2V
Inverting
Open drain
MAX9064
0.2V
Noninverting
Push-pull


Similar Part No. - MAX9061EBS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9061EBS++ MAXIM-MAX9061EBS+ Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
MAX9061EBSG45 MAXIM-MAX9061EBSG45 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
More results

Similar Description - MAX9061EBS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9060 MAXIM-MAX9060 Datasheet
309Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5-SOT23
Rev 1; 1/09
MAX9060 MAXIM-MAX9060_11 Datasheet
346Kb / 12P
   Ultra-Small, Low-Power Single Comparators in 4-Bump UCSP and 5 SOT23
Rev 4; 3/11
MAX9065 MAXIM-MAX9065_11 Datasheet
384Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 2; 1/11
MAX9065 MAXIM-MAX9065 Datasheet
226Kb / 9P
   Ultra-Small, Low-Power, Window Comparator in 4 UCSP and 5 SOT23
Rev 1; 10/08
MAX9644_1110 MAXIM-MAX9644_1110 Datasheet
256Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 1; 10/11
MAX9644 MAXIM-MAX9644 Datasheet
294Kb / 11P
   Low-Power Comparators with Precision Reference in 4-Bump UCSP
Rev 0; 3/11
MAX9938 MAXIM-MAX9938_09 Datasheet
310Kb / 13P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 2; 2/09
MAX9634 MAXIM-MAX9634 Datasheet
283Kb / 11P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 1; 2/10
MAX9938_0910 MAXIM-MAX9938_0910 Datasheet
519Kb / 14P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 3; 10/09
MAX9938 MAXIM-MAX9938 Datasheet
176Kb / 9P
   1μA, 4-Bump UCSP/SOT23, Precision Current-Sense Amplifier
Rev 0; 4/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com