Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX7428 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX7428
Description  Standard Definition Video Reconstruction Filters and Buffers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7428 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX7428_06 Datasheet HTML 1Page - Maxim Integrated Products MAX7428_06 Datasheet HTML 2Page - Maxim Integrated Products MAX7428_06 Datasheet HTML 3Page - Maxim Integrated Products MAX7428_06 Datasheet HTML 4Page - Maxim Integrated Products MAX7428_06 Datasheet HTML 5Page - Maxim Integrated Products MAX7428_06 Datasheet HTML 6Page - Maxim Integrated Products MAX7428_06 Datasheet HTML 7Page - Maxim Integrated Products MAX7428_06 Datasheet HTML 8Page - Maxim Integrated Products MAX7428_06 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Standard Definition Video Reconstruction
Filters and Buffers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V ±10%, RREXT = 300k
Ω ±1%, CIN = 0.1µF, CREXT = (1nF to 1µF) ±1%, CLOAD = 0 to 20pF; BOOST0_, BOOST1_ = 0, 0;
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................................+6V
All Other Pins to GND .................................-0.3V to (VCC + 0.3V)
Maximum Current Into Any Pin .........................................±50mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 9.71mW/°C above +70°C)..........777mW
10-Pin µMAX (derate 6.94mW/°C above +70°C) ......555.5mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) .........727mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
f = 100kHz to 4.2MHz relative to 100kHz
-0.5
+0.5
Passband Response
f = 100kHz to 5MHz relative to 100kHz
-1.0
+1.0
dB
Stopband Attenuation
Asb
f > 27MHz
48
dB
HF Boost Relative Step Size, 4
Levels
f = 4.2MHz to 5MHz
0.2
0.4
0.6
dB
Differential Gain
dG
5-step modulated staircase
0.2
%
Differential Phase
d
θ
5-step modulated staircase
0.2
degrees
Harmonic Distortion
THD
f = 100kHz to 5MHz
0.1
0.5
%
Signal-to-Noise Ratio
SNR
Peak signal (2Vp-p) to RMS noise,
f = 100Hz to 50MHz
72
dB
Group Delay Deviation
Δtg
Deviation from 100kHz to 3.58 (4.43)MHz
20
ns
Line-Time Distortion
Hdist
18µs, 100 IRE bar
0.3
%
Field-Time Distortion
Vdist
130 lines, 18µs, 100 IRE bar
0.5
%
Clamp Settling Time
tclamp
to ±1% (Note 1)
100
Lines
CLEVEL = 0
0.8
1.3
Output DC Clamp Level
CLEVEL = 1
1.35
1.85
V
Low-Frequency Gain
AV
Gain at 100kHz
1.9
1.975
2.05
V/V
Group Delay Matching
tg(MATCH)
Low frequency channel-to-channel matching
f = 100kHz
2ns
Low-Frequency Gain Matching
AV(MATCH)
Channel-to-channel gain matching, f = 100kHz5
%
Channel-to-Channel Crosstalk
XTALK
Channel-to-channel crosstalk, f = 100kHz
to 5.5MHz
-60
dB
Output Short-Circuit Current
ISC
OUT_ shorted to ground or VCC
50
mA
Input Leakage Current
IIN
10
µA
YINp-p
CLEVEL = 0
1.4
Input Dynamic Swing
CINp-p
CLEVEL = 1
0.9
Vp-p
VCC Supply Range
VCC
4.5
5.5
V


Similar Part No. - MAX7428_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7428-MAX7432 MAXIM-MAX7428-MAX7432 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
MAX7428EKA-T MAXIM-MAX7428EKA-T Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
More results

Similar Description - MAX7428_06

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7428 MAXIM-MAX7428 Datasheet
444Kb / 21P
   Standard Definition Video Reconstruction Filters and Buffers
19-2119; Rev 2; 9/02
MAX7462 MAXIM-MAX7462 Datasheet
264Kb / 8P
   Single-Channel Video Reconstruction Filters and Buffers
Rev 1; 9/05
logo
ON Semiconductor
NCS2553 ONSEMI-NCS2553 Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
NCS2553DGEVB ONSEMI-NCS2553DGEVB Datasheet
129Kb / 9P
   3-Channel Video Amp with Standard Definition Reconstruction Filters
December, 2008 ??Rev. 4
NCS2563 ONSEMI-NCS2563 Datasheet
133Kb / 9P
   3-Channel Video Amp with High Definition Reconstruction Filters
March, 2009 ??Rev. 4
logo
Maxim Integrated Produc...
MAX11501 MAXIM-MAX11501 Datasheet
236Kb / 11P
   Three-Channel, Standard-Definition Video Filters
Rev 1; 4/08
MAX7442 MAXIM-MAX7442 Datasheet
250Kb / 7P
   6-Channel Integrated Video Reconstruction Filters
Rev 0; 1/03
logo
Faraday Technology
TFT1350F FARADAY-TFT1350F Datasheet
61Kb / 2P
   ANTIALIASING AND RECONSTRUCTION FILTERS
logo
Maxim Integrated Produc...
MAX7454 MAXIM-MAX7454 Datasheet
145Kb / 8P
   HD/SD Switchable Video Filters and Buffers
Rev 0; 10/04
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
   Standard Definition Video Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com