Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17024ETD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17024ETD
Description  Single Quick-PWM Step-Down Controller with Dynamic REFIN
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17024ETD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17024ETD Datasheet HTML 5Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 6Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 7Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 8Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 9Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 10Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 11Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 12Page - Maxim Integrated Products MAX17024ETD Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Single Quick-PWM Step-Down
Controller with Dynamic REFIN
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
VDD
Supply Voltage Input for the DL Gate Driver. Connect to the system supply voltage (+4.5V to
+5.5V). Bypass VDD to power ground with a 1µF or greater ceramic capacitor.
2
DL
Low-Side Gate Driver. DL swings from GND to VDD. The MAX17024 forces DL low during VCC UVLO
and REFOK lockout conditions.
3
N.C.
Not Connected
4
LX
Inductor Connection. Connect LX to the switched side of the inductor as shown in Figure 1.
5
DH
High-Side Gate Driver. DH swings from LX to BST. The MAX17024 pulls DH low whenever the
controller is disabled.
6
BST
Boost Flying-Capacitor Connection. Connect to an external 0.1µF 6V capacitor as shown in Figure 1.
The MAX17024 contains an internal boost switch/diode (see Figure 2).
7
TON
Switching Frequency-Setting Input. An external resistor between the input power source and TON
sets the switching period (TSW = 1 / fSW) according to the following equation:
where CTON = 16.26pF and VFB = VREFIN under normal operating conditions. If the TON current
drops below 10µA, the MAX17024 shuts down and enters a high-impedance state. TON is high
impedance in shutdown.
8
FB
Feedback Voltage-Sense Connection. Connect directly to the positive terminal of the output
capacitors for output voltages less than 2V as shown in Figure 1. For fixed-output voltages greater
than 2V, connect REFIN to REF and use a resistive divider to set the output voltage (Figure 4). FB
senses the output voltage to determine the on-time for the high-side switching MOSFET.
9
CS
Current-Sense Input Pin. Connect to low-side MOSFET current-sense resistor. The current-limit
threshold is 20mV (typ).
10
REFIN
External Reference Input. REFIN sets the feedback regulation voltage (VFB = VREFIN) of the
MAX17024 using the resistor-divider connected between REF and GND. The MAX17024 includes
an internal window comparator to detect REFIN voltage transitions, allowing the controller to blank
PGOOD and the fault protection.
11
REF
2V Reference Voltage. Bypass to analog ground using a 470pF to 1nF ceramic capacitor. The
reference can source up to 50µA for external loads.
12
EN
Shutdown Control Input. Connect to VDD for normal operation. Pull EN low to place the controller
into its 2µA shutdown state. When disabled, the MAX17024 slowly ramps down the target/output
voltage to ground and after the target voltage reaches 0.1V, the controller forces both DH and DL
low and enters the low-power shutdown state. Toggle EN to clear the fault-protection latch.
13
VCC
5V Analog Supply Voltage. Internally connected to VDD through an internal 20 resistor. Bypass
VCC to analog ground using a 1µF ceramic capacitor.
14
PGOOD
Open-Drain Power-Good Output. PGOOD is low when the output voltage is more than 200mV (typ)
below or 300mV (typ) above the target voltage (VREFIN) during soft-start and soft-shutdown. After the
soft-start circuit has terminated, PGOOD becomes high impedance if the output is in regulation.
PGOOD is blanked—forced high-impedance state—when a dynamic REFIN transition is detected.
EP
(15)
GND
Ground/Exposed Pad. Internally connected to the controller’s ground plane and substrate.
Connect directly to ground.
TC
R
k
V
V
SW
TON
TON
FB
OUT
=+
()
⎝⎜
⎠⎟
65
.


Similar Part No. - MAX17024ETD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17020 MAXIM-MAX17020 Datasheet
636Kb / 34P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
2; 2/09
MAX17020ETJ++ MAXIM-MAX17020ETJ+ Datasheet
636Kb / 34P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
2; 2/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
More results

Similar Description - MAX17024ETD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17016 MAXIM-MAX17016 Datasheet
1Mb / 27P
   Single Quick-PWM Step-Down Controller with Internal 26V MOSFETs
19-2771; Rev 1; 4/17
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX17101 MAXIM-MAX17101 Datasheet
648Kb / 31P
   Dual Quick-PWM, Step-Down Controller with Low-Power LDO, RTC Regulator
Rev 1; 2/09
MAX17020 MAXIM-MAX17020 Datasheet
636Kb / 34P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
2; 2/09
logo
Analog Intergrations Co...
AIC1401 AIC-AIC1401 Datasheet
91Kb / 5P
   PWM Step-Down Switching Controller with Shutdown
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com