Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17024 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17024
Description  Single Quick-PWM Step-Down Controller with Dynamic REFIN
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17024 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17024 Datasheet HTML 1Page - Maxim Integrated Products MAX17024 Datasheet HTML 2Page - Maxim Integrated Products MAX17024 Datasheet HTML 3Page - Maxim Integrated Products MAX17024 Datasheet HTML 4Page - Maxim Integrated Products MAX17024 Datasheet HTML 5Page - Maxim Integrated Products MAX17024 Datasheet HTML 6Page - Maxim Integrated Products MAX17024 Datasheet HTML 7Page - Maxim Integrated Products MAX17024 Datasheet HTML 8Page - Maxim Integrated Products MAX17024 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
General Description
The MAX17024 pulse-width modulation (PWM) con-
troller provides high efficiency, excellent transient
response, and high DC-output accuracy needed for
stepping down high-voltage batteries to generate low-
voltage core or chipset/RAM bias supplies in notebook
computers. The output voltage can be controlled using
the dynamic REFIN, which supports input voltages
between 0 to 2V. The REFIN adjustability combined
with a resistive voltage-divider on the feedback input
allows the MAX17024 to be configured for any output
voltage between 0 to 0.9 x VIN.
Maxim’s proprietary Quick-PWM™ quick-response, con-
stant-on-time PWM control scheme handles wide
input/output voltage ratios (low-duty-cycle applications)
with ease and provides 100ns “instant-on” response to
load transients while maintaining a relatively constant
switching frequency. Strong drivers allow the MAX17024
to efficiently drive large synchronous-rectifier MOSFETs.
The controller senses the current across the sense
resistor series with the synchronous rectifier to achieve
highly accurate valley current-limit protection.
The MAX17024 includes a voltage-controlled soft-start
and soft-shutdown to limit the input surge current, pro-
vide a monotonic power-up (even into a precharged
output), and provide a predictable power-up time. The
controller also includes output undervoltage and ther-
mal-fault protection.
The MAX17024 is available in a tiny 14-pin, 3mm x
3mm TDFN package. For space-constrained applica-
tions, refer to the MAX17016 single step-down with 26V
internal MOSFETs capable of supporting 10A continu-
ous load. The MAX17016 is available in a small 40-pin,
6mm x 6mm TQFN package.
Applications
Notebook Computers
I/O and Chipset Supplies
GPU Core Supply
DDR Memory—VDDQ or VTT
Point-of-Load Applications
Step-Down Power Supply
Features
o Quick-PWM with Fast Transient Response
o Supports Any Output Capacitor
No Compensation Required with
Polymers/Tantalum
Stable with Ceramic Output Capacitors Using
External Compensation
o Precision 2V ±10mV Reference
o Dynamically Adjustable Output Voltage
(0 to 0.9 x VIN Range)
Feedback Input Regulates to 0 to 2V REFIN
Voltage
0.5% VOUT Accuracy Over Line and Load
o 26V Maximum Input Voltage Rating
o Resistively Programmable Switching Frequency
o Undervoltage/Thermal Protection
o Voltage Soft-Start and Soft-Shutdown
o Monotonic Power-Up with Precharged Output
o Power-Good Window Comparator
Single Quick-PWM Step-Down
Controller with Dynamic REFIN
________________________________________________________________
Maxim Integrated Products
1
MAX17024
GND
TDFN
(3mm x 3mm)
TOP VIEW
24
5
13
11
10
1
14
3
12
6
9
7
8
Pin Configuration
19-1040; Rev 0; 10/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Quick-PWM is a trademark of Maxim Integrated Products, Inc.
Ordering Information
Note: This device is specified over the -40°C to +85°C operating
temperature range.
+
Denotes a lead-free package.
*
EP = Exposed paddle.
PART
PIN-PACKAGE
PKG
CODE
TOP
MARK
MAX17024ETD
14 TDFN-EP* 3mm x 3mm
T1433-1
ADO


Similar Part No. - MAX17024

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17020 MAXIM-MAX17020 Datasheet
636Kb / 34P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
2; 2/09
MAX17020ETJ++ MAXIM-MAX17020ETJ+ Datasheet
636Kb / 34P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
2; 2/09
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
MAX17021 MAXIM-MAX17021 Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
More results

Similar Description - MAX17024

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
   Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17016 MAXIM-MAX17016 Datasheet
1Mb / 27P
   Single Quick-PWM Step-Down Controller with Internal 26V MOSFETs
19-2771; Rev 1; 4/17
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
   Quick-PWM Step-Down Controllers
Rev 1; 9/05
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
   Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
MAX17101 MAXIM-MAX17101 Datasheet
648Kb / 31P
   Dual Quick-PWM, Step-Down Controller with Low-Power LDO, RTC Regulator
Rev 1; 2/09
MAX17020 MAXIM-MAX17020 Datasheet
636Kb / 34P
   Dual Quick-PWM Step-Down Controller with Low-Power LDO, RTC Regulator
2; 2/09
logo
Analog Intergrations Co...
AIC1401 AIC-AIC1401 Datasheet
91Kb / 5P
   PWM Step-Down Switching Controller with Shutdown
logo
Intersil Corporation
ISL8117 INTERSIL-ISL8117 Datasheet
918Kb / 23P
   Synchronous Step-down PWM Controller
June 4, 2015
logo
Exar Corporation
SP6123 EXAR-SP6123 Datasheet
155Kb / 18P
   Synchronous Step-Down PWM Controller
logo
Intersil Corporation
ISL8117A INTERSIL-ISL8117A Datasheet
915Kb / 23P
   Synchronous Step-Down PWM Controller
August 31, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com