Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D3SB20 Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # D3SB20
Description  Single-phase Silicon Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

D3SB20 Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  D3SB20 Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. D3SB20 Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
800
200
400
600
200
400
600
800
140
280
420
560
6
30
120
4.0
1.05
10
40
V
µA
pF
IR
Cj
最大正向电压
IF = 2.0A
最大反向电流
TA= 25℃
典型结电容
VR = 4.0V, f = 1MHz
电特性 TA = 25℃ 除非另有规定。
Electrical Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
单位
Unit
符号
Symbols
Maximum forward voltage
Maximum reverse current
Type junction capacitance
VF
-50 --- +150
V
V
V
A
A
µA
/W
VRRM
VRMS
VDC
IF(AV)
IFSM
IR(AV)
极限值和温度特性
TA = 25℃ 除非另有规定。
Maximum Ratings & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
最大可重复峰值反向电压
Maximum repetitive peak reverse voltage
最大均方根电压
Maximum RMS voltage
最大直流阻断电压
Maximum DC blocking voltage
最大正向平均整流电流
Maximum average forward rectified current
峰值正向浪涌电流 8.3ms单一正弦半波
Peak forward surge current 8.3 ms single half sine-wave
最大反向峰值电流
Maximum
peak reverse current full cycle
典型热阻
Typical thermal resistance
工作结温和存储温度
符号
Symbols
单位
Unit
Operating junction and storage temperature range
Tj, TSTG
@TA = 75℃
RθJA
特征
Features
·低的反向漏电流
Low reverse leakage
·较强的正向浪涌承受能力
High forward surge capability
机械数据
Mechanical Data
·封装: 塑料封装 Case: Molded Plastic
·极性: 标记模压或印于本体 Polarity: Symbols molded or marked on body
·安装位置: 任意 Mounting Position: Any
+~
~
-
.995(25.3)
.983(24.7)
.134(3.4)
.122(3.1)
.057(1.45)
.041(1.05)
.083(2.1)
.069(1.7)
.043(1.1)
.035(0.9)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
.303(7.7)
.287(7.3)
Unit:inch(mm)
.031(0.8)
.023(0.6)
.114(2.8)
.098(2.5)
.150(3.8)
.134(3.4)
.150(3.8)
.134(3.4)
.189(4.8)
.173(4.4)
·重量: 4.6 克 Weight:4.6 Grams
·浪涌承受能力:170 A
S
urge overload rating:170 Amperes peak
D3SB20
D3SB40
D3SB60
D3SB80
D3SB20...... D3SB80
塑封硅整流桥堆
反向电压
200---800V
正向电流
4.0 A
Single-phase Silicon Bridge Rectifier
Reverse Voltage 200 to 800 V
Forward Current 4.0A
D3SB20
D3SB40
D3SB60
D3SB80
加散热片
TC =108℃
无散热片
Ta=25℃
IF(AV)
2.3
Web: www.ps-pfs.com http://ps-pfs.en.alibaba.com/


Similar Part No. - D3SB20

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3SB20 SHINDENGEN-D3SB20 Datasheet
298Kb / 6P
   General Purpose Rectifiers(200V 4A)
logo
Shanghai Sunrise Electr...
D3SB20 SSE-D3SB20 Datasheet
16Kb / 1P
   SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
logo
Leshan Radio Company
D3SB20 LRC-D3SB20 Datasheet
55Kb / 2P
   4.0A BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
D3SB20 SECOS-D3SB20 Datasheet
478Kb / 2P
   Molding Single-Phase Bridge Rectifier
logo
Rugao Dachang Electroni...
D3SB20 DACHANG-D3SB20 Datasheet
136Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 800V Forward Current 4 A
More results

Similar Description - D3SB20

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Diotech Company.
KBP2005G DIOTECH-KBP2005G Datasheet
848Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
TS4B05G PFS-TS4B05G Datasheet
316Kb / 2P
   Single-phase Silicon Bridge Rectifier
logo
Continental Device Indi...
KBPC8005 CDIL-KBPC8005 Datasheet
183Kb / 3P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
KBU8A GENESIC-KBU8A Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
KBU1006 GENESIC-KBU1006 Datasheet
299Kb / 3P
   Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com