Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95256-W Datasheet(PDF) 11 Page - STMicroelectronics

Part # M95256-W
Description  256 Kbit serial SPI bus EEPROM with high-speed clock
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-W Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M95256-W Datasheet HTML 7Page - STMicroelectronics M95256-W Datasheet HTML 8Page - STMicroelectronics M95256-W Datasheet HTML 9Page - STMicroelectronics M95256-W Datasheet HTML 10Page - STMicroelectronics M95256-W Datasheet HTML 11Page - STMicroelectronics M95256-W Datasheet HTML 12Page - STMicroelectronics M95256-W Datasheet HTML 13Page - STMicroelectronics M95256-W Datasheet HTML 14Page - STMicroelectronics M95256-W Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
M95256-DR, M95256, M95256-W, M95256-R
Operating features
Doc ID 12276 Rev 11
11/48
therefore recommended to connect the S line to VCC via a suitable pull-up resistor (see
Figure 17).
In addition, the Chip Select (S) input offers a built-in safety feature, as the S input is edge
sensitive as well as level sensitive: after power-up, the device does not become selected
until a falling edge has first been detected on Chip Select (S). This ensures that Chip Select
(S) must have been High, prior to going Low to start the first operation.
The VCC voltage has to rise continuously from 0 V up to the minimum VCC operating voltage
defined in Table 8, Table 9 and Table 10 and the rise time must not vary faster than 1 V/µs.
3.8.3
Power-down
During Power-down (continuous decrease of VCC supply voltage below the minimum VCC
operating voltage defined in Table 8, Table 9 and Table 10), the device must be:
deselected (Chip Select S should be allowed to follow the voltage applied on VCC)
in Standby Power mode (there should not be an internal Write cycle in progress).
4
Operating features
4.1
Hold condition
The Hold (HOLD) signal is used to pause any serial communications with the device without
resetting the clocking sequence.
During the Hold condition, the Serial Data output (Q) is high impedance, and Serial Data
input (D) and Serial Clock (C) are Don’t Care.
To enter the Hold condition, the device must be selected, with Chip Select (S) low.
Normally, the device is kept selected, for the whole duration of the Hold condition.
Deselecting the device while it is in the Hold condition, has the effect of resetting the state of
the device, and this mechanism can be used if it is required to reset any processes that had
been in progress.
The Hold condition starts when the Hold (HOLD) signal is driven low at the same time as
Serial Clock (C) already being low (as shown in Figure 5).
The Hold condition ends when the Hold (HOLD) signal is driven high at the same time as
Serial Clock (C) already being low.
Figure 5 also shows what happens if the rising and falling edges are not timed to coincide
with Serial Clock (C) being low.


Similar Part No. - M95256-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256-W STMICROELECTRONICS-M95256-W Datasheet
373Kb / 43P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
   256-Kbit serial SPI bus EEPROM with high-speed clock
Rev 22 - September 2021
M95256-WBN3 STMICROELECTRONICS-M95256-WBN3 Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M95256-WBN3G STMICROELECTRONICS-M95256-WBN3G Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
M95256-WBN3P STMICROELECTRONICS-M95256-WBN3P Datasheet
580Kb / 39P
   256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
October 2004
More results

Similar Description - M95256-W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95256 STMICROELECTRONICS-M95256 Datasheet
345Kb / 39P
   256 Kbit Serial SPI bus EEPROM with high speed clock
M95256-W STMICROELECTRONICS-M95256-W Datasheet
607Kb / 51P
   256-Kbit serial SPI bus EEPROM with high-speed clock
Rev 22 - September 2021
M95256_0807 STMICROELECTRONICS-M95256_0807 Datasheet
391Kb / 44P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95256 STMICROELECTRONICS-M95256_08 Datasheet
373Kb / 43P
   256 Kbit serial SPI bus EEPROM with high-speed clock
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
   32-Kbit serial SPI bus EEPROM with high-speed clock
M95128 STMICROELECTRONICS-M95128_07 Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-W STMICROELECTRONICS-M95128-W Datasheet
609Kb / 48P
   128-Kbit serial SPI bus EEPROM with high-speed clock
Rev 20 - October 2020
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
   512 Kbit serial SPI bus EEPROM with high-speed clock
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
   16-Kbit serial SPI bus EEPROM with high-speed clock
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
   64-Kbit serial SPI bus EEPROM with high-speed clock
Rev 19 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com