Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8764ETP Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8764ETP
Description  High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8764ETP Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8764ETP Datasheet HTML 6Page - Maxim Integrated Products MAX8764ETP Datasheet HTML 7Page - Maxim Integrated Products MAX8764ETP Datasheet HTML 8Page - Maxim Integrated Products MAX8764ETP Datasheet HTML 9Page - Maxim Integrated Products MAX8764ETP Datasheet HTML 10Page - Maxim Integrated Products MAX8764ETP Datasheet HTML 11Page - Maxim Integrated Products MAX8764ETP Datasheet HTML 12Page - Maxim Integrated Products MAX8764ETP Datasheet HTML 13Page - Maxim Integrated Products MAX8764ETP Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Detailed Description
The MAX8764 buck controller is targeted for low-voltage
power supplies for notebook computers. Maxim’s propri-
etary Quick-PWM pulse-width modulator in the MAX8764
is specifically designed for handling fast load steps while
maintaining a relatively constant operating frequency
and inductor operating point over a wide range of input
voltages. The Quick-PWM architecture circumvents the
poor load-transient timing problems of fixed-frequency,
current-mode PWMs while also avoiding the problems
caused by widely varying switching frequencies in con-
ventional constant-on-time and constant-off-time PWM
schemes.
5V Bias Supply (VCC and VDD)
The MAX8764 requires an external 5V bias supply in
addition to the battery. Typically, this 5V bias supply is
the notebook’s 95% efficient 5V system supply. Keeping
the bias supply external to the IC improves efficiency
and eliminates the cost associated with the 5V linear reg-
ulator that would otherwise be needed to supply the
PWM circuit and gate drivers. If stand-alone capability is
needed, the 5V supply can be generated with an exter-
nal linear regulator such as the MAX1615.
The battery and 5V bias inputs can be connected
together if the input source is a fixed 4.5V to 5.5V supply.
If the 5V bias supply is powered up prior to the
High-Speed, Step-Down Controller with
Accurate Current Limit for Notebook Computers
10
______________________________________________________________________________________
VCC
UVP
VIN
7V TO 20V
5V
BIAS SUPPLY
C2
330
µF
SEE TABLE 1 FOR OTHER COMPONENT SELECTIONS.
POWER-GOOD
INDICATOR
L1
4.7
µH
VOUT
2.5V
SHDN
V+
D2
CMPSH-3
C6
3.3
µF
C7
0.1
µF
C4
0.22
µF
270k
130k
Q1
D1
R2
100k
Q2
RSENSE
15m
C5
4.7
µF
R1
20
SKIP
ILIM
ON/OFF
CONTROL
LOW-NOISE
CONTROL
DL
LX
BST
DH
CS
OUT
FB
LATCH
OVP
PGOOD
VDD
MAX8764
5V
TON
REF
GND
C1
10
µF
Figure 1. Standard Application Circuit


Similar Part No. - MAX8764ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX876 MAXIM-MAX876 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX876 MAXIM-MAX876 Datasheet
384Kb / 12P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL MAXIM-MAX8760ETL Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL++ MAXIM-MAX8760ETL+ Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
More results

Similar Description - MAX8764ETP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
MAX1845 MAXIM-MAX1845 Datasheet
543Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit
19-1955; Rev 2; 1/03
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5601A GMT-G5601A Datasheet
66Kb / 1P
   High-Speed Step-Down Controller with LDO Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Global Mixed-mode Techn...
G5617 GMT-G5617 Datasheet
34Kb / 1P
   Programmable Output High-Speed Step-Down Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
   Notebook CPU Step-Down Controller
Rev 1; 10/08
logo
Cirrus Logic
CL-GD6410 CIRRUS-CL-GD6410 Datasheet
5Mb / 133P
   HIGH INTERGRATION LCD VGA CONTROLLER FOR NOTEBOOK COMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com