Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8764 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8764
Description  High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8764 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8764 Datasheet HTML 7Page - Maxim Integrated Products MAX8764 Datasheet HTML 8Page - Maxim Integrated Products MAX8764 Datasheet HTML 9Page - Maxim Integrated Products MAX8764 Datasheet HTML 10Page - Maxim Integrated Products MAX8764 Datasheet HTML 11Page - Maxim Integrated Products MAX8764 Datasheet HTML 12Page - Maxim Integrated Products MAX8764 Datasheet HTML 13Page - Maxim Integrated Products MAX8764 Datasheet HTML 14Page - Maxim Integrated Products MAX8764 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
battery supply, the enable signal (SHDN) must be
delayed until the battery voltage is present to ensure
startup. The 5V bias supply provides VCC and gate-drive
power, so the maximum current drawn is:
IBIAS = ICC + f (QG1 + QG2) = 5mA to 30mA (typ)
where ICC is 550µA (typ), f is the switching frequency,
and QG1 and QG2 are the MOSFET data sheet total
gate-charge specification limits at VGS = 5V.
Free-Running, Constant-On-Time PWM
Controller with Input Feed-Forward
The Quick-PWM control architecture is a pseudo-fixed-fre-
quency, constant-on-time, on-demand PWM with voltage
feed-forward (Figure 2). This architecture relies on the out-
put filter capacitor’s ESR to act as a current-sense resistor,
so the output ripple voltage provides the PWM ramp sig-
nal. The control algorithm is simple: the high-side switch
on-time is determined solely by a one-shot whose pulse
High-Speed, Step-Down Controller with
Accurate Current Limit for Notebook Computers
______________________________________________________________________________________
11
Figure 2. MAX8764 Functional Diagram
REF
-10%
FROM
OUT
REF
FB
ERROR
AMP
TOFF
TON
REF
+10%
FEEDBACK
MUX
(SEE FIGURE 6)
CHIP
SUPPLY
x2
1.0V
R
0.1V
POR
OVP
9R
ILIM
VCC - 1V
VCC - 1V
VCC - 1V
SHDN
PGOOD
ON-TIME
COMPUTE
TON
1-SHOT
1-SHOT
TRIG
IN
2V TO 28V
TRIG
Q
Q
S
R
2V
REF
REF
5V
OUTPUT
DL
CS
GND
VCC
VDD
LX
ZERO CROSSING
CURRENT
LIMIT
DH
BST
5V
+5V
Q
SKIP
TON
LATCH
V+
Σ
MAX8764
S
R
Q
0.7V
1.14V
UVP
20ms
TIMER
OVP/UVP
LATCH
0.1V
OUT


Similar Part No. - MAX8764

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX876 MAXIM-MAX876 Datasheet
298Kb / 8P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 1; 10/92
MAX876 MAXIM-MAX876 Datasheet
384Kb / 12P
   Low-Power, Low-Drift, 2.5V/5V/10V Precision Voltage References
Rev 3; 6/07
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL MAXIM-MAX8760ETL Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
MAX8760ETL++ MAXIM-MAX8760ETL+ Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
More results

Similar Description - MAX8764

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
   High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
MAX1714 MAXIM-MAX1714 Datasheet
443Kb / 24P
   High-Speed Step-Down Controller for Notebook Computers
19-1536; Rev 1; 12/99
MAX1845 MAXIM-MAX1845 Datasheet
543Kb / 27P
   Dual, High-Efficiency, Step-Down Controller with Accurate Current Limit
19-1955; Rev 2; 1/03
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
   Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5601A GMT-G5601A Datasheet
66Kb / 1P
   High-Speed Step-Down Controller with LDO Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Global Mixed-mode Techn...
G5617 GMT-G5617 Datasheet
34Kb / 1P
   Programmable Output High-Speed Step-Down Controller for Notebook Computer
logo
Maxim Integrated Produc...
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
   Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
   Notebook CPU Step-Down Controller
Rev 1; 10/08
logo
Cirrus Logic
CL-GD6410 CIRRUS-CL-GD6410 Datasheet
5Mb / 133P
   HIGH INTERGRATION LCD VGA CONTROLLER FOR NOTEBOOK COMPUTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com