Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D945GNT Datasheet(PDF) 7 Page - Intel Corporation

Part # D945GNT
Description  Technical Product Specification
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D945GNT Datasheet(HTML) 7 Page - Intel Corporation

Back Button D945GNT Datasheet HTML 3Page - Intel Corporation D945GNT Datasheet HTML 4Page - Intel Corporation D945GNT Datasheet HTML 5Page - Intel Corporation D945GNT Datasheet HTML 6Page - Intel Corporation D945GNT Datasheet HTML 7Page - Intel Corporation D945GNT Datasheet HTML 8Page - Intel Corporation D945GNT Datasheet HTML 9Page - Intel Corporation D945GNT Datasheet HTML 10Page - Intel Corporation D945GNT Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
Contents
vii
3.8
Adjusting Boot Speed................................................................................................... 86
3.8.1
Peripheral Selection and Configuration ......................................................... 86
3.8.2
BIOS Boot Optimizations............................................................................... 86
3.9
BIOS Security Features ............................................................................................... 87
4 Error Messages and Beep Codes
4.1
Speaker ....................................................................................................................... 89
4.2
BIOS Beep Codes........................................................................................................ 89
4.3
BIOS Error Messages .................................................................................................. 89
4.4
Port 80h POST Codes ................................................................................................. 90
Figures
1.
Board Components ...................................................................................................... 12
2.
Block Diagram.............................................................................................................. 14
3.
Memory Channel and DIMM Configuration .................................................................. 17
4.
Dual Channel (Interleaved) Mode Configuration with Two DIMMs .............................. 18
5.
Dual Channel (Interleaved) Mode Configuration with Three DIMMs............................ 18
6.
Dual Channel (Interleaved) Mode Configuration with Four DIMMs.............................. 19
7.
Single Channel (Asymmetric) Mode Configuration with One DIMM............................. 20
8.
Single Channel (Asymmetric) Mode Configuration with Three DIMMs ........................ 20
9.
Front/Back Panel Audio Connector Options for 8-Channel (7.1) Audio Subsystem .... 29
10.
8-channel (7.1) Audio Subsystem Block Diagram........................................................ 30
11.
Front/Back Panel Audio Connector Options for 6-Channel (5.1) Audio Subsystem .... 31
12.
6-Channel (5.1) Audio Subsystem Block Diagram....................................................... 31
13.
LAN Connector LED Locations .................................................................................... 33
14.
LAN Connector LED Locations .................................................................................... 34
15.
Thermal Sensors and Fan Connectors ........................................................................ 38
16.
Location of the Standby Power Indicator LED ............................................................. 44
17.
Detailed System Memory Address Map ....................................................................... 48
18.
Back Panel Connectors for 8-Channel (7.1) Audio Subsystem ................................... 56
19.
Back Panel Connectors for 6-Channel (5.1) Audio Subsystem ................................... 57
20.
Component-side Connectors ....................................................................................... 58
21.
Connection Diagram for Front Panel Connector .......................................................... 64
22.
Connection Diagram for Front Panel USB Connectors ................................................ 66
23.
Connection Diagram for IEEE 1394a Connectors........................................................ 66
24.
Location of the Jumper Block....................................................................................... 67
25.
Board Dimensions........................................................................................................ 68
26.
I/O Shield Dimensions for Boards with the 8-Channel (7.1) Audio Subsystem............ 69
27.
I/O Shield Dimensions for Boards with the 6-Channel (5.1) Audio Subsystem............ 70
28.
Processor Heatsink for Omni-directional Airflow.......................................................... 73
29.
Localized High Temperature Zones ............................................................................. 74
Tables
1.
Feature Summary ........................................................................................................ 10
2.
Manufacturing Options ................................................................................................. 11
3.
Board Components Shown in Figure 1 ........................................................................ 13
4.
Supported Memory Configurations .............................................................................. 16
5.
LAN Connector LED States ......................................................................................... 33


Similar Part No. - D945GNT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D945GCLF INTEL-D945GCLF Datasheet
2Mb / 84P
   Technical Product Specification
D945GCNL INTEL-D945GCNL Datasheet
3Mb / 90P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
D945GTP INTEL-D945GTP Datasheet
669Kb / 92P
   Technical Product Specification
More results

Similar Description - D945GNT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
E15155-006 INTEL-E15155-006 Datasheet
2Mb / 52P
   Technical Product Specification
DG33BU INTEL-DG33BU Datasheet
3Mb / 84P
   Technical Product Specification
DG43NB INTEL-DG43NB Datasheet
2Mb / 88P
   Technical Product Specification
DG45FC INTEL-DG45FC Datasheet
2Mb / 88P
   Technical Product Specification
DP43TF INTEL-DP43TF Datasheet
2Mb / 86P
   Technical Product Specification
DX58SO INTEL-DX58SO Datasheet
3Mb / 88P
   Technical Product Specification
D201GLY INTEL-D201GLY Datasheet
3Mb / 76P
   Technical Product Specification
D945GCPE INTEL-D945GCPE Datasheet
3Mb / 80P
   Technical Product Specification
D945GPM INTEL-D945GPM Datasheet
1Mb / 94P
   Technical Product Specification
DQ965GF INTEL-DQ965GF Datasheet
2Mb / 104P
   Technical Product Specification
S2600GZ INTEL-S2600GZ Datasheet
5Mb / 246P
   Technical Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com