Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1956ETI Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1956ETI
Description  1.6V to 5.5V Input, 0.5% Accurate, Dual 180째 Out-of-Phase Step-Down Controllers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1956ETI Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1956ETI Datasheet HTML 6Page - Maxim Integrated Products MAX1956ETI Datasheet HTML 7Page - Maxim Integrated Products MAX1956ETI Datasheet HTML 8Page - Maxim Integrated Products MAX1956ETI Datasheet HTML 9Page - Maxim Integrated Products MAX1956ETI Datasheet HTML 10Page - Maxim Integrated Products MAX1956ETI Datasheet HTML 11Page - Maxim Integrated Products MAX1956ETI Datasheet HTML 12Page - Maxim Integrated Products MAX1956ETI Datasheet HTML 13Page - Maxim Integrated Products MAX1956ETI Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Detailed Description
The MAX1955/MAX1956 are dual-output, fixed-frequency,
voltage-mode, PWM step-down controllers with 0.5%
output accuracy. Each controller switches at a constant
600kHz and is 180° out-of-phase with the other con-
troller, which reduces input ripple current and the num-
ber of input capacitors. Figure 1 is the functional
diagram.
An on-chip step-up bias supply generates a 5V gate
drive to deliver up to 25A output current per phase with
low-cost N-channel MOSFETs at up to 93% efficiency.
Lossless adjustable current limit eliminates expensive
current-sense resistors and improves efficiency.
Foldback current limit reduces power dissipation during
short-circuit condition and handles transient overloads
better than controllers using hiccup-mode short-circuit
protection.
1.6V to 5.5V Input, 0.5% Accurate, Dual
180° Out-of-Phase Step-Down Controllers
10
______________________________________________________________________________________
REF
1.28V
GND
GND1
COMP1
FB1
EN
fSW
fSW
SYNC
(2 x fSW)
SEQ
COMP2
FB2
SOFT-
START DAC
VOLTAGE
MARGINING
AND
SHUTDOWN
OSCILLATOR
SEQUENCING
CONVERTER 2
VDD2
LXB
PGND
BST1
DH1
LX1
VDD1
DL1
PGND1
ILIM1
BST2
DH2
LX2
VDD2
DL2
PGND2
ILIM2
AVDD
IN
BIAS
UVLO
EA
R
S
Q
1V
5
µA
4V
PWM
x0.15
CONVERTER 1
BOOST
CONTROL
CURRENT LIMIT
AND
SHUTDOWN
Q
Figure 1. Functional Diagram


Similar Part No. - MAX1956ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX195 MAXIM-MAX195 Datasheet
311Kb / 28P
   16-Bit, 85ksps ADC with 10uA Shutdown
Rev 1; 12/97
MAX19505 MAXIM-MAX19505 Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
454Kb / 34P
   Dual-Channel, 8-Bit, 65Msps ADC
Rev 0; 10/08
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
2Mb / 30P
   On-Board Single-Ended to Differential Transformer Circuitry
Rev 2; 7/19
MAX19505ETM++ MAXIM-MAX19505ETM+ Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
More results

Similar Description - MAX1956ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1875 MAXIM-MAX1875 Datasheet
493Kb / 21P
   Dual 180째 Out-of-Phase PWM Step- Down Controllers with POR
Rev 0; 7/02
logo
Intersil Corporation
ISL9440IRZ-T INTERSIL-ISL9440IRZ-T Datasheet
985Kb / 20P
   Triple, 180째 Out-of-Phase, Step-Down
logo
Renesas Technology Corp
ISL6445 RENESAS-ISL6445 Datasheet
702Kb / 15P
   1.4MHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
ISL6440 RENESAS-ISL6440 Datasheet
692Kb / 15P
   300kHz Dual, 180째 Out-of-Phase, Step-Down PWM Controller
logo
Maxim Integrated Produc...
MAX1960 MAXIM-MAX1960 Datasheet
455Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 0; 1/03
MAX1960 MAXIM-MAX1960_09 Datasheet
321Kb / 29P
   2.35V to 5.5V, 0.5% Accurate, 1MHz PWM Step-Down Controllers with Voltage Margining
Rev 1; 6/09
MAX8529 MAXIM-MAX8529_07 Datasheet
368Kb / 20P
   1.5MHz Dual 180째 Out-of-Phase PWM Step-Down Controller with POR
Rev 1; 4/07
logo
Intersil Corporation
ISL9444_1107 INTERSIL-ISL9444_1107 Datasheet
1Mb / 24P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controll
ISL9443 INTERSIL-ISL9443 Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
ISL9443IRZ-T7A INTERSIL-ISL9443IRZ-T7A Datasheet
1Mb / 23P
   Triple, 180째 Out-of-Phase, Synchronous Step-Down PWM Controller
February 24, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com