Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5099 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5099
Description  Dual, 2.2MHz, Automotive Synchronous Buck Converter with 80V Load-Dump Protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5099 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5099 Datasheet HTML 1Page - Maxim Integrated Products MAX5099 Datasheet HTML 2Page - Maxim Integrated Products MAX5099 Datasheet HTML 3Page - Maxim Integrated Products MAX5099 Datasheet HTML 4Page - Maxim Integrated Products MAX5099 Datasheet HTML 5Page - Maxim Integrated Products MAX5099 Datasheet HTML 6Page - Maxim Integrated Products MAX5099 Datasheet HTML 7Page - Maxim Integrated Products MAX5099 Datasheet HTML 8Page - Maxim Integrated Products MAX5099 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Dual, 2.2MHz, Automotive Synchronous Buck
Converter with 80V Load-Dump Protection
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Rising, ON/OFF = IN_HIGH, GATE rising
3.6
4.1
IN_HIGH Startup Voltage
IN_HIGH
UVLO
Falling, ON/OFF = IN_HIGH, GATE falling
3.45
V
GATE Charge Current
IGATE_CH
VIN_HIGH = VON/OFF = 14V,
VGATE = V+ = 0V
20
45
80
μA
V+ = VIN_HIGH = VON/OFF = 4.5V,
IGATE = 1μA
4.0
5.3
7.5
GATE Output Voltage
VGATE -
VIN_HIGH
V+ = VIN_HIGH = VON/OFF = 14V,
IGATE = 1μA
9
V
GATE Turn-Off Pulldown
Current
IGATE_PD
VIN_HIGH = 14V, VON/OFF = 0V, V+ = 0V,
VGATE = 5V
3.6
mA
STARTUP/VL REGULATOR
VL Undervoltage-Lockout Trip
Level
UVLO
VL falling
3.9
4.1
4.3
V
VL Undervoltage-Lockout
Hysteresis
180
mV
VL Output Voltage
VL
ISOURCE_ = 0 to 40mA, 5.5V
≤ V+ ≤ 19V
5.0
5.2
5.5
V
VL LDO Short-Circuit Current
IVL_SHORT
V+ = VIN_HIGH = 5.2V
130
mA
VL LDO Dropout Voltage
VLDO
ISOURCE_ = 40mA, V+ = VIN_HIGH = 4.5V
300
550
mV
BYPASS OUTPUT
BYPASS Voltage
VBYPASS
IBYPASS = 0μA
1.98
2.00
2.02
V
BYPASS Load Regulation
ΔVBYPASS
0 < IBYPASS < 100μA (sourcing)
2
5
mV
SOFT-START/SOFT-STOP
Digital Ramp Period Soft-
Start/Soft-Stop
Internal 6-bit DAC
2048
fSW
Clock
Cycles
Soft-Start/Soft-Stop Steps
64
Steps
VOLTAGE-ERROR AMPLIFIER
FB_ Input Bias Current
IFB_
250
nA
-40°C
≤ TA ≤ +85°C
0.783
0.8
0.809
FB_ Input-Voltage Set Point
VFB_
-40°C
≤ TA ≤ +125°C
0.785
0.814
V
FB_ to COMP_
Transconductance
gM
1.4
2.4
3.4
mS
INTERNAL MOSFETS
ISWITCH = 100mA, BST1/VDD1 to
VSOURCE1 = 5.2V
195
On-Resistance High-Side
MOSFET Converter 1
RON1
ISWITCH = 100mA, BST1/VDD1 to
VSOURCE1 = 4.5V
208
355
m
Ω
ELECTRICAL CHARACTERISTICS (continued)
(VDRV = VL, V+ = VL = IN_HIGH = 5.2V or V+ = IN_HIGH = 5.2V to 19V, EN_ = VL, SYNC = GND, IVL = 0mA, PGND = SGND,
CBYPASS = 0.22μF (low ESR), CVL = 4.7μF (ceramic), CV+ = 1μF (low ESR), CIN_HIGH = 1μF (ceramic), RIN_HIGH = 3.9kΩ, ROSC = 10kΩ,
TJ = -40°C to +125°C, unless otherwise noted.) (Note 2)


Similar Part No. - MAX5099

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5099 MAXIM-MAX5099 Datasheet
242Kb / 9P
   Load-Dump Protection Circuit Withstands Input Transients Up to 80V
Rev 0; 9/08
MAX5099EVKIT MAXIM-MAX5099EVKIT Datasheet
242Kb / 9P
   Load-Dump Protection Circuit Withstands Input Transients Up to 80V
Rev 0; 9/08
MAX5099EVKIT++ MAXIM-MAX5099EVKIT+ Datasheet
242Kb / 9P
   Load-Dump Protection Circuit Withstands Input Transients Up to 80V
Rev 0; 9/08
More results

Similar Description - MAX5099

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5098A MAXIM-MAX5098A Datasheet
492Kb / 28P
   Dual, 2.2MHz, Automotive Buck or Boost Converter with 80V Load-Dump Protection
Rev 0; 5/08
MAX5098A MAXIM-MAX5098A_V01 Datasheet
1Mb / 29P
   Dual 2.2MHz Buck or Boost Converter with 80V Load-Dump Protection
2014
logo
STMicroelectronics
LDP01-XXAY STMICROELECTRONICS-LDP01-XXAY Datasheet
457Kb / 11P
   Automotive TVS for load dump protection
October 2015 Rev 2
LDP24A STMICROELECTRONICS-LDP24A Datasheet
44Kb / 5P
   LOAD DUMP TRANSIENT PROTECTION
logo
Maxim Integrated Produc...
MAX5099EVKIT MAXIM-MAX5099EVKIT Datasheet
242Kb / 9P
   Load-Dump Protection Circuit Withstands Input Transients Up to 80V
Rev 0; 9/08
logo
STMicroelectronics
LDP35CA STMICROELECTRONICS-LDP35CA Datasheet
120Kb / 5P
   Transient protection load dump
June 2012 Rev 1
logo
Renesas Technology Corp
ISL81802 RENESAS-ISL81802 Datasheet
1Mb / 45P
   80V Dual Synchronous Buck Controller
Oct.15.20
logo
Maxim Integrated Produc...
MAX16128 MAXIM-MAX16128 Datasheet
1Mb / 15P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 1; 9/12
MAX16128 MAXIM-MAX16128_V01 Datasheet
877Kb / 15P
    Load-Dump/Reverse-Voltage Protection Circuits
2019
MAX16126 MAXIM-MAX16126 Datasheet
2Mb / 19P
   Load-Dump/Reverse-Voltage Protection Circuits
Rev 0; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com