Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8810AETM Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX8810AETM
Description  VRD11/VRD10, K8 Rev F 2/3/4-Phase PWM Controllers with Integrated Dual MOSFET Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8810AETM Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX8810AETM Datasheet HTML 2Page - Maxim Integrated Products MAX8810AETM Datasheet HTML 3Page - Maxim Integrated Products MAX8810AETM Datasheet HTML 4Page - Maxim Integrated Products MAX8810AETM Datasheet HTML 5Page - Maxim Integrated Products MAX8810AETM Datasheet HTML 6Page - Maxim Integrated Products MAX8810AETM Datasheet HTML 7Page - Maxim Integrated Products MAX8810AETM Datasheet HTML 8Page - Maxim Integrated Products MAX8810AETM Datasheet HTML 9Page - Maxim Integrated Products MAX8810AETM Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
_______________________________________________________________________________________
VRD11/VRD10, K8 Rev F 2/3/4-Phase PWM
Controllers with Integrated Dual MOSFET Drivers
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Operating Range
4.5
5.5
V
Rising
4.0
4.5
VCC UVLO Trip Level
Falling
3.7
4.3
V
INTERNAL REFERENCE (REF)
Output Voltage
IREF = -100µA
1.99
2.01
V
Output Regulation (Sourcing)
VCC = 4.5V at IREF = -500µA to VCC = 5.5V at
IREF = -100µA
-0.065
+0.065
%
Output Regulation (Sinking)
VCC = 4.5V at IREF = +100µA to VCC = 5.5V at
IREF = +500µA
-0.2
+0.2
%
BUF REFERENCE
BUF Regulation Voltage
IBUF = 0A
0.99
1.01
V
BUF Output Regulation
VCC = 4.5V at IBUF = +100µA to VCC = 5.5V at
IREF = +500µA
-0.4
+0.4
%
SOFT-START
EN Startup Delay (TD1)
From EN rising to VOUT rising
1.6
2.8
ms
Soft-Start Period Range (TD2)
12k
Ω < RSS/OVP < 90.9kΩ
0.5
6.5
ms
Soft-Start Tolerance
RSS/OVP = 56k
Ω
2.25
3.75
ms
Intel Boot Level Duration (TD3)
SEL = GND or SEL = VCC
175
350
µs
VOLTAGE REGULATION
RS+ Input Bias Current
VRS+ = 1.0V
1
µA
RS- Input Bias Current
VRS- = 0.2V
1
µA
Output-Voltage Initial Accuracy
VDAC_ = 1V (Note 1)
-0.35
+0.35
%
gMV Amplifier Transconductance
1.91
2.06
mS
CURRENT LIMIT
Average Current-Limit Trip-Level
Accuracy
VILIM = 1.5V
-11
+11
%
ILIM Input Bias Current
1µA
ILIM Default Program Level
VILIM > VCC - 0.2V
1.197
1.463
V
ENABLE INPUT (EN)
Turn-On Threshold (Rising)
VCC = 4.5V to 5.5V, 100mV typ hysteresis
0.8
0.9
V
LOGIC INPUTS (VID0–VID7)
INTEL (SEL = HIGH OR LOW)
Input Low Level
VCC = 4.5V to 5.5V
0.4
V
Input High Level
VCC = 4.5V to 5.5V
0.8
V
Input Pulldown Resistance
100
270
k
Ω
ELECTRICAL CHARACTERISTICS
(VVL_ = VBST_ = 6.5V, VCC = VEN = 5V, VILIM = 1.5V, VID_ = SEL = REF = BUF = unconnected, VCOMP = VRS+ = 1.0V, RVRREADY =
5k
Ω pullup to 5V, RSS/OVP = 12kΩ = RNTC = 10kΩ to GND, fSW = 300kHz, RVRTSET = 50kΩ to GND, VCS_+ = VCS_- = 1V, PWM_ =
unconnected, RVRHOT = 249
Ω pullup to 1.05V, VGND = VPGND_ = VLX_ = VRS- = 0V, DL_ = DH_ = unconnected, TA = -40°C to
+85
°C.) (Note 2)


Similar Part No. - MAX8810AETM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX881 MAXIM-MAX881 Datasheet
111Kb / 8P
   Low-Noise Bias Supply in 關MAX with Power-OK for GaAsFET PA
Rev 1; 6/98
MAX8811 MAXIM-MAX8811 Datasheet
166Kb / 11P
   High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 0; 1/06
MAX8811 MAXIM-MAX8811 Datasheet
167Kb / 11P
   High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 1; 4/07
MAX8811EEE++ MAXIM-MAX8811EEE+ Datasheet
166Kb / 11P
   High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 0; 1/06
MAX8811EEE++ MAXIM-MAX8811EEE+ Datasheet
167Kb / 11P
   High-Speed, Dual-Phase Driver with Integrated Boost Diodes
Rev 1; 4/07
More results

Similar Description - MAX8810AETM

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8886A RICHTEK-RT8886A Datasheet
649Kb / 45P
   2-Phase Controller with Dual Integrated Drivers
logo
Renesas Technology Corp
ISL8126 RENESAS-ISL8126 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Intersil Corporation
ISL8126 INTERSIL-ISL8126 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8120CRZ INTERSIL-ISL8120CRZ Datasheet
1Mb / 38P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
February 9, 2015
ISL8120 INTERSIL-ISL8120 Datasheet
982Kb / 35P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8120IRZEC INTERSIL-ISL8120IRZEC Datasheet
892Kb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Renesas Technology Corp
ISL8120 RENESAS-ISL8120 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Intersil Corporation
ISL8120IR INTERSIL-ISL8120IR Datasheet
988Kb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
November 11, 2011
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com