Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8809A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8809A
Description  VRD11/VRD10, K8 Rev F 2/3/4-Phase PWM Controllers with Integrated Dual MOSFET Drivers
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8809A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8809A Datasheet HTML 1Page - Maxim Integrated Products MAX8809A Datasheet HTML 2Page - Maxim Integrated Products MAX8809A Datasheet HTML 3Page - Maxim Integrated Products MAX8809A Datasheet HTML 4Page - Maxim Integrated Products MAX8809A Datasheet HTML 5Page - Maxim Integrated Products MAX8809A Datasheet HTML 6Page - Maxim Integrated Products MAX8809A Datasheet HTML 7Page - Maxim Integrated Products MAX8809A Datasheet HTML 8Page - Maxim Integrated Products MAX8809A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
_______________________________________________________________________________________
5
VRD11/VRD10, K8 Rev F 2/3/4-Phase PWM
Controllers with Integrated Dual MOSFET Drivers
ELECTRICAL CHARACTERISTICS (continued)
(VVL_ = VBST_ = 6.5V, VCC = VEN = 5V, VILIM = 1.5V, VID_ = SEL = REF = BUF = unconnected, VCOMP = VRS+ = 1.0V, RVRREADY =
5k
Ω pullup to 5V, RSS/OVP = 12kΩ to GND, RNTC = 10kΩ to GND, fSW = 300kHz, RVRTSET = 118kΩ to GND, VCS_+ = VCS_- = 1V,
PWM_ = unconnected, RVRHOT = 249
Ω pullup to 1.05V, VGND = VPGND_ = VLX_ = VRS- = 0V, DL_ = DH_ = unconnected, TA = 0°C
to +85
°C. Typical values are at TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PWM DRIVER
Output Low Level
IPWM_ = +5mA
0.1
0.4
V
Output High Level
IPWM_ = -5mA
4.5
4.9
V
Source Current
VPWM_ = VCC - 2V
52
mA
Sink Current
VPWM_ = 2V
65
mA
Rise/Fall Times
10
ns
PWM Disable Program Threshold
4V < VCC < 5.5V
3.0
VCC -
0.7
V
GATE-DRIVER SPECIFICATIONS
VL_, BST_ to LX_ Input Voltage Range
4.5
6.5
V
LX Operating Range
26
V
VL_ UVLO Threshold (VL12,
MAX8809A; VL1, MAX8810A)
VVL_ rising, 250mV hysteresis (typ)
3.25
3.55
3.80
V
DH_ = BST_
1
1.6
Driver Static Supply Current, IVL_
(per Channel)
DH_ = LX_
1.1
1.8
mA
Boost Static Supply Current, IBST_
(per Channel)
DH_ = BST_
0.6
1
mA
Sourcing current, VVL _ = 6.5V
1.1
2.0
DH Driver Resistance
Sinking current, VVL _ = 6.5V
0.8
1.2
Ω
Sourcing current, VVL _ = 6.5V
0.85
1.7
DL Driver Resistance
Sinking current, VVL _ = 6.5V
0.3
0.6
Ω
DH_ Rise Time (trDH)CDH_ = 3000pF
14
ns
DH_ Fall Time (tfDH)CDH_ = 3000pF
9
ns
DL_ Rise Time (trDL)CDL_ = 3000pF
10
ns
DL_ Fall Time (tfDL)CDL_ = 3000pF
7
ns
DH_ Propagation Delay (tpDHf)
CS+ rising to DH falling
32
ns
Dead Time (tpDLr)
LX_ falling to DL_ rising
18
ns
Dead Time (tDEAD)
DL_ falling to DH_ rising
35
ns
INTERNAL BOOST-DIODE SPECIFICATIONS
On-Resistance
IBST_ = 2mA
6
Ω


Similar Part No. - MAX8809A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8804 MAXIM-MAX8804 Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8804V MAXIM-MAX8804V Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8804V MAXIM-MAX8804V Datasheet
136Kb / 7P
   Power-Present and Charger-Status Outputs
Rev 0; 4/08
MAX8804VETA MAXIM-MAX8804VETA Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8804VETA++ MAXIM-MAX8804VETA+ Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
2008
More results

Similar Description - MAX8809A

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8886A RICHTEK-RT8886A Datasheet
649Kb / 45P
   2-Phase Controller with Dual Integrated Drivers
logo
Renesas Technology Corp
ISL8126 RENESAS-ISL8126 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Intersil Corporation
ISL8126 INTERSIL-ISL8126 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8120CRZ INTERSIL-ISL8120CRZ Datasheet
1Mb / 38P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
February 9, 2015
ISL8120 INTERSIL-ISL8120 Datasheet
982Kb / 35P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
ISL8120IRZEC INTERSIL-ISL8120IRZEC Datasheet
892Kb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Renesas Technology Corp
ISL8120 RENESAS-ISL8120 Datasheet
1Mb / 39P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
logo
Intersil Corporation
ISL8120IR INTERSIL-ISL8120IR Datasheet
988Kb / 33P
   Dual/n-Phase Buck PWM Controller with Integrated Drivers
November 11, 2011
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com