Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6PS0200R12KE3-3GH Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # 6PS0200R12KE3-3GH
Description  3x 172A AC at 400V AC, forced air (fan not implemented)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

6PS0200R12KE3-3GH Datasheet(HTML) 4 Page - Infineon Technologies AG

  6PS0200R12KE3-3GH Datasheet HTML 1Page - Infineon Technologies AG 6PS0200R12KE3-3GH Datasheet HTML 2Page - Infineon Technologies AG 6PS0200R12KE3-3GH Datasheet HTML 3Page - Infineon Technologies AG 6PS0200R12KE3-3GH Datasheet HTML 4Page - Infineon Technologies AG 6PS0200R12KE3-3GH Datasheet HTML 5Page - Infineon Technologies AG 6PS0200R12KE3-3GH Datasheet HTML 6Page - Infineon Technologies AG 6PS0200R12KE3-3GH Datasheet HTML 7Page - Infineon Technologies AG 6PS0200R12KE3-3GH Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Technical Information
6PS0200R12KE3-3GH
PrimeSTACK
!
Zieldaten
target data
$8#" +,
-
$8#" +,
-
$8#" +,
-
$8#" +,
-
+
- K );:
+
- K );:
+
- K );:
+
- K );:
"oZZL kMpE\k K = N*
"oZZL kMpE\k K = N*
"oZZL kMpE\k K = N*
"oZZL kMpE\k K = N*
q r @s
-5 0 5 10 15 20 25 30 35 40 45 50 55
0
10
20
30
40
50
60
70
80
90
100
110
120
/
$8#" +,
-
/
$8#" +,
-
/
$8#" +,
-
/
$8#" +,
-
+
- K !;:
+
- K !;:
+
- K !;:
+
- K !;:
"oZZL kMpE\k K =
"oZZL kMpE\k K =
"oZZL kMpE\k K =
"oZZL kMpE\k K =
QR r @s
0
4000
8000
12000
16000
20000
0
10
20
30
40
50
60
70
80
90
100
110
120
130
"
,
,
,
"
,
,
,
"
,
,
,
"
,
,
,
"oZZL kMpE\k K = N*
"oZZL kMpE\k K = N*
"oZZL kMpE\k K = N*
"oZZL kMpE\k K = N*
, r s
1
10
100
1000
10000
0,00
0,01
0,02
0,03
0,04
0,05
0,06
0,07
0,08
0,09
0,10
0,11
0,12
Er6&[s
Er s
)
2 =
)2:
) =:=2
: )2=
2
)
;;)<2
=
)
: 2
;;)<2


Similar Part No. - 6PS0200R12KE3-3GH

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
6PS0200R06KE3-3G EUPEC-6PS0200R06KE3-3G Datasheet
549Kb / 8P
   3x 197A AC at 230V AC, forced air (fan not implemented)
More results

Similar Description - 6PS0200R12KE3-3GH

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
6PS0300R12KE3-3G EUPEC-6PS0300R12KE3-3G Datasheet
554Kb / 8P
   3x 181A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
6PS0400R12KE3-3GH INFINEON-6PS0400R12KE3-3GH Datasheet
546Kb / 8P
   3x 237A AC at 400V AC, forced air (fan not implemented)
2007-06-20 revision: 1.1
6PS0150R12KE3-3GV INFINEON-6PS0150R12KE3-3GV Datasheet
555Kb / 9P
   3x 134A AC at 400V AC, forced air (fan not implemented)
2010-06-11 revision:2.0
6PS0150R12KE3-3G INFINEON-6PS0150R12KE3-3G Datasheet
546Kb / 8P
   3x 134A AC at 400V AC, forced air (fan not implemented)
2007-06-20 revision: 1.0
logo
eupec GmbH
6PS0400R12KE3-3G EUPEC-6PS0400R12KE3-3G Datasheet
250Kb / 7P
   3x 210A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
6PS0300R12KS4-3G INFINEON-6PS0300R12KS4-3G Datasheet
572Kb / 10P
   3x 168A AC at 400V AC, forced air (fan not implemented)
2008-06-26 revision: 2.0
logo
eupec GmbH
6PS0300R06KE3-3G EUPEC-6PS0300R06KE3-3G Datasheet
549Kb / 8P
   3x 243A AC at 230V AC, forced air (fan not implemented)
6PS0200R06KE3-3G EUPEC-6PS0200R06KE3-3G Datasheet
549Kb / 8P
   3x 197A AC at 230V AC, forced air (fan not implemented)
6PS0300R17KE3-3GH EUPEC-6PS0300R17KE3-3GH Datasheet
552Kb / 8P
   3x 176A AC at 690V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS0400R12KE3-2G INFINEON-2PS0400R12KE3-2G Datasheet
519Kb / 8P
   1x 311A AC at 400V AC, forced air (fan not implemented)
2007-06-21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com