Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5039EUA-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5039EUA-T
Description  Voltage-Tracking Controllers for PowerPC, DSPs, and ASICs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5039EUA-T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5039EUA-T Datasheet HTML 3Page - Maxim Integrated Products MAX5039EUA-T Datasheet HTML 4Page - Maxim Integrated Products MAX5039EUA-T Datasheet HTML 5Page - Maxim Integrated Products MAX5039EUA-T Datasheet HTML 6Page - Maxim Integrated Products MAX5039EUA-T Datasheet HTML 7Page - Maxim Integrated Products MAX5039EUA-T Datasheet HTML 8Page - Maxim Integrated Products MAX5039EUA-T Datasheet HTML 9Page - Maxim Integrated Products MAX5039EUA-T Datasheet HTML 10Page - Maxim Integrated Products MAX5039EUA-T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Voltage-Tracking Controllers for
PowerPC, DSPs, and ASICs
_______________________________________________________________________________________
7
Performance During
Typical Operation
Scope shots are of the MAX5040 EV kit. Figures 1
through 8 demonstrate system performance of the
MAX5040 under various power-up, power-down, and
fault conditions. In some cases (described in detail
below), startup or shutdown of the I/O and CORE sup-
plies were purposely delayed with respect to each
other to simulate possible system operating conditions.
In Figure 1 (with MAX5040), VCC ramps up slowly and
the I/O supply comes up before the CORE supply. As
soon as VCC rises above 2.5V (at about 7.5ms) NDRV
goes to VCC shorting the I/O and CORE supplies togeth-
er. When VCC rises above 4.5V (bringing VUVLO above
VUVCC), SDO goes high enabling the I/O and CORE
supplies. Although the CORE PWM supply turns on 5ms
after the I/O PWM supply, both supply voltages come up
together because NDRV is held at VCC, shorting the sup-
plies together through the N-channel FET. The I/O supply
supports both the I/O line and the CORE line. Once
VCORE rises close to its set point, NDRV falls to around
2.8V to regulate VCORE at its set point. At around 22ms,
the CORE supply comes up, NDRV goes to GND, and
POK goes high. On power-down, when VCC drops low
enough to bring VUVLO below VUVCC, SDO immediately
falls, turning the I/O and CORE supplies off. Simultane-
ously, POK falls, indicating power-down to the proces-
sor. When the I/O voltage drops below the CORE
voltage, NDRV goes to VCC (at around 36ms), shorting
the supplies together. NDRV remains at VCC until VCC
falls below 2.5V and then it returns to GND.
In Figure 2 (without MAX5040), VCC ramps up slowly
and the CORE and I/O supplies are turned on when
VCC exceeds 2.5V. The I/O voltage comes up before
the CORE voltage. There is a 3.3V difference between
the I/O and CORE supplies for about 4ms before the
CORE supply finally comes up. When VCC powers
down, I/O remains high for about 10ms after CORE
reaches GND.
In Figure 3 (with MAX5040), VCC ramps up slowly and
the CORE supply comes up before the I/O supply. As
soon as VCC rises above 2.5V (at about 7.5ms), NDRV
goes to VCC, shorting the I/O and CORE supplies togeth-
er. When VCC rises above 4.5V (bringing VUVLO above
VUVCC), SDO goes high, enabling the I/O and CORE
supplies. Although the I/O PWM supply turns on 8ms
after the CORE PWM supply, both supply voltages come
up together because NDRV is held at VCC, shorting the
supplies together through the N-channel FET. The CORE
supply supports both the CORE line and the I/O line until
the I/O supply comes up. At around 23ms, the I/O supply
turns on, pulling the I/O voltage above the CORE volt-
age. At this point, the MAX5040 brings NDRV to GND
and POK goes high. On power-down, when VCC drops
low enough to bring VUVLO below VUVCC, SDO immedi-
ately falls, turning the I/O and CORE supplies off.
Simultaneously POK falls, indicating power-down to the
processor. When the CORE voltage drops below its reg-
ulation point, NDRV begins to regulate it (at around
30ms). When I/O falls below CORE, NDRV is pulled up to
VCC to short the two supplies together.
In Figure 4 (without MAX5040), VCC ramps up slowly
and the CORE voltage comes up before the I/O volt-
age. It takes about 8ms before the I/O supply finally
comes up above the CORE supply. When VCC powers
down, the supplies do not turn off together. CORE
remains high for around 14ms after I/O falls.
In Figure 5 (with MAX5040), the system power-up is
attempted with the CORE supply held in shutdown. As
soon as VCC rises above 2.5V, NDRV goes to VCC,
shorting the I/O and CORE supplies together. Next,
when VCC rises above 4.5V (bringing VUVLO above
VUVCC), SDO goes high, enabling the I/O and CORE
supplies. Both supplies come up together because
NDRV is high. Note that the CORE supply is still off;
CORE is held up through the N-channel FET shunt.
Once VCORE rises close to its set point, the linear regu-
lator holds VCORE to its set point by regulating NDRV to
around 2.8V. After 15ms of regulating CORE, the
MAX5040 latches a fault. SDO goes low, NDRV goes to
VCC, and both supplies power down together. POK
remains low throughout because a valid operating state
was not achieved.
In Figure 6 (with MAX5040), VCC is set to 5V. Toggling
UVLO from low to high controls system startup. While
UVLO is low and the VCC is 5V, NDRV is high, causing
the supplies to be shorted together. When UVLO goes
high, SDO also goes high, turning on the CORE and I/O
supplies (at around 3ms). In this example, the I/O sup-
ply comes up before the CORE supply. The MAX5040
regulates CORE by driving NDRV to about 2.8V until the
CORE supply comes up (at around 7ms), then NDRV
falls to GND and POK goes high. When UVLO is driven
low, SDO goes low, disabling the CORE and I/O sup-
plies. NDRV goes to VCC and both supplies power
down together.
In Figure 7 (with MAX5040), VCC is set to 5V. Toggling
UVLO from low to high controls system startup. While
UVLO is low and the VCC is 5V, NDRV is high, shorting
the supplies together while they are both off. When
UVLO does go high, SDO also goes high, turning on
the CORE and I/O supplies (at around 8ms). In this
example, the CORE supply comes up before the I/O


Similar Part No. - MAX5039EUA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX503 MAXIM-MAX503 Datasheet
118Kb / 16P
   5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
Rev 0; 8/94
MAX5033 MAXIM-MAX5033 Datasheet
292Kb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5033 MAXIM-MAX5033 Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5033AASA MAXIM-MAX5033AASA Datasheet
292Kb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5033AASA MAXIM-MAX5033AASA Datasheet
1Mb / 17P
   500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
More results

Similar Description - MAX5039EUA-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPC533 ETC1-MPC533 Datasheet
1,004Kb / 23P
   NEXUS Debugger and Trace for PowerPC
logo
Motorola, Inc
MPC9855 MOTOROLA-MPC9855 Datasheet
267Kb / 12P
   Clock Generator for PowerQUICC and PowerPC Microprocessors
logo
Integrated Circuit Syst...
ICS9160-03 ICST-ICS9160-03 Datasheet
240Kb / 7P
   Frequency Generator and Integrated Buffer for PowerPC
logo
Renesas Technology Corp
MPC9824 RENESAS-MPC9824 Datasheet
456Kb / 13P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2019
logo
Maxim Integrated Produc...
MAX8537 MAXIM-MAX8537 Datasheet
414Kb / 23P
   Dual-Synchronous Buck Controllers for Point-of-Load, Tracking, and DDR Memory Power Supplies
Rev 0; 1/04
logo
Renesas Technology Corp
MPC9817 RENESAS-MPC9817 Datasheet
283Kb / 8P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
2012
logo
Integrated Circuit Syst...
ICS9342 ICST-ICS9342 Datasheet
175Kb / 10P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
ICS9341 ICST-ICS9341 Datasheet
207Kb / 9P
   133MHz Clock Generator and Integrated Buffer for PowerPC?
logo
Maxim Integrated Produc...
MAX1964 MAXIM-MAX1964 Datasheet
475Kb / 30P
   Tracking/Sequencing Triple/Quintuple Power-Supply Controllers
Rev 0; 7/01
logo
Freescale Semiconductor...
MPC9817 FREESCALE-MPC9817 Datasheet
97Kb / 8P
   Clock Generator for PowerQUICC and PowerPC Microprocessors and Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com