Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4PS0300R17KE3-3G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # 4PS0300R17KE3-3G
Description  2x 165A AC at 690V AC, forced air (fan not implemented)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

4PS0300R17KE3-3G Datasheet(HTML) 6 Page - Infineon Technologies AG

  4PS0300R17KE3-3G Datasheet HTML 1Page - Infineon Technologies AG 4PS0300R17KE3-3G Datasheet HTML 2Page - Infineon Technologies AG 4PS0300R17KE3-3G Datasheet HTML 3Page - Infineon Technologies AG 4PS0300R17KE3-3G Datasheet HTML 4Page - Infineon Technologies AG 4PS0300R17KE3-3G Datasheet HTML 5Page - Infineon Technologies AG 4PS0300R17KE3-3G Datasheet HTML 6Page - Infineon Technologies AG 4PS0300R17KE3-3G Datasheet HTML 7Page - Infineon Technologies AG 4PS0300R17KE3-3G Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technical Information
4PS0300R17KE3-3G
PrimeSTACK
!
Zieldaten
target data
Circuit diagram
+
-
B
HB A IGBT BOT
Output
Input
20
21
3
4
HB B IGBT BOT
HB A IGBT TOP
HB B IGBT TOP
HB C IGBT BOT
HB C IGBT TOP
23
24
2 HB A error
HB B error
HB C error
22
5
6
16
15
Temp. error
Voltage error
NC
19
25
37
GND digital
GND digital
GND digital
NC
NC
33
34
18
35
14
17
36
NC
NC
NC
NC
NC
1 True earth/shield
+
-
C
BOT
TOP
+
-
A
BOT
TOP
30
31
32
29
7
HB A current
HB B current
HB C current
Temperature
Voltage DC-Link
11
12
13
GND analog
GND analog
GND analog
Output
10
28
8
26
13V÷30V
GND
GND
13V÷30V
In
Out
15V/50mA
15V/50mA
9
27
Over
curre
nt HB
A
Over
curre
nt HB
B
Over
curre
nt HB
C
Unde
rvolta
ge
Over
temp
. outp
ut sta
ge
Over
temp
. PCB
Over
volta
ge D
C-Lin
k
Option V
Voltage measurement
High voltage
area in grey
VCE(sat) / supply
VCE(sat) / supply
PTC
X= high level with required external pull up resistor.
Error Table
X
Undervoltage power supply
X
X
X
X
Overvoltage DC-Link (Option)
X
Overtemperature PCB
X
X
X
X
Overtemperature output stage
X
X
X
Overcurrent HB C
X
X
X
Overcurrent HB B
X
X
X
Overcurrent HB A
X
Error Driver Core HB C
X
Error Driver Core HB B
X
Error Driver Core HB A
Voltage
Pin 16
Temp.
Pin 6
HB C
Pin 5
HB B
Pin 22
HB A
Pin 2
Error outputs (open collector)
Mana
For detailed technical information please refer the PrimeSTACK manual.
safety separation between
high voltage area and
low voltage area
SUB-D-Connector 37pole male
front view
1
female thread
UNC4/40
Option DC link capacitors
+
-


Similar Part No. - 4PS0300R17KE3-3G

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
4PS0300R12KS4-3G EUPEC-4PS0300R12KS4-3G Datasheet
526Kb / 8P
   2x 183A AC at 400V AC, forced air (fan not implemented)
More results

Similar Description - 4PS0300R17KE3-3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
2PS1200R17KE3-4GH INFINEON-2PS1200R17KE3-4GH Datasheet
552Kb / 10P
   1x 629A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.2
logo
eupec GmbH
6PS0300R17KE3-3GH EUPEC-6PS0300R17KE3-3GH Datasheet
552Kb / 8P
   3x 176A AC at 690V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS0900R17KE3-3GH INFINEON-2PS0900R17KE3-3GH Datasheet
565Kb / 10P
   1x 527A AC at 690V AC, forced air (fan not implemented)
2008-04-11 revision:1.0
2PS1200R17KE3-4G INFINEON-2PS1200R17KE3-4G Datasheet
553Kb / 10P
   1x 571A AC at 690V AC, forced air (fan not implemented)
2008-05-20 revision:2.1
4PS0150R12KE3-3G INFINEON-4PS0150R12KE3-3G Datasheet
524Kb / 8P
   2x 143A AC at 400V AC, forced air (fan not implemented)
2007-08-17 revision: 1.0
logo
eupec GmbH
4PS0300R12KS4-3G EUPEC-4PS0300R12KS4-3G Datasheet
526Kb / 8P
   2x 183A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
4PS0400R06KE3-3G INFINEON-4PS0400R06KE3-3G Datasheet
527Kb / 8P
   2x 300A AC at 230V AC, forced air (fan not implemented)
2007-06-21 revision: 1.0
logo
eupec GmbH
6PS0300R12KE3-3G EUPEC-6PS0300R12KE3-3G Datasheet
554Kb / 8P
   3x 181A AC at 400V AC, forced air (fan not implemented)
logo
Infineon Technologies A...
2PS0400R12KE3-2G INFINEON-2PS0400R12KE3-2G Datasheet
519Kb / 8P
   1x 311A AC at 400V AC, forced air (fan not implemented)
2007-06-21
logo
eupec GmbH
6PS0300R06KE3-3G EUPEC-6PS0300R06KE3-3G Datasheet
549Kb / 8P
   3x 243A AC at 230V AC, forced air (fan not implemented)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com