Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5037 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5037
Description  VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5037 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5037 Datasheet HTML 1Page - Maxim Integrated Products MAX5037 Datasheet HTML 2Page - Maxim Integrated Products MAX5037 Datasheet HTML 3Page - Maxim Integrated Products MAX5037 Datasheet HTML 4Page - Maxim Integrated Products MAX5037 Datasheet HTML 5Page - Maxim Integrated Products MAX5037 Datasheet HTML 6Page - Maxim Integrated Products MAX5037 Datasheet HTML 7Page - Maxim Integrated Products MAX5037 Datasheet HTML 8Page - Maxim Integrated Products MAX5037 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
VRM 9.0, Dual-Phase, Parallelable,
Average Current-Mode Controller
_______________________________________________________________________________________
5
EFFICIENCY vs. OUTPUT CURRENT AND
INTERNAL OSCILLATOR FREQUENCY
IOUT (A)
48
44
40
36
32
28
24
20
16
12
8
4
50
60
70
80
90
100
40
052
f = 500kHz
f = 250kHz
VIN = +5V
VOUT = +1.8V
EFFICIENCY vs. OUTPUT CURRENT
AND INPUT VOLTAGE
IOUT (A)
48
44
40
36
32
28
24
20
16
12
8
4
50
40
30
20
10
60
70
80
90
100
0
052
VIN = +12V
VIN = +5V
VOUT = +1.8V
fSW = 250kHz
EFFICIENCY vs. OUTPUT CURRENT
IOUT (A)
48
44
40
36
32
28
24
20
16
12
8
4
50
40
30
20
10
60
70
80
90
100
0
052
VIN = +24V
VOUT = +1.8V
fSW = 125kHz
EFFICIENCY vs. OUTPUT CURRENT
AND OUTPUT VOLTAGE
IOUT (A)
48
44
40
36
32
28
24
20
16
12
8
4
50
40
30
20
10
60
70
80
90
100
0
052
VOUT = +1.1V
VOUT = +1.5V
VOUT = +1.8V
VIN = +12V
fSW = 250kHz
EFFICIENCY vs. OUTPUT CURRENT
AND OUTPUT VOLTAGE
IOUT (A)
48
44
40
36
32
28
24
20
16
12
8
4
50
40
30
20
10
60
70
80
90
100
0
052
VOUT = +1.1V
VOUT = +1.5V
VOUT = +1.8V
VIN = +5V
fSW = 500kHz
SUPPLY CURRENT
vs. FREQUENCY AND INPUT VOLTAGE
FREQUENCY (kHz)
550
500
400 450
200 250 300 350
150
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
6.0
100
600
VIN = +24V
VIN = +12V
VIN = +5V
EXTERNALCLOCK
NO DRIVER LOAD
SUPPLY CURRENT
vs. TEMPERATURE AND FREQUENCY
TEMPERATURE (°C)
60
35
10
-15
10
20
30
40
50
60
70
80
90
100
0
-40
85
250kHz
125kHz
VIN = +12V
CDL_ = 22nF
CDH_ = 8.2nF
SUPPLY CURRENT
vs. TEMPERATURE AND FREQUENCY
TEMPERATURE (°C)
60
35
10
-15
50
75
100
125
150
175
25
-40
85
600kHz
500kHz
VIN = +5V
CDL_ = 22nF
CDH_ = 8.2nF
SUPPLY CURRENT
vs. LOAD CAPACITANCE PER DRIVER
CDRIVER (nF)
13
11
7
9
5
3
10
20
30
40
50
60
70
80
90
100
0
115
VIN = +12V
fSW = 250kHz
Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX5037

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5037 MAXIM-MAX5037 Datasheet
812Kb / 13P
   Designed to Meet VRM 9.0 Mechanical and Electrical Specifications
Rev 0; 2/03
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
   VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
MAX5037AEMH MAXIM-MAX5037AEMH Datasheet
622Kb / 31P
   VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
MAX5037AETH MAXIM-MAX5037AETH Datasheet
622Kb / 31P
   VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
MAX5037EVKIT MAXIM-MAX5037EVKIT Datasheet
812Kb / 13P
   Designed to Meet VRM 9.0 Mechanical and Electrical Specifications
Rev 0; 2/03
More results

Similar Description - MAX5037

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
   VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
MAX5038A MAXIM-MAX5038A Datasheet
680Kb / 26P
   Dual-Phase, Parallelable, Average-Current-Mode Controllers
Rev 0; 10/03
MAX5038 MAXIM-MAX5038 Datasheet
406Kb / 26P
   Dual-Phase, Parallelable, Average Current-Mode Controllers
Rev 3; 8/04
MAX5065 MAXIM-MAX5065 Datasheet
652Kb / 32P
   Dual-Phase, 0.6V to 3.3V Output Parallelable, Average-Current-Mode Controllers
Rev 1; 11/03
logo
ON Semiconductor
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
logo
Texas Instruments
UC3848N TI-UC3848N Datasheet
1,002Kb / 17P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI-UC1848 Datasheet
359Kb / 9P
[Old version datasheet]   Average Current Mode PWM Controller
UC1848 TI1-UC1848_14 Datasheet
512Kb / 13P
[Old version datasheet]   Average Current Mode PWM Controller
logo
Maxim Integrated Produc...
MAX5060 MAXIM-MAX5060 Datasheet
589Kb / 31P
   0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Rev 2; 7/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com