Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3934BE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3934BE
Description  10.7Gbps Compact Laser Diode Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3934BE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3934BE Datasheet HTML 1Page - Maxim Integrated Products MAX3934BE Datasheet HTML 2Page - Maxim Integrated Products MAX3934BE Datasheet HTML 3Page - Maxim Integrated Products MAX3934BE Datasheet HTML 4Page - Maxim Integrated Products MAX3934BE Datasheet HTML 5Page - Maxim Integrated Products MAX3934BE Datasheet HTML 6Page - Maxim Integrated Products MAX3934BE Datasheet HTML 7Page - Maxim Integrated Products MAX3934BE Datasheet HTML 8Page - Maxim Integrated Products MAX3934BE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
10.7Gbps Compact Laser Diode Driver
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC - VEE = 4.75V to 5.5V, TA = -40°C to +85°C. Typical values are at VCC - VEE = 5V, IBIAS = 35mA, IMOD = 65mA, and
TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Modulation Current-Setting Error
VOUT_+ < VCC - 1.2V (Note 5)
-10
+10
%
Modulation Off-Current
MODSET
≤ VEE + 0.4V
0.2
mA
Output Edge Speed
tR, tF
20% to 80% (Notes 1, 4, 6)
25
35
ps
Output Overshoot/Undershoot
δ
(Notes 1, 4, 6)
-15
+15
%
Driver Random Jitter
RJ
REXT + RD = 20
Ω (Note 1)
0.3
psRMS
Driver Deterministic Jitter
DJ
(Notes 1, 7)
9.7
psP-P
TTL INPUT
Input High Voltage
VEE +
2.0
V
Input Low Voltage
VEE +
0.8
V
Input Current
-70
+70
µA
Note 1: Guaranteed by design and characterization using the circuit shown in Figure 1.
Note 2: PSNR = 20
× log[∆VCC / (∆IMOD × 20)]. Measured with ∆VCC = 100mVP-P and f ≤ 10MHz. Excludes the effect of the external
op amp.
Note 3: The minimum voltage at the BIAS pad is VEE + 1.85V + (IBIAS
× 8Ω).
Note 4: The combined driver AC load (on-chip load and off-chip laser load) is 20
Ω. Measured using a 10.7Gbps repeating
0000 0000 1111 1111 pattern.
Note 5: The minimum voltage at the OUT_+ pad is VEE + 1.65V + (IMOD
× RD) (Figure 3).
Note 6: The maximum allowed inductance per bond wire is 0.4nH for OUT1
±, OUT2±, VCC, VEE, and 0.5nH for IN±.
Note 7: Deterministic jitter is defined as the arithmetic sum of PWD (pulse-width distortion) and PDJ (pattern-dependent jitter).
Measured using a 10.7Gbps 27 - 1 PRBS with eighty 0s and eighty 1s inserted in the data pattern.


Similar Part No. - MAX3934BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX393 MAXIM-MAX393 Datasheet
739Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 6/99
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930D MAXIM-MAX3930D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930E MAXIM-MAX3930E Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931D MAXIM-MAX3931D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
More results

Similar Description - MAX3934BE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3935 MAXIM-MAX3935 Datasheet
1Mb / 14P
   10.7Gbps EAM Driver
Rev 1; 12/02
logo
Mitsubishi Electric Sem...
M66512P MITSUBISHI-M66512P Datasheet
143Kb / 10P
   LASER-DIODE DRIVER
M66510P MITSUBISHI-M66510P Datasheet
224Kb / 10P
   LASER-DIODE DRIVER
logo
IC-Haus GmbH
WJZMSOP8 ICHAUS-WJZMSOP8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
Roithner LaserTechnik G...
EU-38-PD ROITHNER-EU-38-PD Datasheet
95Kb / 2P
   Laser Diode Driver
logo
IC-Haus GmbH
WJZSO8 ICHAUS-WJZSO8 Datasheet
577Kb / 12P
   LASER DIODE DRIVER
logo
ELM Technology Corporat...
ELM185 ELM-TECH-ELM185 Datasheet
819Kb / 10P
   Laser Diode Driver
logo
ELM Electronics
ELM185 ELM-ELM185 Datasheet
919Kb / 10P
   Laser Diode Driver
logo
ELM Technology Corporat...
ELM185-SERIES ELM-TECH-ELM185-SERIES Datasheet
919Kb / 10P
   Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com