Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3787AWL Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3787AWL
Description  1Gbps to 12.5Gbps Passive Equalizer for Backplanes and Cables
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3787AWL Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3787AWL Datasheet HTML 2Page - Maxim Integrated Products MAX3787AWL Datasheet HTML 3Page - Maxim Integrated Products MAX3787AWL Datasheet HTML 4Page - Maxim Integrated Products MAX3787AWL Datasheet HTML 5Page - Maxim Integrated Products MAX3787AWL Datasheet HTML 6Page - Maxim Integrated Products MAX3787AWL Datasheet HTML 7Page - Maxim Integrated Products MAX3787AWL Datasheet HTML 8Page - Maxim Integrated Products MAX3787AWL Datasheet HTML 9Page - Maxim Integrated Products MAX3787AWL Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
1Gbps to 12.5Gbps
Passive Equalizer for Backplanes and Cables
6
_______________________________________________________________________________________
EYE DIAGRAM OF UNEQUALIZED SIGNAL
(18in FR4, 8.5Gbps, STRESS PATTERN)
22ps/div
EYE DIAGRAM OF EQUALIZED SIGNAL
(18in FR4, 8.5Gbps, STRESS PATTERN)
22ps/div
EYE DIAGRAM OF EQUALIZED SIGNAL (ZOOM)
(18in FR4, 8.5Gbps, STRESS PATTERN)
22ps/div
EYE DIAGRAM OF UNEQUALIZED SIGNAL
(18in FR4, 10.3125Gbps, STRESS PATTERN)
18ps/div
EYE DIAGRAM OF EQUALIZED SIGNAL
(18in FR4, 10.3125Gbps, STRESS PATTERN)
18ps/div
EYE DIAGRAM OF EQUALIZED SIGNAL (ZOOM)
(18in FR4, 10.3125Gbps, STRESS PATTERN)
18ps/div
EYE DIAGRAM OF UNEQUALIZED SIGNAL
(12in FR4, 10.3125Gbps, STRESS PATTERN)
18ps/div
EYE DIAGRAM OF EQUALIZED SIGNAL
(12in FR4, 10.3125Gbps, STRESS PATTERN)
18ps/div
EYE DIAGRAM OF EQUALIZED SIGNAL (ZOOM)
(12in FR4, 10.3125Gbps, STRESS PATTERN)
18ps/div
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted. All measurements were done with 1VP-P at the source. Stress pattern: 27 PRBS, 100 zeros, 1, 0, 1,
0, 27 PRBS, 100 ones, 0, 1, 0, 1. Residual deterministic jitter graphs were measured using Tektronix’s FrameScan. Deterministic jitter of
the system was subtracted from the measured value. Eye diagrams acquired by FrameScan include deterministic jitter of the system
(approximately 9ps) but not random jitter. Twin-ax cable: Amphenol Spectra-Strip Skewclear 100
Ω 24AWG.)


Similar Part No. - MAX3787AWL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
More results

Similar Description - MAX3787AWL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS80E100 NSC-DS80E100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 NSC-DS80EP100_08 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS38EP100 TI1-DS38EP100_14 Datasheet
6Mb / 17P
[Old version datasheet]   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
DS80EP100 TI1-DS80EP100_15 Datasheet
5Mb / 18P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
National Semiconductor ...
DS80EP100 NSC-DS80EP100 Datasheet
4Mb / 14P
   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS80EP100 TI1-DS80EP100_14 Datasheet
5Mb / 21P
[Old version datasheet]   5 to 12.5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
National Semiconductor ...
DS38EP100 NSC-DS38EP100 Datasheet
5Mb / 16P
   1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Texas Instruments
DS38EP100 TI1-DS38EP100_13 Datasheet
6Mb / 17P
[Old version datasheet]   DS38EP100 1 to 5 Gbps, Power-Saver Equalizer for Backplanes and Cables
logo
Maxim Integrated Produc...
MAX3804 MAXIM-MAX3804 Datasheet
1Mb / 9P
   12.5Gbps Settable Receive Equalizer
19-2713; Rev 1; 11/03
logo
Advantech Co., Ltd.
PCA-6108P3X-0A1 ADVANTECH-PCA-6108P3X-0A1 Datasheet
150Kb / 1P
   Passive Backplanes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com