Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBF170LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBF170LT1
Description  Power MOSFET 500 mA, 60 V N-Channel SOT-23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBF170LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBF170LT1_08 Datasheet HTML 1Page - ON Semiconductor MMBF170LT1_08 Datasheet HTML 2Page - ON Semiconductor MMBF170LT1_08 Datasheet HTML 3Page - ON Semiconductor MMBF170LT1_08 Datasheet HTML 4Page - ON Semiconductor MMBF170LT1_08 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMBF170LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VGS = 0, ID = 100 mA)
V(BR)DSS
60
-
Vdc
Gate-Body Leakage Current, Forward (VGSF = 15 Vdc, VDS = 0)
IGSS
-
10
nAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage (VDS = VGS, ID = 1.0 mA)
VGS(th)
0.8
3.0
Vdc
Static Drain-Source On-Resistance (VGS = 10 Vdc, ID = 200 mA)
rDS(on)
-
5.0
W
On-State Drain Current (VDS = 25 Vdc, VGS = 0)
ID(off)
-
0.5
mA
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 10 Vdc, VGS = 0 V, f = 1.0 MHz)
Ciss
-
60
pF
SWITCHING CHARACTERISTICS (Note 1)
Turn-On Delay Time
(VDD = 25 Vdc, ID = 500 mA, Rgen = 50 W)
Figure 1
td(on)
-
10
ns
Turn-Off Delay Time
td(off)
-
10
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
ORDERING INFORMATION
Device
Package
Shipping
MMBF170LT1
SOT-23 (TO-236)
3,000 Tape & Reel
MMBF170LT1G
SOT-23 (TO-236)
(Pb-Free)
3,000 Tape & Reel
MMBF170LT3
SOT-23 (TO-236)
10,000 Tape & Reel
MMBF170LT3G
SOT-23 (TO-236)
(Pb-Free)
10,000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Figure 1. Switching Test Circuit
Figure 2. Switching Waveform
20 dB 50
W
ATTENUATOR
PULSE
GENERATOR
50
W
50
W
1 M
W
Vout
125
W
+25 V
40 pF
Vin
TO SAMPLING
SCOPE
50
W INPUT
PULSE WIDTH
50%
90%
50%
10%
10%
90%
90%
Vin
OUTPUT
INVERTED
INPUT
(Vin AMPLITUDE 10 VOLTS)
Vout
toff
tf
td(off)
ton
td(on)
tr


Similar Part No. - MMBF170LT1_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBF170LT1G ONSEMI-MMBF170LT1G Datasheet
61Kb / 4P
   Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
MMBF170LT1G ONSEMI-MMBF170LT1G Datasheet
131Kb / 5P
   Power MOSFET
October, 2016 ??Rev. 10
logo
VBsemi Electronics Co.,...
MMBF170LT1G VBSEMI-MMBF170LT1G Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - MMBF170LT1_08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N7002L ONSEMI-2N7002L Datasheet
58Kb / 4P
   Small Signal MOSFET 60 V, 115 mA, N-Channel SOT-23
July, 2004 ??Rev. 2
MMFT960T1 ONSEMI-MMFT960T1_06 Datasheet
64Kb / 4P
   Power MOSFET 300 mA, 60 Volts N?묬hannel SOT??23
January, 2006 ??Rev. 5
MMBF170LT1 ONSEMI-MMBF170LT1 Datasheet
61Kb / 4P
   Power MOSFET 500 mA, 60 V
February, 2004 ??Rev. 4
2N7002L ONSEMI-2N7002L_12 Datasheet
100Kb / 4P
   Small Signal MOSFET 60 V, 115 mA, N.Channel SOT.23
May, 2012 ??Rev. 6
2N7002K ONSEMI-2N7002K_12 Datasheet
112Kb / 6P
   Small Signal MOSFET 60 V, 380 mA, Single, N.Channel, SOT.23
May, 2012 ??Rev. 10
2N7002E ONSEMI-2N7002E_11 Datasheet
100Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N.Channel, SOT.23
February, 2011 ??Rev. 3
NTR0202PL ONSEMI-NTR0202PL Datasheet
54Kb / 6P
   Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
July, 2004 ??Rev. 2
NTR0202PL ONSEMI-NTR0202PL_06 Datasheet
141Kb / 5P
   Power MOSFET -20 V, -400 mA, P-Channel SOT-23 Package
March, 2006 ??Rev. 4
logo
Leshan Radio Company
L2N7002WT1G LRC-L2N7002WT1G Datasheet
279Kb / 7P
   Small Signal MOSFET 115 mA, 60 V N-Channel SOT-323
logo
Xian Semipower Electron...
SW2N10 SEMIPOWER-SW2N10 Datasheet
454Kb / 5P
   N-channel SOT-23 MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com