Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTJD4401NT4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTJD4401NT4
Description  Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTJD4401NT4 Datasheet(HTML) 3 Page - ON Semiconductor

  NTJD4401NT4 Datasheet HTML 1Page - ON Semiconductor NTJD4401NT4 Datasheet HTML 2Page - ON Semiconductor NTJD4401NT4 Datasheet HTML 3Page - ON Semiconductor NTJD4401NT4 Datasheet HTML 4Page - ON Semiconductor NTJD4401NT4 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NTJD4401N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
0
1.4
1
6
2
VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
0.6
0.2
0
Figure 1. On-Region Characteristics
0.4
1.2
2
1.2
2.4
1
0.6
0.2
0.8
0
0
Figure 2. Transfer Characteristics
VGS, GATE-TO-SOURCE VOLTAGE (VOLTS)
0.1
0.4
1
0.3
0.2
0
Figure 3. On-Resistance vs. Drain Current and
Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On-Resistance vs. Drain Current and
Temperature
-50
0
-25
25
1.4
1.2
1
0.8
0.6
50
125
100
Figure 5. On-Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ = 25°C
0.7
0.2
0.6
TJ = -55°C
TJ = 125°C
75
150
ID = 0.63 A
VGS = 4.5 V
and 2.5 V
4
25
°C
2
1.2 V
0
1.4
Figure 6. Capacitance Variation
1.4 V
1.6 V
1.8 V
10
8
VDS ≥ 10 V
0.4
VGS = 2 V
VGS = 4.5 V to 2.2 V
0.4
0.8
1.2
0.8
0.4
1.6
TJ = 125°C
1.2
0.8
VGS = 4.5 V
TJ = -55°C
TJ = 25°C
0.1
0.4
1
0.3
0.2
0
ID, DRAIN CURRENT (AMPS)
0.7
0.2
0.6
TJ = 125°C
0
1.4
0.4
1.2
0.8
VGS = 2.5 V
TJ = -55°C
TJ = 25°C
VGS = 0 V
10
0
80
60
40
20
0
DRAIN-TO-SOURCE VOLTAGE (VOLTS)
TJ = 25°C
Coss
Ciss
Crss
520
15
0.6
0.5
0.5
0.6
1.8
1.6


Similar Part No. - NTJD4401NT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4401NT4 ONSEMI-NTJD4401NT4 Datasheet
66Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
NTJD4401NT4G ONSEMI-NTJD4401NT4G Datasheet
66Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
More results

Similar Description - NTJD4401NT4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTJD4401N ONSEMI-NTJD4401N_06 Datasheet
66Kb / 5P
   Small Signal MOSFET 20 V, Dual N-Channel, SC-88 ESD Protection
November, 2006 ??Rev. 3
NVJD4401NT1G ONSEMI-NVJD4401NT1G Datasheet
124Kb / 5P
   Small Signal MOSFET 20 V, Dual N?묬hannel, SC??8 ESD Protection
October, 2011 ??Rev. 6
NTJD4152P ONSEMI-NTJD4152P Datasheet
93Kb / 5P
   Trench Small Signal MOSFET 20 V, 0.88 A, Dual P-Channel, ESD Protected SC-88
August, 2007 - Rev. 2
NTJD5121N ONSEMI-NTJD5121N Datasheet
82Kb / 5P
   Power MOSFET 60 V, 295 mA, Dual N-Channel with ESD Protection, SC-88
April, 2008 - Rev. 1
logo
First Silicon Co., Ltd
FTK7002D FS-FTK7002D Datasheet
413Kb / 4P
   Dual Small Signal MOSFET 115 mAmps, 60 Volts N-Channel SC-88
logo
ON Semiconductor
NTA4001N ONSEMI-NTA4001N Datasheet
61Kb / 6P
   Small Signal MOSFET 20 V, 238 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
September, 2003 ??Rev. 0
logo
First Silicon Co., Ltd
FTK4001E FS-FTK4001E Datasheet
320Kb / 5P
   Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
logo
ON Semiconductor
NTA4153N ONSEMI-NTA4153N Datasheet
74Kb / 6P
   Small Signal MOSFET 20 V, 915 mA, Single N?묬hannel with ESD Protection, SC??5 and SC??9
March, 2007 ??Rev. 5
logo
Leshan Radio Company
LNTA4001NT1G LRC-LNTA4001NT1G Datasheet
218Kb / 5P
   Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
logo
ON Semiconductor
NTJD4158C ONSEMI-NTJD4158C Datasheet
148Kb / 7P
   Small Signal MOSFET 30 V/??0 V, 0.25/??.88 A, Complementary, SC??8
March, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com