Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESD33ST5G Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESD33ST5G
Description  ESD Protection Diodes In Ultra Small SOD-723 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD33ST5G Datasheet(HTML) 2 Page - ON Semiconductor

  ESD33ST5G Datasheet HTML 1Page - ON Semiconductor ESD33ST5G Datasheet HTML 2Page - ON Semiconductor ESD33ST5G Datasheet HTML 3Page - ON Semiconductor ESD33ST5G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
mESD3.3ST5G SERIES
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Ppk
Peak Power Dissipation
C
Max. Capacitance @VR = 0 and f = 1 MHz
Uni-Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 1.1 V Max. @ IF = 10 mA for all types)
Device*
Device
Marking
VRWM (V)
IR (mA) @
VRWM
VBR (V) @ IT
(Note 2)
IT
VC (V)
@ Max IPP†
IPP (A)
Ppk
(W)
C (pF)
Max
Max
Min
mA
Max
Max
Max
Typ
mESD3.3ST5G
E0
3.3
2.5
5.0
1.0
10.9
10.4
113
80
mESD5.0ST5G
E2
5.0
1.0
6.2
1.0
13.3
8.8
117
65
mESD12ST5G
E3
12
1.0
13.5
1.0
23.7
5.4
128
30
*Other voltages available upon request.
†Surge current waveform per Figure 1.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
Figure 1. 8 x 20
ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (
ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms


Similar Part No. - ESD33ST5G

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ESD3301B2C WEITRON-ESD3301B2C Datasheet
246Kb / 3P
   Surface Mount TVS For ESD Protection Diode
ESD3305B6E WEITRON-ESD3305B6E Datasheet
370Kb / 3P
   Low Voltage TVS for ESD Protection
logo
Shanghai Leiditech Elec...
ESD3321 LEIDITECH-ESD3321 Datasheet
1Mb / 7P
   LOW CAPACITANCE TVS DIODE ARRAY
ESD3321C LEIDITECH-ESD3321C Datasheet
229Kb / 3P
   USB 2.0 power and data line
ESD3321CH LEIDITECH-ESD3321CH Datasheet
1Mb / 7P
   LOW CAPACITANCE TVS DIODE ARRAY
More results

Similar Description - ESD33ST5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD33DT5G ONSEMI-ESD33DT5G_08 Datasheet
81Kb / 4P
   ESD Protection Diodes In Ultra Small SOT-723 Package
February, 2008 - Rev. 2
ESD9X3.3ST5G ONSEMI-ESD9X3.3ST5G Datasheet
106Kb / 4P
   ESD Protection Diodes In Ultra Small SOD-923 Package
October, 2006 ??Rev. 1
UESD3.3ST5G ONSEMI-UESD3.3ST5G Datasheet
45Kb / 4P
   ESD Protection Diodes In Ultra Small SOD??23 Package
September, 2005 ??Rev. P1
ESD9C3.3ST5G ONSEMI-ESD9C3.3ST5G Datasheet
38Kb / 3P
   ESD Protection Diodes In Ultra Small SOD-923 Package
April, 2007 ??Rev. 0
logo
NXP Semiconductors
PESD24VS1UB PHILIPS-PESD24VS1UB Datasheet
111Kb / 15P
   ESD protection diodes in SOD 523 package
Rev. 01-14 June 2004
logo
Sirectifier Global Corp...
N03AD92 SIRECT-N03AD92 Datasheet
180Kb / 2P
   ESD Protection Diodes in SOD-923 Package
logo
ON Semiconductor
UESD3.3DT5G ONSEMI-UESD3.3DT5G Datasheet
36Kb / 4P
   ESD Protection Diodes - In Ultra Small SOT??23 Package
April, 2005 ??Rev. 0
logo
Nanjing International G...
1SS400G DGNJDZ-1SS400G Datasheet
1Mb / 4P
   SOD-723 Plastic-Encapsulate Diodes
logo
ON Semiconductor
ESD11A3.3DT5G ONSEMI-ESD11A3.3DT5G Datasheet
185Kb / 5P
   Transient Voltage Suppressors ESD Protection Diodes in Ultra Small SOT??123 Package
October, 2009 ??Rev. 1
logo
Rectron Semiconductor
RB520G-30 RECTRON-RB520G-30 Datasheet
232Kb / 5P
   SOD-723 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com