Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTP125N02RG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTP125N02RG
Description  Power MOSFET 125 A, 24 V N?묬hannel TO??20, D2PAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP125N02RG Datasheet(HTML) 3 Page - ON Semiconductor

  NTP125N02RG Datasheet HTML 1Page - ON Semiconductor NTP125N02RG Datasheet HTML 2Page - ON Semiconductor NTP125N02RG Datasheet HTML 3Page - ON Semiconductor NTP125N02RG Datasheet HTML 4Page - ON Semiconductor NTP125N02RG Datasheet HTML 5Page - ON Semiconductor NTP125N02RG Datasheet HTML 6Page - ON Semiconductor NTP125N02RG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTB125N02R, NTP125N02R
http://onsemi.com
3
4.0 V
1.8
1.6
1.2
1.4
1.0
0.8
0.6
10
1000
100,000
010
120
4
2
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
0
0.006
160
120
80
0.004
0.002
40
200
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
200
−50
50
25
0
−25
75
125
100
0
1.6
0.8
016
12
8.0
24
4.0
6
80
40
160
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
TJ = 125°C
VGS = 10 V
VGS = 4.5 V
150
VGS = 0 V
ID = 55 A
VGS = 4.5 V
0.008
0.01
0.008
0.006
0.002
0.01
TJ = 25°C
TJ = −55°C
TJ = 125°C
TJ = 150°C
TJ = 100°C
TJ = 125°C
120
0
200
80
40
160
2.4
3.2
4.0
0.004
0
160
120
80
40
200
VGS = 2.5 V
TJ = 25°C
TJ = −55°C
20
100
8
3.0 V
10 V
3.5 V
4.5 V
5.0 V
6.0 V
8.0 V
10,000


Similar Part No. - NTP125N02RG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTP125N02RG VBSEMI-NTP125N02RG Datasheet
1Mb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - NTP125N02RG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP18N06 ONSEMI-NTP18N06 Datasheet
90Kb / 8P
   Power MOSFET 15 A, 60 V, N?묬hannel TO??20 & D2PAK
August, 2005 ??Rev. 4
NTB125N02R ONSEMI-NTB125N02R Datasheet
68Kb / 6P
   Power MOSFET 125 A, 24 V N-Channel TO-220, D2PAK
October, 2003 ??Rev. 4
NTB5404N ONSEMI-NTB5404N Datasheet
133Kb / 7P
   Power MOSFET 40 V, 136 A, Single N?묬hannel, D2PAK & TO??20
July, 2010 ??Rev. 2
NVB60N06T4G ONSEMI-NVB60N06T4G Datasheet
165Kb / 9P
   Power MOSFET 60 V, 60 A, N?묬hannel D2PAK
October, 2011 ??Rev. 0
NGB8207N ONSEMI-NGB8207N Datasheet
91Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
January, 2007 ??Rev. 0
NGB8206N ONSEMI-NGB8206N Datasheet
118Kb / 7P
   Ignition IGBT 20 A, 350 V, N?묬hannel D2PAK
August, 2006 ??Rev. 6
NGB8207AN ONSEMI-NGB8207AN Datasheet
153Kb / 7P
   Ignition IGBT 20 A, 365 V, N?묬hannel D2PAK
July, 2009 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
117Kb / 6P
   60 V, 24 m, 20 A, Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 0
NTB5405N ONSEMI-NTB5405N Datasheet
114Kb / 7P
   Power MOSFET 40 V, 116 A, Single N?묬hannel, D2PAK
November, 2008 ??Rev. 2
NTB75N03RG ONSEMI-NTB75N03RG Datasheet
96Kb / 8P
   Power MOSFET 75 Amps, 25 Volts N?묬hannel D2PAK, TO??20
June, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com