Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR0621P-7FHW Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATR0621P-7FHW
Description  GPS Baseband GPS Baseband
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0621P-7FHW Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATR0621P-7FHW Datasheet HTML 3Page - ATMEL Corporation ATR0621P-7FHW Datasheet HTML 4Page - ATMEL Corporation ATR0621P-7FHW Datasheet HTML 5Page - ATMEL Corporation ATR0621P-7FHW Datasheet HTML 6Page - ATMEL Corporation ATR0621P-7FHW Datasheet HTML 7Page - ATMEL Corporation ATR0621P-7FHW Datasheet HTML 8Page - ATMEL Corporation ATR0621P-7FHW Datasheet HTML 9Page - ATMEL Corporation ATR0621P-7FHW Datasheet HTML 10Page - ATMEL Corporation ATR0621P-7FHW Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
7
4890H–GPS–08/08
ATR0621P
P2
G4
I/O
Configurable (PD)
BOOT_MODE
“0”
P3
H5
I/O
OH
NCS1
NCS1
“0”
P4
A7
I/O
OH
NCS0
NCS0
“0”
P5
B1
I/O
OH
NWE/NWR0
NWE/NWR0
“0”
P6
A8
I/O
OH
NOE/NRD
NOE/NRD
“0”
P7
D2
I/O
OH
NUB/NWR1
NUB/NWR1
“0”
P8
G2
I/O
Configurable (PD)
STATUSLED
“0”
P9
J8
I/O
PU to VBAT18
EXTINT0
EXTINT0
P10
E4
I/O
OH
EM_A0/NLB
EM_A0/NLB
“0”
P11
H10
I/O
OH
EM_A21
NCS2
EM_A21
P12
F3
I/O
Configurable (PU)
GPSMODE2
NPCS2
P13
G10
I/O
PU to VBAT18
GPSMODE3
EXTINT1
P14
J5
I/O
Configurable (PD)
NAADET1
“0”
P15
K5
I/O
PD
ANTON
P16
E1
I/O
Configurable (PU)
NEEPROM
SIGHI1
NWD_OVF
P17
J4
I/O
Configurable (PD)
GPSMODE5
SCK1
SCK1
P18
K4
I/O
Configurable (PU)
TXD1
TXD1
“0”
P19
F1
I/O
Configurable (PU)
GPSMODE6
SIGLO1
“0”
P20
H2
I/O
Configurable (PD)
TIMEPULSE
SCK2
SCK2
TIMEPULSE
P21
F2
I/O
Configurable (PU)
TXD2
TXD2
“0”
P22
H8
I/O
PU to VBAT18
RXD2
RXD2
P23
H3
I/O
Configurable (PU)
GPSMODE7
SCK
SCK
MCLK_OUT
P24
H1
I/O
Configurable (PU)
GPSMODE8
MOSI
MOSI
“0”
P25
D1
I/O
Configurable (PD)
NAADET0
MISO
MISO
“0”
P26
G8
I/O
Configurable (PU)
GPSMODE10
NSS
NPCS0
“0”
P27
E2
I/O
Configurable (PU)
GPSMODE11
NPCS1
P28
G1
I/O
OH
EM_A20
NCS3
EM_A20
P29
E3
I/O
Configurable (PU)
GPSMODE12
NPCS3
P30
G5
I/O
PD
AGCOUT0
AGCOUT0
“0”
P31
H9
I/O
PU to VBAT18
RXD1
RXD1
RF_ON
K6
OUT
PD
SIGHI0
F9
IN
SIGLO0
E10
IN
TCK
J3
IN
PU
Table 3-1.
ATR0621P Pinout (Continued)
Pin Name
LFBGA100
Pin Type
Pull Resistor
(Reset Value)(1)
Firmware Label
PIO Bank A
PIO Bank B
Notes:
1. PD = internal pull-down resistor, PU = internal pull-up resistor, OH = switched to Output High at reset
2. VBAT18 represent the internal power supply of the backup power domain, see section “Power Supply” on page 21
3. VDDIO is the supply voltage for the following GPIO pins: P1, P2, P8, P12, P14, P16, P17, P18, P19, P20, P21, P23, P24,
P25, P26, P27 and P29, see section “Power Supply” on page 21
4. VDD_USB is the supply voltage for the following USB pins: USB_DM and USB_DP, see section “Power Supply” on page
21. For operation of the USB interface, supply of 3.0V to 3.6V is required.
5. This pin is not connected


Similar Part No. - ATR0621P-7FHW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0621P1-7FHW ATMEL-ATR0621P1-7FHW Datasheet
346Kb / 14P
   GPS Baseband Processor
ATR0621P1-7FQY ATMEL-ATR0621P1-7FQY Datasheet
346Kb / 14P
   GPS Baseband Processor
More results

Similar Description - ATR0621P-7FHW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0621P1 ATMEL-ATR0621P1 Datasheet
346Kb / 14P
   GPS Baseband Processor
logo
Sony Corporation
CXD2956AGL-1 SONY-CXD2956AGL-1 Datasheet
214Kb / 18P
   GPS Baseband LSI
logo
ATMEL Corporation
ATR0622 ATMEL-ATR0622 Datasheet
410Kb / 26P
   GPS Baseband Processor
ATR0620 ATMEL-ATR0620 Datasheet
365Kb / 15P
   GPS BASEBAND PROCESSOR
ATR0621 ATMEL-ATR0621 Datasheet
396Kb / 20P
   GPS Baseband Processor
ATR0622P1 ATMEL-ATR0622P1 Datasheet
266Kb / 11P
   GPS Baseband Processor
ATR0622P ATMEL-ATR0622P_08 Datasheet
504Kb / 27P
   GPS Baseband Processor
ATR0625 ATMEL-ATR0625 Datasheet
335Kb / 26P
   GPS Baseband Processor SuperSense
logo
Zarlink Semiconductor I...
GP4020 ZARLINK-GP4020 Datasheet
207Kb / 17P
   GPS Receiver Baseband Processor
logo
ATMEL Corporation
ATR0625P1 ATMEL-ATR0625P1 Datasheet
262Kb / 12P
   GPS Baseband Processor SuperSense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com