Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJD35N04G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NJD35N04G
Description  NPN Darlington Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NJD35N04G Datasheet(HTML) 2 Page - ON Semiconductor

  NJD35N04G_10 Datasheet HTML 1Page - ON Semiconductor NJD35N04G_10 Datasheet HTML 2Page - ON Semiconductor NJD35N04G_10 Datasheet HTML 3Page - ON Semiconductor NJD35N04G_10 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NJD35N04G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 10 mA, L = 10 mH)
VCEO(sus)
350
Vdc
Collector Cutoff Current (VCE = 500 V)
(IB = 0) (VCE = 500 V, TC = 125°C)
ICES
50
250
mAdc
Collector Cutoff Current (VCE = 350 V)
(IB = 0) (VCE = 300 V, TC = 125°C)
ICEO
50
250
mAdc
Emitter Cutoff Current (VBE = 5.0 Vdc)
IEBO
5.0
mAdc
ON CHARACTERISTICS
Collector−Emitter Saturation Voltage
(IC = 2.0 A, IB = 20 mA)
(IC = 2.0 A, IB = 20 mA 125°C)
VCE(sat)
1.5
Vdc
Base−Emitter Saturation Voltage
(IC = 2.0 A, IB = 20 mA)
(IC = 2.0 A, IB = 20 mA 125°C)
VBE(sat)
2.0
Vdc
Base−Emitter On Voltage
(IC = 2.0 A, VCE = 2.0 V)
(IC = 2.0 A, VCE = 2.0 V 125°C)
VBE(on)
2.0
Vdc
DC Current Gain
(IC = 2.0 A, VCE = 2.0 V)
(IC = 4.0 A, VCE = 2.0 Vdc)
hFE
2000
300
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 2.0 A, VCE = 10 V, f = 1.0 MHz)
fT
90
MHz
Output Capacitance
(VCB = 10 V, IE = 0, f = 0.1 MHz)
Cob
60
pF
SWITCHING CHARACTERISTICS
VCC = 12 V, Vclamp = 250 V, L = 4 mH
IC = 2 A, IB1 = 20 mA, IB2 = −20 mA
ts
tf
18
0.8
mSec
2 KW
B
C
E
Figure 1. Darlington Circuit Schematic


Similar Part No. - NJD35N04G_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NJD35N04G ONSEMI-NJD35N04G Datasheet
46Kb / 4P
   NPN Darlington Power Transistor
April, 2006 ??Rev. 1
NJD35N04G ONSEMI-NJD35N04G Datasheet
128Kb / 4P
   NPN Darlington Power Transistor
February, 2012 ??Rev. 5
More results

Similar Description - NJD35N04G_10

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BU806 ONSEMI-BU806 Datasheet
48Kb / 4P
   NPN Darlington Power Transistor
March, 2001 ??Rev. 3
logo
Micro Commercial Compon...
2N6388 MCC-2N6388_13 Datasheet
623Kb / 4P
   NPN Darlington Power Transistor
logo
Seme LAB
PMD18D100 SEME-LAB-PMD18D100 Datasheet
21Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
ON Semiconductor
NJVNJD35N04G ONSEMI-NJVNJD35N04G Datasheet
128Kb / 4P
   NPN Darlington Power Transistor
February, 2012 ??Rev. 5
logo
Seme LAB
PMD18K100 SEME-LAB-PMD18K100 Datasheet
21Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BDX69 NJSEMI-BDX69 Datasheet
75Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
Seme LAB
BDX69A SEME-LAB-BDX69A Datasheet
18Kb / 2P
   NPN DARLINGTON POWER TRANSISTOR
logo
STMicroelectronics
2STP535FP STMICROELECTRONICS-2STP535FP Datasheet
169Kb / 8P
   NPN power Darlington transistor
BDW83C STMICROELECTRONICS-BDW83C_07 Datasheet
115Kb / 8P
   NPN power Darlington transistor
logo
Micro Commercial Compon...
2N6388 MCC-2N6388 Datasheet
530Kb / 4P
   NPN Darlington Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com