Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT85SND3B1-7FTUL Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT85SND3B1-7FTUL
Description  Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
Download  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT85SND3B1-7FTUL Datasheet(HTML) 5 Page - ATMEL Corporation

  AT85SND3B1-7FTUL Datasheet HTML 1Page - ATMEL Corporation AT85SND3B1-7FTUL Datasheet HTML 2Page - ATMEL Corporation AT85SND3B1-7FTUL Datasheet HTML 3Page - ATMEL Corporation AT85SND3B1-7FTUL Datasheet HTML 4Page - ATMEL Corporation AT85SND3B1-7FTUL Datasheet HTML 5Page - ATMEL Corporation AT85SND3B1-7FTUL Datasheet HTML 6Page - ATMEL Corporation AT85SND3B1-7FTUL Datasheet HTML 7Page - ATMEL Corporation AT85SND3B1-7FTUL Datasheet HTML 8Page - ATMEL Corporation AT85SND3B1-7FTUL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 271 page
background image
5
AT85C51SND3B
7632D–MP3–01/07
Application Information
The AT85C51SND3B derivatives allow design of 2 typical applications which differenti-
ate by the power supply voltage:
The Very Low Voltage System
The player operates at 1.8V and allows very low power consumption.
The Low Voltage System
The player operates at 3V and allows low power consumption.
Figure 2. Typical Low Voltage 3V Application
3V NF Memories
SD/MMC
3V DC-DC
FM Module
AT85C51SND3B1
HVDD
Write Protect
LCD


Similar Part No. - AT85SND3B1-7FTUL

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
AT8551 ANALOGTECHNOLOGIES-AT8551 Datasheet
1Mb / 15P
   An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier
6/14/2022
AT8551/MR ANALOGTECHNOLOGIES-AT8551/MR Datasheet
1Mb / 15P
   An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier
6/14/2022
AT8551/SR ANALOGTECHNOLOGIES-AT8551/SR Datasheet
1Mb / 15P
   An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier
6/14/2022
AT8551/TR ANALOGTECHNOLOGIES-AT8551/TR Datasheet
1Mb / 15P
   An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier
6/14/2022
AT8552 ANALOGTECHNOLOGIES-AT8552 Datasheet
1Mb / 15P
   An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier
6/14/2022
More results

Similar Description - AT85SND3B1-7FTUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT85C51SND3B1 ATMEL-AT85C51SND3B1 Datasheet
3Mb / 263P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT85C51SND3B ATMEL-AT85C51SND3B Datasheet
5Mb / 270P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
ATMEL Corporation
AT83SND2C ATMEL-AT83SND2C_05 Datasheet
2Mb / 235P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com