Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT85SND3B1-RTTUL Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT85SND3B1-RTTUL
Description  Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
Download  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT85SND3B1-RTTUL Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT85SND3B1-RTTUL Datasheet HTML 5Page - ATMEL Corporation AT85SND3B1-RTTUL Datasheet HTML 6Page - ATMEL Corporation AT85SND3B1-RTTUL Datasheet HTML 7Page - ATMEL Corporation AT85SND3B1-RTTUL Datasheet HTML 8Page - ATMEL Corporation AT85SND3B1-RTTUL Datasheet HTML 9Page - ATMEL Corporation AT85SND3B1-RTTUL Datasheet HTML 10Page - ATMEL Corporation AT85SND3B1-RTTUL Datasheet HTML 11Page - ATMEL Corporation AT85SND3B1-RTTUL Datasheet HTML 12Page - ATMEL Corporation AT85SND3B1-RTTUL Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 271 page
background image
9
AT85C51SND3B
7632D–MP3–01/07
Table 3. Timer 0 and Timer 1 Signal Description
P4.6:0
I/O
Port 4
P4 is a 7-bit bidirectional I/O port with internal pull-ups.
OCLK
DCLK
DDAT
DSEL
NFCE1/SMLCK
NFCE2/SMINS
NFCE3/SMCE
P5.3:0
I/O
Port 5
P5 is a 4-bit bidirectional I/O port with internal pull-ups.
LRD/LDE
SDR
LCS
SCS
LA0/LRS
SA0
LWR/LRW
SWR
Signal
Name
Type
Description
Alternate
Function
INT0
I
Timer 0 Gate Input
INT0 serves as external run control for timer 0, when selected by
GATE0 bit in TCON register.
External Interrupt 0
INT0 input sets IE0 in the TCON register. If bit IT0 in this register is set,
bit IE0 is set by a falling edge on INT0. If bit IT0 is cleared, bit IE0 is set
by a low level on INT0.
P3.2
RTS
SCK
INT1
I
Timer 1 Gate Input
INT1 serves as external run control for timer 1, when selected by
GATE1 bit in TCON register.
External Interrupt 1
INT1 input sets IE1 in the TCON register. If bit IT1 in this register is set,
bit IE1 is set by a falling edge on INT1. If bit IT1 is cleared, bit IE1 is set
by a low level on INT1.
P3.3
CTS
SS
T0
I
Timer 0 External Clock Input
When timer 0 operates as a counter, a falling edge on the T0 pin
increments the count.
P3.4
Signal
Name
Type
Description
Alternate
Function


Similar Part No. - AT85SND3B1-RTTUL

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
AT8551 ANALOGTECHNOLOGIES-AT8551 Datasheet
1Mb / 15P
   An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier
6/14/2022
AT8551/MR ANALOGTECHNOLOGIES-AT8551/MR Datasheet
1Mb / 15P
   An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier
6/14/2022
AT8551/SR ANALOGTECHNOLOGIES-AT8551/SR Datasheet
1Mb / 15P
   An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier
6/14/2022
AT8551/TR ANALOGTECHNOLOGIES-AT8551/TR Datasheet
1Mb / 15P
   An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier
6/14/2022
AT8552 ANALOGTECHNOLOGIES-AT8552 Datasheet
1Mb / 15P
   An Analog in Silicon Valleys Zero-Drift RRIO CMOS Operational Amplifier
6/14/2022
More results

Similar Description - AT85SND3B1-RTTUL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT85C51SND3B1 ATMEL-AT85C51SND3B1 Datasheet
3Mb / 263P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT85C51SND3B ATMEL-AT85C51SND3B Datasheet
5Mb / 270P
   Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
logo
Sitronix Technology Co....
ST3014 SITRONIX-ST3014 Datasheet
309Kb / 14P
   Audio Decoder/Encoder
ST3024 SITRONIX-ST3024 Datasheet
437Kb / 13P
   Audio Decoder/ Encoder
ST3010 SITRONIX-ST3010 Datasheet
311Kb / 13P
   Audio Decoder/Encoder
ST3011 SITRONIX-ST3011 Datasheet
308Kb / 13P
   Audio Decoder/Encoder
ST3020 SITRONIX-ST3020 Datasheet
356Kb / 13P
   Audio Decoder/ Encoder
logo
Micronas
MAS3587F MICRONAS-MAS3587F Datasheet
554Kb / 82P
   Audio Encoder/Decoder
logo
ATMEL Corporation
AT83SND2C ATMEL-AT83SND2C_05 Datasheet
2Mb / 235P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com