Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT77C104B-CB12YI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT77C104B-CB12YI
Description  FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C104B-CB12YI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT77C104B-CB12YI Datasheet HTML 5Page - ATMEL Corporation AT77C104B-CB12YI Datasheet HTML 6Page - ATMEL Corporation AT77C104B-CB12YI Datasheet HTML 7Page - ATMEL Corporation AT77C104B-CB12YI Datasheet HTML 8Page - ATMEL Corporation AT77C104B-CB12YI Datasheet HTML 9Page - ATMEL Corporation AT77C104B-CB12YI Datasheet HTML 10Page - ATMEL Corporation AT77C104B-CB12YI Datasheet HTML 11Page - ATMEL Corporation AT77C104B-CB12YI Datasheet HTML 12Page - ATMEL Corporation AT77C104B-CB12YI Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9
5347F–BIOM–3/08
AT77C104B
5.
Power Consumption and DC Characteristics
The following characteristics are applicable to the operating temperature -40
°C ≤ Ta ≤ +85°C.
Typical conditions are: power supply = 3.3V; T
amb = 25°C; FSCK = 12 MHz (1600 slices per second); duty cycle = 50%
C
LOAD 120 pF on digital outputs unless otherwise specified.
Note:
1. A minimum noise margin of 0.05 V
DD should be taken for Schmitt trigger input threshold switching levels compared to VIL and
V
IH values.
Table 5-1.
Power Requirements
Name
Parameter
Conditions
Test Level
Min
Typ
Max
Unit-
VDD
Positive Supply Voltage
I
2.3
2.5/3.3
3.6
V
IDD
Current on V
DD in Acquisition
Mode
I3
4.5
6
mA
IDDNAV
Current on VDD in Navigation Mode
I
1
1.5
2
mA
I
DDCLI
Current on V
DD in Click Mode
I
0.2
0.3
0.5
mA
IDDSLP
Current on VDD in Sleep Mode
I
10
µA
IDDSTB
Current on VDD in Stand-by Mode
I
Refer to
“Power Management” on page 34
Table 5-2.
Digital Inputs
Logic Compatibility
CMOS
Name
Parameter
Conditions
Test Level
Min
Typ
Max
Unit
I
IL
Low-level Input Current Without
Pull-up Device(1)
V
I = 0V
I
1
µA
I
IH
High-level Input Current Without
Pull-up Device
V
I = VDD
I1
µA
IIOZ
Tri-state Output Leakage Without
Pull-up/down Device
VI = 0V or VDD
IV
1
µA
VIL
Low-level Input Voltage
I
0.3 VDD
V
V
IH
High-level Input Voltage
I
0.7 V
DD
(1)
V
V
HYST
Schmitt Trigger Hysteresis(1)
V
DD = 3.3V
Temp = 25
°C
IV
0.400
0.750
V
Table 5-3.
Digital Outputs
Logic Compatibility
CMOS
Name
Parameter
Conditions
Test Level
Min
Typ
Max
Unit
V
OL
Low-level Output Voltage
I
OL = 3 mA
V
DD = 3.3V ±10%
I
0.15 V
DD
(1)
V
IOL = 1.75 mA
V
DD = 2.5V ±5%
VOH
High-level Output Voltage
IOH = -3 mA
VDD = 3.3V ±10%
I0.85 VDD
V
I
OH = -1.75 mA
VDD = 2.5V ±5%


Similar Part No. - AT77C104B-CB12YI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C104B ATMEL-AT77C104B Datasheet
412Kb / 36P
   FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
AT77C104BCB08V ATMEL-AT77C104BCB08V Datasheet
412Kb / 36P
   FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
More results

Similar Description - AT77C104B-CB12YI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C104B ATMEL-AT77C104B Datasheet
412Kb / 36P
   FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
AT77C105A ATMEL-AT77C105A Datasheet
448Kb / 39P
   FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based Navigation and Click Functions, Extended I/O range(1.8-3.3V)
logo
Microchip Technology
TC77-50MOATR MICROCHIP-TC77-50MOATR Datasheet
291Kb / 22P
   Thermal Sensor with SPI Interface
08/01/02
TC77 MICROCHIP-TC77_13 Datasheet
307Kb / 22P
   Thermal Sensor with SPI Interface
10/26/12 2002-2012
TC77 MICROCHIP-TC77 Datasheet
374Kb / 22P
   Thermal Sensor with SPI Interface
2002
logo
Keysight Technologies
N5423A KEYSIGHT-N5423A Datasheet
886Kb / 8P
   SPI Triggering and Hardware-based Decode
logo
ATMEL Corporation
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
logo
B&K Precision Corporati...
4014B BK-4014B Datasheet
865Kb / 3P
   DDS Sweep Function Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com