Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT77C102B Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT77C102B
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C102B Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT77C102B_07 Datasheet HTML 6Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 7Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 8Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 9Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 10Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 11Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 12Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 13Page - ATMEL Corporation AT77C102B_07 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
5364C–BIOM–3/07
AT77C102B
Figure 3-4.
No Data Change
Note:
OE must not change during TNOOE after the PCLK falls. This is to ensure that the output drivers of the data are not driving cur-
rent, so as to reduce the noise level on the power supply.
Figure 3-5.
AT77C102B Block Diagram
3.1
Functional Description
The circuit is divided into two main sections: sensor and data conversion. One particular column
among 280 plus one is selected in the sensor array (1), then each pixel of the selected column
sends its electrical information to the amplifiers (2) [one per line], then two lines at a time are
selected (odd and even) so that two particular pixels send their information to the input of two 4-
bit analog-to-digital converters (3), so two pixels can be read for each clock pulse (4).
PCLK
tNOOE
OE
2240
8
Latches
Chip
temperature
sensor
Line sel
Odd
Even
8 lines of 280 columns of pixels
4-bit
ADC
ADC
8
1 dummy column
4
4
Amp
Chip temperature
stabilization
ACKN
De0-3
Do0-3
Output
enable
Analog
output
OE
AVE AVO
TPE
TPP
1
8
PCLK
RST
Clock
Reset
Column selection
4-bit


Similar Part No. - AT77C102B_07

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT77C102B-CB01YV- ATMEL-AT77C102B-CB01YV- Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
AT77C102B-CB02YV- ATMEL-AT77C102B-CB02YV- Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com