Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-320240WG-C0WGH-VZ-010 Datasheet(PDF) 9 Page - Newhaven Display International, Inc.

Part # NHD-320240WG-C0WGH-VZ-010
Description  Liquid Crystal Display Graphic Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-320240WG-C0WGH-VZ-010 Datasheet(HTML) 9 Page - Newhaven Display International, Inc.

Back Button NHD-320240WG-C0WGH-VZ-010 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-320240WG-C0WGH-VZ-010 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-320240WG-C0WGH-VZ-010 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-320240WG-C0WGH-VZ-010 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-320240WG-C0WGH-VZ-010 Datasheet HTML 9Page - Newhaven Display International, Inc. NHD-320240WG-C0WGH-VZ-010 Datasheet HTML 10Page - Newhaven Display International, Inc. NHD-320240WG-C0WGH-VZ-010 Datasheet HTML 11Page - Newhaven Display International, Inc. NHD-320240WG-C0WGH-VZ-010 Datasheet HTML 12Page - Newhaven Display International, Inc. NHD-320240WG-C0WGH-VZ-010 Datasheet HTML 13Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
第 9 頁,共 20 頁
8.Contour Drawing & Block diagram
T he non-specified tolerance of dim ension is ±0.3 m m .
DB 4
12
14
13
WR
DB 5
Vss
1
A0
7
11
10
8
9
DB 3
DB 2
DB 1
DB 0
4
6
5
3
2
DB 6
RD
Vo
Vdd
D O T SIZE
S C A L E 10/1
LE D B/L
DB 7
0.34
0.36
16.45
115.18(A A )
4.44
136.2
4.02
139.98
21.06
148.02
0.5
20- 1.0PT H
20- 1.8PA D
10.5
1.6
15.6M A X
120.14(V A )
13.97
3 20*240 D ots
FG N D
K
A
CS
RE S
Vee
15
16
17
18
19
20
20
2
19
1
22.86
(P2.54*9)
4- 3.5PT H
4- 6.0PA D
XH -3 P E Q
190.0±5.0
Reset
Power ON
20K
CL1
M
*:6800 family or 8080family interface selectable.
*
CS
RA8835
Controller
32K
SRAM
CL2
DB0~DB3
FLM
Vee
FGND
Frame PAD
N.V.
Generator
MPU
Vdd
VR
Vo
Driver
Seg241~320
Seg161~240
Driver
Seg81~160
Driver
DB0~DB7
A0
WR
RD
RES
Internal contrast adjustment.
Seg1~80
Driver
320X240 DOT


Similar Part No. - NHD-320240WG-C0WGH-VZ-010

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-320240WG-COTFH-VZ NEWHAVEN-NHD-320240WG-COTFH-VZ Datasheet
599Kb / 10P
   Graphic Liquid Crystal Display Module
More results

Similar Description - NHD-320240WG-C0WGH-VZ-010

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-ATMI-VZ NEWHAVEN-NHD-240128WG-ATMI-VZ Datasheet
617Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12864AZ-FL-YBW NEWHAVEN-NHD-12864AZ-FL-YBW Datasheet
401Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTGH-VZ NEWHAVEN-NHD-240128WG-BTGH-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTMI-VZ NEWHAVEN-NHD-240128WG-BTMI-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064CZ-NSW-BBW NEWHAVEN-NHD-24064CZ-NSW-BBW Datasheet
536Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-2.4-240320YF-CTXI NEWHAVEN-NHD-2.4-240320YF-CTXI Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-2.4-240320YF-CTXI-T-1 NEWHAVEN-NHD-2.4-240320YF-CTXI-T-1 Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12232DZ-FSW-GBW NEWHAVEN-NHD-12232DZ-FSW-GBW Datasheet
681Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com