Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIWSN-3291 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NIWSN-3291
Description  Wireless Sensor Network Ethernet Gateway
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIWSN-3291 Datasheet(HTML) 1 Page - National Instruments Corporation

  NIWSN-3291 Datasheet HTML 1Page - National Instruments Corporation NIWSN-3291 Datasheet HTML 2Page - National Instruments Corporation NIWSN-3291 Datasheet HTML 3Page - National Instruments Corporation NIWSN-3291 Datasheet HTML 4Page - National Instruments Corporation NIWSN-3291 Datasheet HTML 5Page - National Instruments Corporation NIWSN-3291 Datasheet HTML 6Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NI WSN-9791 NEW!
Wireless Sensor Network Ethernet Gateway
NI-WSN software provides easy
network configuration and
data extraction
2.4 GHz, IEEE 802.15.4 radio to
communicate with measurement nodes
10/100 Mbits/s Ethernet port for
flexible connectivity to Windows PCs
or LabVIEW Real-Time programmable
automation controllers (PACs)
Up to 300 m outdoor range with line
of sight
Supports up to 36 measurement nodes
9 to 30 VDC power input
Industrial ratings:
-30 to 70 ºC operating temperature
50 g shock, 5 g vibration
Panel and DIN-rail mounting
options available
Operating Systems
Windows Vista/XP/2000
LabVIEW Real-Time
Software Support
LabVIEW
Driver and Configuration
Software (included)
NI-WSN software
Measurement & Automation Explorer
configuration utility
Overview
The NI WSN-9791 Ethernet gateway coordinates communication between
distributed NI WSN-32xx measurement nodes and a host controller in your NI
wireless sensor network (WSN). The gateway uses a 2.4 GHz, IEEE 802.15.4
radio to gather measurement data from the sensor network and a 10/100 Mbits/s
Ethernet port to provide flexible connectivity to a Windows PC or NI LabVIEW
Real-Time PAC, as seen in Figure 1.
Figure 1. NI WSN systems provide flexible connectivity to Windows or LabVIEW Real-Time
host controllers.
With this flexibility, you can create simple, stand-alone wireless monitoring
networks or completely integrated wired and wireless measurement solutions
that feature access to the full breadth of NI hardware and software platforms.
LabVIEW integration with NI WSNs delivers a common development
environment for your applications as well as rapid application development,
easy network configuration, remote data access, and the ability to program and
customize measurement node behavior.
The 9 to 30 VDC externally powered gateway offers -30 to 70 °C operating
temperatures, 50 g shock ratings, and a compact, 2U form factor. Up to
36 measurement nodes can communicate with a single gateway, and you can
configure the Ethernet settings of the gateway for DHCP, static, and link-local
IP address configurations.
Wireless Networking
The NI WSN system is built on a low-power, reliable IEEE 802.15.4 network.
The Ethernet gateway coordinates the wireless network, performing functions
such as device authentication, message buffering, and network topology
administration.
The gateway, routers, and end nodes work together to form a mesh network.
Measurement nodes can operate as routers or end nodes, providing the flexibility
to extend the range of your sensor network. When nodes are configured as
routers, they can repeat messages from end nodes and extend network range
while acquiring measurement data.


Similar Part No. - NIWSN-3291

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIWSN-3291 NI-NIWSN-3291 Datasheet
811Kb / 4P
   Wireless Sensor Network Accessories
NIWSN-3291 NI-NIWSN-3291 Datasheet
1Mb / 11P
   Wireless Sensor Network Programmable Analog Input Measurement Nodes
More results

Similar Description - NIWSN-3291

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
WISE-3610 ADVANTECH-WISE-3610 Datasheet
549Kb / 2P
   Wireless IoT LoRa Network Gateway
WISE-3620 ADVANTECH-WISE-3620 Datasheet
549Kb / 2P
   Wireless IoT WiFi Network Gateway
WISE-3610Z ADVANTECH-WISE-3610Z Datasheet
492Kb / 2P
   Wireless IoT EPD Network Gateway
3-Sep-2019
WISE-3310 ADVANTECH-WISE-3310_16 Datasheet
531Kb / 2P
   Wireless IoT Mesh Network Gateway
WISE-3310 ADVANTECH-WISE-3310 Datasheet
593Kb / 2P
   200-Node Wireless IoT Network Gateway
logo
National Instruments Co...
WSN-3280 NI-WSN-3280 Datasheet
811Kb / 4P
   Wireless Sensor Network Accessories
logo
Harris Corporation
RF-6750W HARRIS-RF-6750W Datasheet
370Kb / 2P
   wireless gateway
logo
RF Monolithics, Inc
WSN802G RFM-WSN802G Datasheet
7Mb / 101P
   802.11g Wireless Sensor Network Modules
logo
Murata Manufacturing Co...
WSN802GP MURATA-WSN802GP Datasheet
549Kb / 7P
   802.11g Wireless Sensor Network Module
WSN802GPA MURATA-WSN802GPA Datasheet
544Kb / 6P
   802.11g Wireless Sensor Network Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com