Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHD-320240WG-C0GYH-VZ-010 Datasheet(PDF) 1 Page - Newhaven Display International, Inc.

Part # NHD-320240WG-C0GYH-VZ-010
Description  Liquid Crystal Display Graphic Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

NHD-320240WG-C0GYH-VZ-010 Datasheet(HTML) 1 Page - Newhaven Display International, Inc.

  NHD-320240WG-C0GYH-VZ-010 Datasheet HTML 1Page - Newhaven Display International, Inc. NHD-320240WG-C0GYH-VZ-010 Datasheet HTML 2Page - Newhaven Display International, Inc. NHD-320240WG-C0GYH-VZ-010 Datasheet HTML 3Page - Newhaven Display International, Inc. NHD-320240WG-C0GYH-VZ-010 Datasheet HTML 4Page - Newhaven Display International, Inc. NHD-320240WG-C0GYH-VZ-010 Datasheet HTML 5Page - Newhaven Display International, Inc. NHD-320240WG-C0GYH-VZ-010 Datasheet HTML 6Page - Newhaven Display International, Inc. NHD-320240WG-C0GYH-VZ-010 Datasheet HTML 7Page - Newhaven Display International, Inc. NHD-320240WG-C0GYH-VZ-010 Datasheet HTML 8Page - Newhaven Display International, Inc. NHD-320240WG-C0GYH-VZ-010 Datasheet HTML 9Page - Newhaven Display International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
User’s Guide
NHD-320240WG-COTFH-VZ#-010-80
LCM
(Liquid Crystal Display Graphic Module)
RoHS Compliant
NHD-
320240-
WG-
C O-
T-
F-
H-
VZ#-
010-80:
Newhaven Display
320 x 240 Dots
W= Version Line G= Display Type- Graphic
Model Serial Number
White LED B/L
FSTN (+)
Transflective, 6:00 View, Wide Temperature (-20 ~ +70c)
With built in Negative Voltage, Rohs
Backlight A(+5V)=PIN19, K=PIN20
, Intel 8080 interface mode
For product support, contact
Newhaven Display International
2511 Technology Drive, #101
Elgin, IL 60124
Tel: (847) 844-8795 Fax: (847) 844-8796
April 17, 2008


Similar Part No. - NHD-320240WG-C0GYH-VZ-010

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-320240WG-COTFH-VZ NEWHAVEN-NHD-320240WG-COTFH-VZ Datasheet
599Kb / 10P
   Graphic Liquid Crystal Display Module
More results

Similar Description - NHD-320240WG-C0GYH-VZ-010

ManufacturerPart #DatasheetDescription
logo
Newhaven Display Intern...
NHD-240128WG-ATMI-VZ NEWHAVEN-NHD-240128WG-ATMI-VZ Datasheet
617Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12864AZ-FL-YBW NEWHAVEN-NHD-12864AZ-FL-YBW Datasheet
401Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTGH-VZ NEWHAVEN-NHD-240128WG-BTGH-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-240128WG-BTMI-VZ NEWHAVEN-NHD-240128WG-BTMI-VZ Datasheet
555Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-24064CZ-NSW-BBW NEWHAVEN-NHD-24064CZ-NSW-BBW Datasheet
536Kb / 9P
   Graphic Liquid Crystal Display Module
NHD-2.4-240320YF-CTXI NEWHAVEN-NHD-2.4-240320YF-CTXI Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-2.4-240320YF-CTXI-T-1 NEWHAVEN-NHD-2.4-240320YF-CTXI-T-1 Datasheet
1Mb / 17P
   Liquid Crystal Display Graphic Module
NHD-24064WG-AFFH-VZ NEWHAVEN-NHD-24064WG-AFFH-VZ Datasheet
836Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-24064WG-AFML-VZ NEWHAVEN-NHD-24064WG-AFML-VZ Datasheet
823Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-12232DZ-FSW-GBW NEWHAVEN-NHD-12232DZ-FSW-GBW Datasheet
681Kb / 10P
   Graphic Liquid Crystal Display Module
NHD-16032AZ-NSW-BBW NEWHAVEN-NHD-16032AZ-NSW-BBW Datasheet
551Kb / 23P
   Liquid Crystal Display Graphic Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com