Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBD352LT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBD352LT1G
Description  Dual Hot Carrier Mixer Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD352LT1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBD352LT1G_07 Datasheet HTML 1Page - ON Semiconductor MMBD352LT1G_07 Datasheet HTML 2Page - ON Semiconductor MMBD352LT1G_07 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2009
August, 2009 − Rev. 7
1
Publication Order Number:
MMBD352LT1/D
MMBD352LT1G,
MMBD353LT1G,
MMBD354LT1G,
MMBD355LT1G
Dual Hot Carrier Mixer
Diodes
These devices are designed primarily for UHF mixer applications
but are suitable also for use in detector and ultra−fast switching
circuits.
Features
Very Low Capacitance − Less Than 1.0 pF @ Zero V
Low Forward Voltage − 0.5 V (Typ) @ IF = 10 mA
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
7.0
VCC
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
(Note 1) TA = 25°C
Derate above 25°C
PD
225
1.8
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation Alumina
Substrate, (Note 2) TA = 25°C
Derate above 25°C
PD
300
2.4
mW
mW/°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg −55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
(EACH DIODE)
Rating
Symbol
Min
Max
Unit
Forward Voltage
(IF = 10 mAdc)
VF
0.60
V
Reverse Leakage Current (Note 3)
(VR = 3.0 V)
(VR = 7.0 V)
IR
0.25
10
mA
Capacitance
(VR = 0 V, f = 1.0 MHz)
C
1.0
pF
3. For each individual diode while the second diode is unbiased.
http://onsemi.com
SOT−23 (TO−236)
CASE 318
1
2
3
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
1
Mxx M G
G
Mxx = Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
See detailed ordering, marking, and shipping information in the
package dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
MMBD352LT1
STYLE 11
1
ANODE
3
CATHODE/ANODE
2
CATHODE
MMBD353LT1
STYLE 19
1
CATHODE
3
CATHODE/ANODE
2
ANODE
MMBD354LT1
STYLE 9
3
CATHODE
1 ANODE
ANODE 3
1 CATHODE
2 CATHODE
MMBD355LT1
STYLE 12
2 ANODE


Similar Part No. - MMBD352LT1G_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
93Kb / 3P
   Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
127Kb / 3P
   Dual Hot Carrier Mixer Diodes
October, 2016 ??Rev. 9
More results

Similar Description - MMBD352LT1G_07

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1_06 Datasheet
93Kb / 3P
   Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
   Dual Hot Carrier Mixer Diodes
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
   Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
127Kb / 3P
   Dual Hot Carrier Mixer Diodes
October, 2016 ??Rev. 9
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452_V01 Datasheet
1Mb / 2P
   Dual Hot Carrier Mixer Diodes
logo
Motorola, Inc
MMBD352LT1 MOTOROLA-MMBD352LT1 Datasheet
60Kb / 4P
   Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1 Datasheet
41Kb / 4P
   Dual Hot Carrier Mixer Diodes
November, 2001 ??Rev. 4
logo
Leshan Radio Company
MMBD352LT1 LRC-MMBD352LT1 Datasheet
45Kb / 2P
   Dual Hot Carrier Mixer Diodes
logo
Diode Semiconductor Kor...
MMBD352 DSK-MMBD352 Datasheet
229Kb / 3P
   Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
   Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com