Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIWSN-3281 Datasheet(PDF) 8 Page - National Instruments Corporation

Part # NIWSN-3281
Description  Wireless Sensor Network Programmable Analog Input Measurement Nodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIWSN-3281 Datasheet(HTML) 8 Page - National Instruments Corporation

Back Button NIWSN-3281 Datasheet HTML 3Page - National Instruments Corporation NIWSN-3281 Datasheet HTML 4Page - National Instruments Corporation NIWSN-3281 Datasheet HTML 5Page - National Instruments Corporation NIWSN-3281 Datasheet HTML 6Page - National Instruments Corporation NIWSN-3281 Datasheet HTML 7Page - National Instruments Corporation NIWSN-3281 Datasheet HTML 8Page - National Instruments Corporation NIWSN-3281 Datasheet HTML 9Page - National Instruments Corporation NIWSN-3281 Datasheet HTML 10Page - National Instruments Corporation NIWSN-3281 Datasheet HTML 11Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
8
NI WSN-3212 Specifications
These specifications are typical for the range -40 to 70 °C unless otherwise
noted. Some specifications (such as sample interval and power consumption)
can be optimized by customizing node behavior with the LabVIEW Wireless
Sensor Network (WSN) Module Pioneer. See the LabVIEW WSN Benchmarking
document, found on NI Developer Zone, for more information.
» For complete WSN-3212 thermocouple input node specifications, see
the NI WSN-3212 User Guide and Specifications manual at ni.com/manuals.
Analog Input Characteristics
Number of channels.............................. Thermocouple input channels
ADC resolution...................................... 24 bits
Type of ADC........................................... delta-sigma
Voltage measurement range................. ±73 mV
Common-mode range
Channel-to-common ......................... ±700 mV
Common-mode rejection ratio (0 to 60 Hz)
Channel-to-common ......................... 95 dB
Temperature measurement ranges
Thermocouple types J, K,
R, S, T, N, and B ........................... Works over temperature ranges
defined by NIST
Thermocouple type E........................ -270 to 950 °C
Minimum sample interval1.................... 2 seconds
Input bandwidth (-3 dB)......................... 1 Hz
Noise rejection...................................... 65 dB min at 50/60 Hz
Overvoltage protection.......................... ±30 V between any input and common
Differential input impedance................ 20 MΩ
Input current.......................................... 50 nA
Input noise............................................. 0.5 μV
rms
Gain error .............................................. 0.02% max at 25 °C,
0.03% typ at -40 to 70 °C,
0.1% max at -40 to 70 °C
Offset error (with autozero)................... 11 μV typ, 12.5 μV max
1
Minimum sample interval for WSN-3212 can be improved by customizing node behavior with the
LabVIEW Wireless Sensor Network (WSN) Module Pioneer. See the LabVIEW WSN Benchmarking
document, found on NI Developer Zone, for more information.
Digital I/O
Static Characteristics
Number of channels.............................. 4 bidirectional, individually settable
Modes (configurable per channel) ........ Drive High Only, Drive Low Only,
Drive High and Low, and Tristate
Voltage range
Input.................................................. 0 to 30 V
Output (sourcing) .............................. 5 to 30 V
Output current (sourcing or sinking)...... 500 mA max on any one channel,
500 mA total for all four channels
Power-on output state .......................... High impedance, tristate
DIO power supply voltage range........... 5 to 30 V
Digital input logic levels
Input high range................................ 1.65 to 30 V
Input low range................................. 0 to 0.45 V
Input current
0 V input............................................ -160 μA
5 V input............................................ 125 μA
30 V input.......................................... 220 μA
DIO output voltage drop
Sourcing............................................ 0.5 V at 0.1 A; 0.763 V at 0.5 A
Sinking.............................................. 0.057 V at 0.1 A; 0.286 V at 0.5 A
DIO overcurrent fuse
Maximum voltage............................. 30 V
Hold current...................................... 1.1 A at 25 °C
Trip time............................................ 2.5 s at 5 A at 25 °C
Dynamic Characteristics
Output delay time
Sinking, 10 kΩ pull up....................... 15 μs
Sourcing, 10 kΩ pull down ............... 3.5 ms
Power Requirements
Caution: Use the WSN-3212 with a 24 VDC, UL-listed, limited power source
(LPS) supply. The power supply bears the UL-listed mark, LPS. It must also meet
any safety and compliance requirements for the country of use. Do not use
rechargeable batteries.
The following power requirements specifications are typical at 25 °C.
Battery Power
Internal battery
Type................................................... 4 AA, alkaline only
Voltage range ................................... 3.6 to 7.5 V
Power consumption1, 3
60-second sample interval ............... 0.4 mW at 6 V
2-second sample interval ................. 7.4 mW at 6 V
Battery life1
60-second sample interval ............... Up to 3 years
2-second sample interval ................. Up to 2 months
External Power
Voltage range........................................ 9 to 30 V
Power input mating connector.............. 2-position MINI-COMBICON,
Phoenix Contact part number: 1714977
Wireless Sensor Network Programmable Analog Input Measurement Nodes


Similar Part No. - NIWSN-3281

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIWSN-3281 NI-NIWSN-3281 Datasheet
973Kb / 6P
   Wireless Sensor Network Ethernet Gateway
NIWSN-3281 NI-NIWSN-3281 Datasheet
811Kb / 4P
   Wireless Sensor Network Accessories
More results

Similar Description - NIWSN-3281

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
RS232 NI-RS232 Datasheet
477Kb / 7P
   Wireless Sensor Network Serial Nodes NI WSN-3230 (RS232), NI WSN-3231 (RS485)
logo
List of Unclassifed Man...
V-LINK-200 ETC1-V-LINK-200 Datasheet
715Kb / 2P
   Wireless 8 Channel Analog Input Sensor Node
V-LINK-200CEVERSION ETC1-V-LINK-200CEVERSION Datasheet
12Mb / 97P
   Wireless 8 Channel Analog Input Sensor Node
I
logo
National Instruments Co...
WSN-3280 NI-WSN-3280 Datasheet
811Kb / 4P
   Wireless Sensor Network Accessories
logo
RF Monolithics, Inc
WSN802G RFM-WSN802G Datasheet
7Mb / 101P
   802.11g Wireless Sensor Network Modules
logo
Murata Manufacturing Co...
WSN802GP MURATA-WSN802GP Datasheet
549Kb / 7P
   802.11g Wireless Sensor Network Module
WSN802GPA MURATA-WSN802GPA Datasheet
544Kb / 6P
   802.11g Wireless Sensor Network Modules
logo
RF Monolithics, Inc
WSN802GCA RFM-WSN802GCA Datasheet
544Kb / 6P
   802.11g Wireless Sensor Network Modules
logo
National Instruments Co...
WSN-9791 NI-WSN-9791 Datasheet
973Kb / 6P
   Wireless Sensor Network Ethernet Gateway
logo
Murata Manufacturing Co...
WSN802GC MURATA-WSN802GC Datasheet
549Kb / 7P
   802.11g wireless Sensor Network Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com