Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBT5551LT3G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMBT5551LT3G
Description  High Voltage Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBT5551LT3G Datasheet(HTML) 5 Page - ON Semiconductor

  MMBT5551LT3G Datasheet HTML 1Page - ON Semiconductor MMBT5551LT3G Datasheet HTML 2Page - ON Semiconductor MMBT5551LT3G Datasheet HTML 3Page - ON Semiconductor MMBT5551LT3G Datasheet HTML 4Page - ON Semiconductor MMBT5551LT3G Datasheet HTML 5Page - ON Semiconductor MMBT5551LT3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMBT5550LT1G, MMBT5551LT1G
http://onsemi.com
5
IC, COLLECTOR CURRENT (mA)
1000
1.0
10
0.1
1
10
100
100
1000
VCE = 1 V
TA = 25°C
Figure 10. Current Gain Bandwidth Product
VCE, COLLECTOR EMITTER VOLTAGE (V)
1
1.0
10
0.001
0.01
0.1
100
1000
10 mS
Figure 11. Safe Operating Area
1.0 S
VR, REVERSE VOLTAGE (VOLTS)
100
1.0
0.2
0.5
1.0
2.0
5.0
10
20
Cibo
70
50
30
20
10
7.0
5.0
3.0
2.0
0.3
0.7
3.0
7.0
Cobo
TJ = 25°C
IC, COLLECTOR CURRENT (mA)
1000
0.3
1.0
10
20 30
50
0.5
0.2
10
20
30
50
100
200
300
500
2.0
100
200
IC/IB = 10
TJ = 25°C
tr @ VCC = 120 V
3.0 5.0
tr @ VCC = 30 V
td @ VEB(off) = 1.0 V
VCC = 120 V
Figure 12. Capacitances
Figure 13. Turn−On Time


Similar Part No. - MMBT5551LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT5551LT3G ONSEMI-MMBT5551LT3G Datasheet
97Kb / 6P
   High Voltage Transistors
December, 2004 ??Rev. 4
MMBT5551LT3G ONSEMI-MMBT5551LT3G Datasheet
183Kb / 6P
   High Voltage Transistors
October, 2016 ??Rev. 12
More results

Similar Description - MMBT5551LT3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFN16 INFINEON-BFN16 Datasheet
47Kb / 5P
   NPN Silicon High-Voltage Transistors
Nov-30-2001
logo
Leshan Radio Company
MMBTA42LT1 LRC-MMBTA42LT1 Datasheet
102Kb / 3P
   High Voltage Transistors(NPN Silicon)
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1 Datasheet
99Kb / 4P
   High Voltage Transistors(NPN Silicon)
November, 2003 ??Rev. 5
logo
Leshan Radio Company
MMBT5550LT1 LRC-MMBT5550LT1 Datasheet
165Kb / 4P
   High Voltage Transistors(NPN Silicon)
logo
TRANSYS Electronics Lim...
2N3439 TEL-2N3439 Datasheet
62Kb / 2P
   NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Infineon Technologies A...
BFN24 INFINEON-BFN24_07 Datasheet
74Kb / 7P
   NPN Silicon High-Voltage Transistors
2007-04-20
BFN38 INFINEON-BFN38 Datasheet
67Kb / 6P
   NPN Silicon High-Voltage Transistors
2007-03-29
logo
Siemens Semiconductor G...
SXTA42 SIEMENS-SXTA42 Datasheet
138Kb / 4P
   NPN Silicon High Voltage Transistors
logo
ON Semiconductor
MMBT5550LT1 ONSEMI-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors(NPN Silicon)
MPSA42 ONSEMI-MPSA42 Datasheet
85Kb / 4P
   High Voltage Transistors(NPN Silicon)
1998 REV 1
logo
New Jersey Semi-Conduct...
MJ410 NJSEMI-MJ410 Datasheet
133Kb / 2P
   High Voltage NPN Silicon Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com