Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NITB-2643 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NITB-2643
Description  High-Density Multiconfiguration Matrix Switch Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NITB-2643 Datasheet(HTML) 1 Page - National Instruments Corporation

  NITB-2643 Datasheet HTML 1Page - National Instruments Corporation NITB-2643 Datasheet HTML 2Page - National Instruments Corporation NITB-2643 Datasheet HTML 3Page - National Instruments Corporation NITB-2643 Datasheet HTML 4Page - National Instruments Corporation NITB-2643 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NI PXI-2531, NI PXIe-2531, NI PXI-2532, NI PXIe-2532
High-Density Multiconfiguration Matrix Switch Modules
Overview
The NI PXI-2531, PXIe-2531, PXI-2532, and PXIe-2532 are 512-crosspoint,
high-speed matrix switch modules. With the ability to create up to a 4x2176 or
8x1088 one-wire matrix in a single PXI chassis and even larger configurations
with multichassis solutions, an NI 2531/2 is ideal for high-channel-count
automated test configurations. Featuring compact reed relays with switching
speeds up to 2,000 cycles/s and the ability to synchronize with instruments,
these modules provide maximum throughput in a test system for signals up to
100 VDC/100 VAC or 0.5 A.
Matrix Operation
The NI 2531/2 modules are general-purpose matrices used to route referenced
or differential signals. Through software, you can control the modules to connect
any row to any column. One of the key advantages of these matrices is you can
adapt them to your switching needs. You can configure them in many different
matrix configurations by using NI terminal blocks listed. For example, you can
create a 4x128 one-wire matrix by using the TB-2640 terminal block with an NI
2531/2 module. You can easily transform the same module into an 8x64
one-wire matrix by using a TB-2641 terminal block. Because the NI 2531/2
modules are built with sixteen 2x16 matrices, you can also create matrix sizes
outside the standard terminal block configurations. Other one-wire configurations
include a 16x32 matrix or four independent 4x32 matrices. In a two-wire
configuration, you can build a dual 4x32 or 16x16 matrix. Contact NI for more
information on creating custom configurations.
Relay Count Tracking
An NI 2531/2 counts relay closures on each of its 512 relays. Relay counts are
incremented each time a relay is actuated. You can programmatically retrieve
the counts, which are stored on board the module, and use them for predictive
maintenance to reduce unexpected system downtime.
Automatic Scanning
These modules maximize throughput in automated test applications by the
use of scanning. Scanning improves throughput by downloading a list of up to
32,000 connections to the switch and cycling through the list using an event
(trigger) without any interruption from the host processor. You can most
efficiently implement scanning by mating an NI 2531/2 with an instrument
such as the NI PXI-4070 6½-digit FlexDMM, which issues a trigger after
each measurement.
512-crosspoint matrix in a single
3U PXI slot
4x128 (1-wire), 8x64 (1-wire),
4x64 (2-wire), and 8x32 (2-wire)
matrix configurations
Switch capacity
NI 2531: Up to 60 VDC/30 VAC, 0.5 A
NI 2532: Up to 100 VDC/100 VAC, 0.5 A
2,000 cycles/s
32,000-step scan list for
deterministic scanning
Fully software programmable
Onboard relay count tracking
Multiple-module synchronization
with hardware triggers
Sixteen 2x16 matrix banks for
custom matrix configurations
Available in both PXI and PXI Express
versions for optimal slot placement
Operating Systems
Windows XP/2000/NT
Recommended Software
LabVIEW
LabWindows
/CVI
Measurement Studio
for Visual C++
NI Switch Executive
Other Compatible Software
Visual Basic
ANSI C/C++
Driver Software (included)
NI-SWITCH
NI-DAQmx
Compliance
UL (NI 2532 only)
CE
Module
Maximum Voltage
Maximum Current
Module Connector
Terminal Block Connector
NI 2531
60 VDC, 30 VAC
0.5 A per channel (10 W max)
2x 150 pos, Samtec ERM8 series (optimized for ruggedness)
2x female VHDCI (with optional screw terminal breakout)
NI 2532
100 VDC, 100 VAC
0.5 A per channel (10 W max)
2x 160 pos, Samtec BTE-EM (optimized for high voltage)
Standard 0.050 in. pitch headers to ribbon cables
(with optional screw terminal breakout)


Similar Part No. - NITB-2643

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NITBX-1316 NI-NITBX-1316 Datasheet
130Kb / 3P
   SCXI High-Voltage Attenuator Terminal Block
More results

Similar Description - NITB-2643

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-2529 NI-PXI-2529 Datasheet
569Kb / 5P
   High-Density Multiconfiguration Matrix Modules
PXI-2530 NI-PXI-2530 Datasheet
198Kb / 4P
   High-Density Multiconfiguration Multiplexer/Matrix
logo
Keysight Technologies
M9122A KEYSIGHT-M9122A Datasheet
533Kb / 14P
   PXI Matrix Switch Modules
M9120A KEYSIGHT-M9120A_17 Datasheet
2Mb / 14P
   PXI Matrix Switch Modules
M9121A KEYSIGHT-M9121A Datasheet
533Kb / 14P
   PXI Matrix Switch Modules
M9120A KEYSIGHT-M9120A Datasheet
533Kb / 14P
   PXI Matrix Switch Modules
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
List of Unclassifed Man...
PS50-12S25 ETC2-PS50-12S25 Datasheet
266Kb / 4P
   High Density DC-DC Modules
logo
California Eastern Labs
ZMXM-400 CEL-ZMXM-400 Datasheet
1Mb / 13P
   MATRIX TRANSCEIVER MODULES
logo
Red Lion Controls. Inc
E3_IO REDLION-E3_IO Datasheet
636Kb / 3P
   Rugged High-Density I/O Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com