Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2402 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # CP2402
Description  128/64 SEGMENT LCD DRIVER
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

CP2402 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button CP2402 Datasheet HTML 7Page - Silicon Laboratories CP2402 Datasheet HTML 8Page - Silicon Laboratories CP2402 Datasheet HTML 9Page - Silicon Laboratories CP2402 Datasheet HTML 10Page - Silicon Laboratories CP2402 Datasheet HTML 11Page - Silicon Laboratories CP2402 Datasheet HTML 12Page - Silicon Laboratories CP2402 Datasheet HTML 13Page - Silicon Laboratories CP2402 Datasheet HTML 14Page - Silicon Laboratories CP2402 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
CP2400/1/2/3
Rev. 1.0
11
2.
Absolute Maximum Ratings
Table 2.1. Absolute Maximum Ratings
Parameter
Conditions
Min
Typ
Max
Units
Ambient temperature under bias
–55
125
°C
Storage Temperature
–65
150
°C
Voltage on any I/O Pin or RST with respect to GND
VDD > 2.2 V
VDD < 2.2 V
–0.3
5.8
VDD + 3.6
V
Voltage on VDD with respect to GND
–0.3
4.2
V
Maximum Total current through VDD and GND
500
mA
Maximum output current sunk by RST or any I/O pin
100
mA
Note: Stresses above those listed may cause permanent damage to the device. This is a stress rating only, and functional
operation of the devices at or exceeding the conditions in the operation listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods may affect device reliability.


Similar Part No. - CP2402

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2402-GM SILABS-CP2402-GM Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
More results

Similar Description - CP2402

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
logo
Rohm
BU9728AKV ROHM-BU9728AKV_08 Datasheet
593Kb / 24P
   For 128-140 Segment type LCD LCD Segment Driver
logo
List of Unclassifed Man...
SED1180 ETC-SED1180 Datasheet
44Kb / 10P
   CMOS LCD 64-SEGMENT DRIVER
logo
LDT Co., Ltd
LD3003 LDT-LD3003 Datasheet
519Kb / 16P
   128 Segment LCD Controller and Driver
logo
NXP Semiconductors
MC14LC5002 NXP-MC14LC5002 Datasheet
354Kb / 17P
   72-Segment / 128-Segment LCD Drivers
REV 7 02/98
logo
Motorola, Inc
MC14LC5002 MOTOROLA-MC14LC5002 Datasheet
458Kb / 17P
   72-Segment / 128-Segment LCD Drivers
logo
New Japan Radio
NJU6417C NJRC-NJU6417C Datasheet
304Kb / 9P
   DOT MATRIX LCD 64-OUT SEGMENT DRIVER?
logo
Sharp Corporation
LH155BA SHARP-LH155BA Datasheet
288Kb / 51P
   128-Segment and 64-Common Outputs LCD Driver IC with A Built-in RAM
logo
Samsung semiconductor
S6B0108 SAMSUNG-S6B0108 Datasheet
165Kb / 23P
   64 CH SEGMENT DRIVER FOR DOT MATRIX LCD
logo
Motorola, Inc
MC145003 MOTOROLA-MC145003 Datasheet
146Kb / 14P
   128 SEGMENT LCD DRIVERS CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com