Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3Z5V6ST1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MM3Z5V6ST1
Description  Zener Voltage Regulators 200 mW SOD??23 Surface Mount Tight Tolerance Portfolio
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MM3Z5V6ST1 Datasheet(HTML) 1 Page - ON Semiconductor

  MM3Z5V6ST1 Datasheet HTML 1Page - ON Semiconductor MM3Z5V6ST1 Datasheet HTML 2Page - ON Semiconductor MM3Z5V6ST1 Datasheet HTML 3Page - ON Semiconductor MM3Z5V6ST1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 16
1
Publication Order Number:
MM3Z2V4ST1/D
MM3Z3V3ST1 SERIES
Zener Voltage Regulators
200 mW SOD−323 Surface Mount
Tight Tolerance Portfolio
This series of Zener diodes is packaged in a SOD−323 surface
mount package that has a power dissipation of 200 mW. They are
designed to provide voltage regulation protection and are especially
attractive in situations where space is at a premium. They are well
suited for applications such as cellular phones, hand−held portables,
and high density PC boards.
Specification Features:
Standard Zener Breakdown Voltage Range −
3.3 V to 36 V
Steady State Power Rating of 200 mW
Small Body Outline Dimensions:
0.067
″ x 0.049″ (1.7 mm x 1.25 mm)
Low Body Height: 0.035″ (0.9 mm)
Package Weight: 4.507 mg/unit
ESD Rating of Class 3 (>16 kV) per Human Body Model
Tight Tolerance VZ
Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded plastic
FINISH:
All external surfaces are corrosion resistant
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
LEADS:
Plated with Pb−Sn or Sn only (Pb−Free)
POLARITY:
Cathode indicated by polarity band
FLAMMABILITY RATING:
UL 94 V−0
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Device Dissipation FR−5 Board,
(Note 1) @ TA = 25°C
Derate above 25°C
PD
200
1.5
mW
mW/°C
Thermal Resistance from
Junction−to−Ambient
RqJA
635
°C/W
Junction and Storage
Temperature Range
TJ, Tstg −65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 Minimum Pad.
Device
Package
Shipping
ORDERING INFORMATION
SOD−323
CASE 477
STYLE 1
1
Cathode
2
Anode
MM3ZxxxST1
SOD−323
3000/Tape & Reel
MARKING
DIAGRAM
See specific marking information in the device marking
column of the Electrical Characteristics table on page 2 of
this data sheet.
DEVICE MARKING INFORMATION
XX = Specific Device Code
M = Date Code*
G = Pb−Free Package
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
MM3ZxxxST3
SOD−323 10,000/Tape & Reel
MM3ZxxxST1G
SOD−323
(Pb−Free)
3000/Tape & Reel
MM3ZxxxST3G
SOD−323
(Pb−Free)
10,000/Tape & Reel
1
2
XXMG
G
*Date Code orientation may vary
depending upon manufacturing location.
(Note: Microdot may be in either location)


Similar Part No. - MM3Z5V6ST1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM3Z5V6ST1 ONSEMI-MM3Z5V6ST1 Datasheet
45Kb / 4P
   Zener Voltage Regulators
November, 2004 ??Rev. 10
MM3Z5V6ST1G ONSEMI-MM3Z5V6ST1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
June, 2013 ??Rev. 20
MM3Z5V6ST1G ONSEMI-MM3Z5V6ST1G Datasheet
107Kb / 5P
   300 mW SOD??23 Surface Mount Tight Tolerance Portfolio
January, 2014 ??Rev. 22
MM3Z5V6ST1G ONSEMI-MM3Z5V6ST1G Datasheet
68Kb / 5P
   Zener Voltage Regulators
December, 2015 ??Rev. 24
More results

Similar Description - MM3Z5V6ST1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM3Z2V4ST1 ONSEMI-MM3Z2V4ST1_07 Datasheet
52Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount Tight Tolerance Portfolio
February, 2007 ??Rev. 13
MM3Z5V1ST1G ONSEMI-MM3Z5V1ST1G Datasheet
107Kb / 5P
   200 mW SOD??23 Surface Mount Tight Tolerance Portfolio
June, 2013 ??Rev. 20
SZMM3Z5V1ST1G ONSEMI-SZMM3Z5V1ST1G Datasheet
107Kb / 5P
   300 mW SOD??23 Surface Mount Tight Tolerance Portfolio
January, 2014 ??Rev. 22
logo
Leshan Radio Company
LM3ZXXT1 LRC-LM3ZXXT1 Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NZ9F2V4ST5G ONSEMI-NZ9F2V4ST5G Datasheet
99Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
May, 2008 ??Rev. 0
MM5Z2V4T1 ONSEMI-MM5Z2V4T1_05 Datasheet
53Kb / 4P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2005 ??Rev. 5
logo
Leshan Radio Company
LM3Z9V1T1G LRC-LM3Z9V1T1G Datasheet
106Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
ON Semiconductor
NSZ5V6V2 ONSEMI-NSZ5V6V2 Datasheet
51Kb / 3P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
August, 2018 ??Rev. 1
SZMM3Z3V3T1G ONSEMI-SZMM3Z3V3T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
January, 2012 ??Rev. 9
MM3Z2V4T1 ONSEMI-MM3Z2V4T1_06 Datasheet
58Kb / 5P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com