Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22M1SCXLGXC-YYT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY22M1SCXLGXC-YYT
Description  Single Output, Low Power Programmable Clock Generator for Portable Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22M1SCXLGXC-YYT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY22M1SCXLGXC-YYT Datasheet HTML 1Page - Cypress Semiconductor CY22M1SCXLGXC-YYT Datasheet HTML 2Page - Cypress Semiconductor CY22M1SCXLGXC-YYT Datasheet HTML 3Page - Cypress Semiconductor CY22M1SCXLGXC-YYT Datasheet HTML 4Page - Cypress Semiconductor CY22M1SCXLGXC-YYT Datasheet HTML 5Page - Cypress Semiconductor CY22M1SCXLGXC-YYT Datasheet HTML 6Page - Cypress Semiconductor CY22M1SCXLGXC-YYT Datasheet HTML 7Page - Cypress Semiconductor CY22M1SCXLGXC-YYT Datasheet HTML 8Page - Cypress Semiconductor CY22M1SCXLGXC-YYT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MoBL® UniClock CY22M1
PRELIMINARY
Document Number: 001-49075 Rev. *C
Page 2 of 12
Pin Description
Figure 1. Package Pinout Drawing: CY22M1 8-Pin 1.7 x 1.7 mm2 QFN
Table 1. Pin Definition: CY22M1 8-Pin 1.7 x 1.7 mm2 QFN
Pin Number
Name
IO
Description
1
XOUT
Output
Crystal output. Float for external clock input.
2
XIN/CLKIN
Input
Crystal or external clock input.
3
PD#/OE
Input
Multifunction pin. Active low power down or active high output enable pin. Has weak
internal pull up.
4
GND
Power
Power supply ground.
5
NC
No connect. Pin has no internal connection.
6
CLKOUT
Output
Programmable clock output. Output voltage depends on VDD. Has weak internal
pull down.
7
NC
No connect. Pin has no internal connection.
8
VDD
Power
Programmable power supply:
CY22M1S: 2.5V, 3.0V, 3.3V (standard voltage)
CY22M1L: 1.8V (low voltage)
CY22M1
8-Pin QFN
6
5
8
7
1
2
3
4
XOUT
XIN/CLKIN
NC
CLKOUT
[+] Feedback


Similar Part No. - CY22M1SCXLGXC-YYT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22050 CYPRESS-CY22050 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY220501 CYPRESS-CY220501 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY220501 CYPRESS-CY220501 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
More results

Similar Description - CY22M1SCXLGXC-YYT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
M200 CYPRESS-M200 Datasheet
477Kb / 17P
   Two-PLL Programmable Clock Generator for Portable Applications
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
   SINGLE OUTPUT CLOCK GENERATOR
IDT5V926A IDT-IDT5V926A Datasheet
101Kb / 6P
   Single Output Clock Generator
logo
Skyworks Solutions Inc.
SI51214 SKYWORKS-SI51214 Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
SI51211 SKYWORKS-SI51211 Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.0
SI51218 SKYWORKS-SI51218 Datasheet
1Mb / 15P
   Three Output Factory Programmable Clock Generator
Rev. 1.1
SI51210 SKYWORKS-SI51210 Datasheet
1Mb / 15P
   Two Output Factory Programmable Clock Generator
Rev. 1.1
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com